Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE7810G Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # TLE7810G
Description  Integrated double low-side switch, high-side/LED driver, hall supply, wake-up inputs and LIN communication with embedded MCU (16kB Flash)
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7810G Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button TLE7810G Datasheet HTML 4Page - Infineon Technologies AG TLE7810G Datasheet HTML 5Page - Infineon Technologies AG TLE7810G Datasheet HTML 6Page - Infineon Technologies AG TLE7810G Datasheet HTML 7Page - Infineon Technologies AG TLE7810G Datasheet HTML 8Page - Infineon Technologies AG TLE7810G Datasheet HTML 9Page - Infineon Technologies AG TLE7810G Datasheet HTML 10Page - Infineon Technologies AG TLE7810G Datasheet HTML 11Page - Infineon Technologies AG TLE7810G Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 53 page
background image
TLE7810G
Pin Definitions and Functions
Data Sheet
8
Rev. 3.01, 2008-04-15
4LIN
LIN Bus; Bus Line for the LIN interface, according to ISO 9141 and LIN specification
1.3 and 2.0
24
SUPPLY
Supply Output; e.g. for Hall Sensor; controlled via SPI
5LS2
Low Side Switch 2 Output; controlled via SPI
6LS1
Low Side Switch 1 Output; controlled via SPI
9P0.3
General Purpose I/O with PWM Functionality
(alternate function: SCK, see XC866 data sheet)
10
P0.4
General Purpose I/O with Capture and PWM Functionality
(alternate function: MTSR, see XC866 data sheet)
11
P0.5
General Purpose I/O with PWM Functionality
(alternate function: MRST and EXINT0 ,see XC866 data sheet)
13
V
DDC
Voltage Regulator Output for
μController Core (2.5 V); for connection of block
capacitor to GND; not to be used for external loads
14
TMS
Test Mode Select (JTAG)
15
P0.0
[TCK_0]
General Purpose I/O; see XC866 data sheet
(alternate function: JTAG Clock Input)
16
P0.2
[TDO_0]
General Purpose I/O; see XC866 data sheet
(alternate function: JTAG Serial Data Output; RxD1)
17
P0.1
[TDI_0]
General Purpose I/O; see XC866 data sheet
(alternate function: JTAG Serial Data Input; TxD1)
18
P2.0
General Purpose Input (digital/analog) with Capture Functionality; e.g. for Hall
Sensor (alternate function: EXINT1)
19
P2.1
General Purpose Input (digital/analog) with Capture Functionality; e.g. for Hall
Sensor (alternate function: EXINT2)
20
V
DDP
Voltage Supply Input for
μController I/Os (5 V); to be connected with V
CC pin
–RxD
LIN Transceiver Data Output; according to the ISO 9141 and LIN specification 1.3
and 2.0; LOW in dominant state; connected to µC General Purpose Input P1.0
–TxD
LIN Transceiver Data Input; according to ISO 9141 and LIN specification 1.3 and
2.0; TxD has an internal pull-up; connected to µC General Purpose Input P1.1
–DI
SPI Data Input; receives serial data from the control device; serial data transmitted
to DI is a 16-bit control word with the Least Significant Bit (LSB) transferred first: the
input has a pull-down and requires CMOS logic level inputs; DI will accept data on
the falling edge of CLK-signal; connected to µC General Purpose Input P1.3
–DO
SPI Data Output; this tri-state output transfers diagnosis data to the control device;
the output will remain in the high-impedance state unless the device is selected by a
low on Chip-Select-Not (CSN); connected to µC General Purpose Input P1.4
(EXTINT0_1)
–CLK
SPI Clock Input; clock input for shift register; CLK has an internal pull-down and
requires CMOS logic level inputs; connected to µC General Purpose Input P1.2
–CSN
SPI Chip Select Not Input; CSN is an active low input; serial communication is
enabled by pulling the CSN terminal low; CSN input should only be transitioned when
CLK is low; CSN has an internal pull-up and requires CMOS logic level inputs;
connected to µC General Purpose Input P1.5
V
AREF
Voltage Reference for ADC
Pin No. Symbol
Function


Similar Part No. - TLE7810G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE7809G INFINEON-TLE7809G Datasheet
891Kb / 52P
   Integrated double low-side switch, high-side/LED driver, hall supply, wake-up inputs and LIN communication with embedded MCU (16kB Flash)
Rev. 3.01, April 2008
TLE7824G INFINEON-TLE7824G Datasheet
906Kb / 53P
   Integrated double low-side switch, high-side/LED driver, hall supply, wake-up inputs and LIN communication with embedded MCU (24kB Flash)
Rev. 3.01, April 2008
TLE7826G INFINEON-TLE7826G Datasheet
906Kb / 53P
   Integrated double low-side switch, high-side/LED driver, hall supply, wake-up inputs and LIN communication with embedded MCU (32kB Flash)
Rev. 3.01, April 2008
More results

Similar Description - TLE7810G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE7809G INFINEON-TLE7809G Datasheet
891Kb / 52P
   Integrated double low-side switch, high-side/LED driver, hall supply, wake-up inputs and LIN communication with embedded MCU (16kB Flash)
Rev. 3.01, April 2008
TLE7824G INFINEON-TLE7824G Datasheet
906Kb / 53P
   Integrated double low-side switch, high-side/LED driver, hall supply, wake-up inputs and LIN communication with embedded MCU (24kB Flash)
Rev. 3.01, April 2008
TLE7826G INFINEON-TLE7826G Datasheet
906Kb / 53P
   Integrated double low-side switch, high-side/LED driver, hall supply, wake-up inputs and LIN communication with embedded MCU (32kB Flash)
Rev. 3.01, April 2008
logo
Motorola, Inc
MM908E624 MOTOROLA-MM908E624 Datasheet
453Kb / 32P
   TRIPLE HIGH-SIDE SWITCH WITH EMBEDDED MCU AND LIN
logo
Freescale Semiconductor...
908E624 FREESCALE-908E624 Datasheet
576Kb / 40P
   Integrated Triple High-Side Switch with Embedded MCU and LIN Serial Communication for Relay Drivers
908E624 FREESCALE-908E624_12 Datasheet
686Kb / 39P
   Integrated Triple High Side Switch Embedded MCU and Lin Serial Communication for Relay Drivers
908E626 FREESCALE-908E626_12 Datasheet
811Kb / 43P
   Integrated Stepper Motor Driver with Embedded MCU and LIN Serial Communication
908E626 FREESCALE-908E626_09 Datasheet
839Kb / 44P
   Integrated Stepper Motor Driver with Embedded MCU and LIN Serial Communication
908E626 FREESCALE-908E626 Datasheet
678Kb / 38P
   Integrated Stepper Motor Driver with Embedded MCU and LIN Serial Communication
908E626 FREESCALE-908E626_08 Datasheet
1Mb / 44P
   Integrated Stepper Motor Driver with Embedded MCU and LIN Serial Communication
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com