Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS871004AGI-04LFT Datasheet(PDF) 7 Page - Integrated Device Technology

Part # ICS871004AGI-04LFT
Description  DIFFERENTIAL-TO-0.7V DIFFERENTIAL PCI EXPRESS??JITTER ATTENUATOR
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS871004AGI-04LFT Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button ICS871004AGI-04LFT Datasheet HTML 3Page - Integrated Device Technology ICS871004AGI-04LFT Datasheet HTML 4Page - Integrated Device Technology ICS871004AGI-04LFT Datasheet HTML 5Page - Integrated Device Technology ICS871004AGI-04LFT Datasheet HTML 6Page - Integrated Device Technology ICS871004AGI-04LFT Datasheet HTML 7Page - Integrated Device Technology ICS871004AGI-04LFT Datasheet HTML 8Page - Integrated Device Technology ICS871004AGI-04LFT Datasheet HTML 9Page - Integrated Device Technology ICS871004AGI-04LFT Datasheet HTML 10Page - Integrated Device Technology ICS871004AGI-04LFT Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
IDT/ ICS0.7V DIFFERENTIAL JITTER ATTUNUATOR
7
ICS871004AGI-04 REV A JANUARY 17, 2008
ICS871004I-04
DIFFERENTIAL-TO-0.7V DIFFERENTIAL PCI EXPRESS™ JITTER ATTENUATOR
PRELIMINARY
PARAMETER MEASUREMENT INFORMATION
CYCLE-TO-CYCLE JITTER
DIFFERENTIAL INPUT LEVEL
3.3V HCSL OUTPUT LOAD AC TEST CIRCUIT - TBD
V
CMR
Cross Points
V
PP
GND
CLK
nCLK
V
DD
tjit(cc) = tcycle n –tcycle n+1
1000 Cycles
tcycle n
tcycle n+1
Q0:Q3
nQ0:nQ3
475
Ω
Measurement
Point
33
Ω
100
Ω
100
Ω
33
Ω
Measurement
Point
49.9
Ω
49.9
Ω
HSCL
GND
2pF
2pF
V
DD
V
DDA
DIFFERENTIAL MEASUREMENT POINTS FOR DUTY CYCLE/PERIOD
SE MEASUREMENT POINTS FOR RISE/FALL TIME MATCHING


Similar Part No. - ICS871004AGI-04LFT

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS871004I-04 RENESAS-ICS871004I-04 Datasheet
1Mb / 20P
   Differential-to-HCSL Differential PCI EXPRESS™ Jitter Attenuator
SEPTEMBER 5, 2012
More results

Similar Description - ICS871004AGI-04LFT

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
871002AGI-02LF IDT-871002AGI-02LF Datasheet
795Kb / 16P
   Differential-to-0.7V HCSL Differential PCI EXPRESS??Jitter Attenuator
ICS8741004I IDT-ICS8741004I Datasheet
1Mb / 20P
   DIFFERENTIAL-TO-LVDS/0.7V DIFFERENTIAL PCI EXPRESS??JITTER ATTENUATOR
logo
Renesas Technology Corp
ICS871S1022 RENESAS-ICS871S1022 Datasheet
970Kb / 23P
   Differential-to-0.7V Differential PCI Express™ Jitter Attenuator
2019
logo
Integrated Device Techn...
ICS8741004 IDT-ICS8741004_1 Datasheet
1Mb / 19P
   DIFFERENTIAL-TO-LVDS/0.7V DIFFERENTIAL PCI EXPRESS??JITTER ATTENUATOR
ICS8741004 IDT-ICS8741004 Datasheet
793Kb / 17P
   DIFFERENTIAL-TO-LVDS/0.7V DIFFERENTIAL PCI EXPRESS??JITTER ATTENUATOR
logo
Renesas Technology Corp
8741004I RENESAS-8741004I Datasheet
633Kb / 23P
   Differential-to-LVDS/0.7V Differential PCI Express™ Jitter Attenuator
January 27, 2016
871002I-02 RENESAS-871002I-02 Datasheet
353Kb / 17P
   Differential-to-0.7V HCSL Differential PCI EXPRESS™ Jitter Attenuator
7/13/15
8741004 RENESAS-8741004 Datasheet
606Kb / 20P
   Differential-to-LVDS/0.7V Differential PCI Express™ Jitter Attenuator
7/20/15
ICS871004I-04 RENESAS-ICS871004I-04 Datasheet
1Mb / 20P
   Differential-to-HCSL Differential PCI EXPRESS™ Jitter Attenuator
SEPTEMBER 5, 2012
logo
Integrated Device Techn...
ICS874003-05 IDT-ICS874003-05 Datasheet
807Kb / 18P
   PCI EXPRESS??JITTER ATTENUATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com