Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM6A9160TSA Datasheet(PDF) 6 Page - Etron Technology, Inc.

Part # EM6A9160TSA
Description  8M x 16 DDR Synchronous DRAM (SDRAM)
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETRON [Etron Technology, Inc.]
Direct Link  http://www.etron.com
Logo ETRON - Etron Technology, Inc.

EM6A9160TSA Datasheet(HTML) 6 Page - Etron Technology, Inc.

Back Button EM6A9160TSA Datasheet HTML 2Page - Etron Technology, Inc. EM6A9160TSA Datasheet HTML 3Page - Etron Technology, Inc. EM6A9160TSA Datasheet HTML 4Page - Etron Technology, Inc. EM6A9160TSA Datasheet HTML 5Page - Etron Technology, Inc. EM6A9160TSA Datasheet HTML 6Page - Etron Technology, Inc. EM6A9160TSA Datasheet HTML 7Page - Etron Technology, Inc. EM6A9160TSA Datasheet HTML 8Page - Etron Technology, Inc. EM6A9160TSA Datasheet HTML 9Page - Etron Technology, Inc. EM6A9160TSA Datasheet HTML 10Page - Etron Technology, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 51 page
background image
EtronTech
EM6A9160TSA
Etron Confidential
6
Rev. 1.1
Aug. 2009
Mode Register Set (MRS)
The Mode Register stores the data for controlling various operating modes of a DDR SDRAM. It programs CAS
Latency, Burst Type, and Burst Length to make the DDR SDRAM useful for a variety of applications. The default
value of the Mode Register is not defined; therefore the Mode Register must be written by the user. Values stored
in the register will be retained until the register is reprogrammed. The Mode Register is written by asserting Low
on CS , RAS , CAS , WE , BA1 and BA0 (the device should have all banks idle with no bursts in progress prior to
writing into the mode register, and CKE should be High). The state of address pins A0~A11 and BA0, BA1 in the
same cycle in which CS , RAS , CAS and WE are asserted Low is written into the Mode Register. A minimum of
two clock cycles, tMRD, are required to complete the write operation in the Mode Register. The Mode Register is
divided into various fields depending on functionality. The Burst Length uses A0~A2, Burst Type uses A3, and
CAS Latency (read latency from column address) uses A4~A6. A logic 0 should be programmed to all the
undefined addresses to ensure future compatibility. Reserved states should not be used to avoid unknown device
operation or incompatibility with future versions. Refer to the table for specific codes for various burst lengths,
burst types and CAS latencies.
Table 4. Mode Register Bitmap
BA1 BA0 A11 A10
A9
A8
A7
A6
A5
A4
A3
A2
A1
A0
Address Field
0
0
0
T.M.
CAS Latency
BT
Burst Length
Mode Register
A8
A7
Test Mode
A6 A5 A4 CAS Latency
A3 Burst Type
A2 A1 A0
Burst Length
0
0
Normal mode
0
0
0
Reserved
0
Sequential
000
Reserved
1
0
DLL Reset
0
0
1
Reserved
1
Interleave
001
2
X
1
Test mode
0
1
0
Reserved
010
4
0
1
1
3
011
8
1
0
0
Reserved
100
Reserved
BA0 Mode
1
0
1
Reserved
101
Reserved
0
MRS
1
1
0
Reserved
110
Reserved
1
EMRS
1
1
1
Reserved
111
Reserved
• Burst Length Field (A2~A0)
This field specifies the data length of column access using the A2~A0 pins and selects the Burst Length to be 2, 4,
and 8.
Table 5. Burst Length
A2
A1
A0
Burst Length
0
0
0
Reserved
0
0
1
2
0
1
0
4
0
1
1
8
1
0
0
Reserved
1
0
1
Reserved
1
1
0
Reserved
1
1
1
Reserved


Similar Part No. - EM6A9160TSA

ManufacturerPart #DatasheetDescription
logo
Etron Technology, Inc.
EM6A9160TSA-5G ETRON-EM6A9160TSA-5G Datasheet
480Kb / 63P
   8M x 16 DDR Synchronous DRAM (SDRAM)
More results

Similar Description - EM6A9160TSA

ManufacturerPart #DatasheetDescription
logo
Etron Technology, Inc.
EM6A9160TSA-5G ETRON-EM6A9160TSA-5G Datasheet
480Kb / 63P
   8M x 16 DDR Synchronous DRAM (SDRAM)
EM6A9160 ETRON-EM6A9160 Datasheet
275Kb / 29P
   8M x 16 DDR Synchronous DRAM (SDRAM)
EM68916DVAA ETRON-EM68916DVAA Datasheet
326Kb / 40P
   8M x 16 Mobile DDR Synchronous DRAM (SDRAM)
EM6A9160TSC-4G ETRON-EM6A9160TSC-4G Datasheet
535Kb / 65P
   8M x 16 DDR Synchronous DRAM
EM639165TS-5IG ETRON-EM639165TS-5IG Datasheet
460Kb / 53P
   8M x 16 bit Synchronous DRAM (SDRAM)
logo
Generalplus Technology ...
GPR323916A GENERALPLUS-GPR323916A Datasheet
1Mb / 57P
   8M x 16 bit Synchronous DRAM (SDRAM)
logo
Etron Technology, Inc.
EM658160 ETRON-EM658160 Datasheet
158Kb / 26P
   4M x 16 DDR Synchronous DRAM (SDRAM)
EM6A8160TSA ETRON-EM6A8160TSA Datasheet
412Kb / 51P
   4M x 16 DDR Synchronous DRAM (SDRAM)
logo
Alliance Semiconductor ...
AS4C8M16SA-6TIN ALSC-AS4C8M16SA-6TIN Datasheet
1Mb / 54P
   128M - 8M x 16 bit Synchronous DRAM (SDRAM)
AS4C8M16SA-6BAN ALSC-AS4C8M16SA-6BAN Datasheet
1Mb / 55P
   128M ??(8M x 16 bit) Synchronous DRAM (SDRAM)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com