Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM6AA160TS-4G Datasheet(PDF) 5 Page - Etron Technology, Inc.

Part # EM6AA160TS-4G
Description  16M x 16 bit DDR Synchronous DRAM (SDRAM)
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETRON [Etron Technology, Inc.]
Direct Link  http://www.etron.com
Logo ETRON - Etron Technology, Inc.

EM6AA160TS-4G Datasheet(HTML) 5 Page - Etron Technology, Inc.

  EM6AA160TS-4G Datasheet HTML 1Page - Etron Technology, Inc. EM6AA160TS-4G Datasheet HTML 2Page - Etron Technology, Inc. EM6AA160TS-4G Datasheet HTML 3Page - Etron Technology, Inc. EM6AA160TS-4G Datasheet HTML 4Page - Etron Technology, Inc. EM6AA160TS-4G Datasheet HTML 5Page - Etron Technology, Inc. EM6AA160TS-4G Datasheet HTML 6Page - Etron Technology, Inc. EM6AA160TS-4G Datasheet HTML 7Page - Etron Technology, Inc. EM6AA160TS-4G Datasheet HTML 8Page - Etron Technology, Inc. EM6AA160TS-4G Datasheet HTML 9Page - Etron Technology, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 51 page
background image
EtronTech
EM6AA160TS
Etron Confidential
5
Rev. 0.7
July 2008
VDDQ
Supply
DQ Power: 2.5V ± 5%.. Provide isolated power to DQs for improved noise immunity.
VSSQ
Supply
DQ Ground: Provide isolated ground to DQs for improved noise immunity.
VREF
Supply
Reference Voltage for Inputs: +0.5*VDDQ
NC
-
No Connect: These pins should be left unconnected.


Similar Part No. - EM6AA160TS-4G

ManufacturerPart #DatasheetDescription
logo
Etron Technology, Inc.
EM6AA160TSA ETRON-EM6AA160TSA Datasheet
436Kb / 54P
   16M x 16 bit DDR Synchronous DRAM (SDRAM)
EM6AA160TSA-4G ETRON-EM6AA160TSA-4G Datasheet
436Kb / 54P
   16M x 16 bit DDR Synchronous DRAM (SDRAM)
EM6AA160TSA-5G ETRON-EM6AA160TSA-5G Datasheet
436Kb / 54P
   16M x 16 bit DDR Synchronous DRAM (SDRAM)
EM6AA160TSC-4G ETRON-EM6AA160TSC-4G Datasheet
481Kb / 63P
   16M x 16 bit DDR Synchronous DRAM (SDRAM)
EM6AA160TSC-5G ETRON-EM6AA160TSC-5G Datasheet
481Kb / 63P
   16M x 16 bit DDR Synchronous DRAM (SDRAM)
More results

Similar Description - EM6AA160TS-4G

ManufacturerPart #DatasheetDescription
logo
Etron Technology, Inc.
EM6AA160TSA ETRON-EM6AA160TSA Datasheet
436Kb / 54P
   16M x 16 bit DDR Synchronous DRAM (SDRAM)
EM6AA160TSC-4G ETRON-EM6AA160TSC-4G Datasheet
481Kb / 63P
   16M x 16 bit DDR Synchronous DRAM (SDRAM)
EM63A165TS-5IG ETRON-EM63A165TS-5IG Datasheet
565Kb / 53P
   16M x 16 bit Synchronous DRAM (SDRAM)
logo
Generalplus Technology ...
GPR323A16A GENERALPLUS-GPR323A16A Datasheet
2Mb / 46P
   16M x 16 bit Synchronous DRAM (SDRAM)
logo
Etron Technology, Inc.
EM68A16CBQC-18H ETRON-EM68A16CBQC-18H Datasheet
1,022Kb / 62P
   16M x 16 bit DDRII Synchronous DRAM (SDRAM)
logo
AMIC Technology
A48P4616 AMICC-A48P4616 Datasheet
2Mb / 71P
   16M X 16 Bit DDR DRAM
A48P4616B AMICC-A48P4616B Datasheet
1Mb / 66P
   16M X 16 Bit DDR DRAM
logo
Etron Technology, Inc.
EM6AB160TSA ETRON-EM6AB160TSA Datasheet
469Kb / 61P
   32M x 16 bit DDR Synchronous DRAM (SDRAM)
EM68B32DVKA ETRON-EM68B32DVKA Datasheet
328Kb / 40P
   16M x 32 Mobile DDR Synchronous DRAM (SDRAM)
EM658160 ETRON-EM658160 Datasheet
158Kb / 26P
   4M x 16 DDR Synchronous DRAM (SDRAM)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com