Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM68B32DVKA Datasheet(PDF) 9 Page - Etron Technology, Inc.

Part # EM68B32DVKA
Description  16M x 32 Mobile DDR Synchronous DRAM (SDRAM)
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETRON [Etron Technology, Inc.]
Direct Link  http://www.etron.com
Logo ETRON - Etron Technology, Inc.

EM68B32DVKA Datasheet(HTML) 9 Page - Etron Technology, Inc.

Back Button EM68B32DVKA Datasheet HTML 5Page - Etron Technology, Inc. EM68B32DVKA Datasheet HTML 6Page - Etron Technology, Inc. EM68B32DVKA Datasheet HTML 7Page - Etron Technology, Inc. EM68B32DVKA Datasheet HTML 8Page - Etron Technology, Inc. EM68B32DVKA Datasheet HTML 9Page - Etron Technology, Inc. EM68B32DVKA Datasheet HTML 10Page - Etron Technology, Inc. EM68B32DVKA Datasheet HTML 11Page - Etron Technology, Inc. EM68B32DVKA Datasheet HTML 12Page - Etron Technology, Inc. EM68B32DVKA Datasheet HTML 13Page - Etron Technology, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
EtronTech
EM68B32DVKA
Etron Confidential
9
Rev. 1.0
Mar. 2009
Extended Mode Register Set (EMRS )
The Extended Mode Register is designed to support Partial Array Self Refresh and Driver Strength. The
EMRS cycle is not mandatory, and the EMRS command needs to be issued only when either PASR or DS
is used. The Extended Mode Register is written by asserting Low on CS , RAS , CAS , WE , and BA0 and
High on BA1 (the device should have all banks idle with no bursts in progress prior to writing into the
Extended Mode Register, and CKE should be High). Values stored in the register will be retained until the
register is reprogrammed, the device enters Deep Power Down mode, or power is removed from the device.
The state of address pins A0~A12 and BA0, BA1 in the same cycle in which CS , RAS , CAS and WE are
asserted Low is written into the Extended Mode Register. Two clock cycles, tMRD, are required to complete
the write operation in the Extended Mode Register. A0~A2 are used for Partial Array Self Refresh and
A5~A6 are used for Driver Strength. An automatic Temperature Compensated Self Refresh function is
included with a temperature sensor embedded into this device. A3~A4 are no longer used to control this
function; any inputs applied to A3~A4 during EMRS are ignored. All the other address pins, A7~A12 and
BA0, must be set to Low for proper EMRS operation. Refer to the tables below for specific codes. If the user
does not write values to the Extended Mode Register, DS defaults to Full Strength; and PASR defaults to
the Full Array.
Table 6. Extend Mode Register Bitmap
BA1 BA0 A12 A11 A10 A9
A8
A7
A6
A5
A4
A3
A2
A1
A0
Address Field
1
0
0
0
0
0
DS
0
0
PASR
Mode Register
A6
A5
Drive Strength
A2 A1 A0 Partial Array Self Refresh Coverage
0
0
Full Strength
0
0
0
Full Array (All Banks)
0
1
1/2 Strength
0
0
1
Half of Full Array (BA1=0)
1
0
1/4 Strength
0
1
0
Quarter of Full Array (BA1=BA0=0)
1
1
1/8 Strength
0
1
1
Reserved
100
Reserved
101
Reserved
110
Reserved
111
Reserved
TEMPERATURE COMPENSATED SELF REFRESH
In order to reduce power consumption, a Mobile DDR SDRAM includes the internal temperature sensor
and other circuitry to control Self Refresh operation automatically according to two temperature ranges: max.
40
°C and max. 85°C
Table 7. IDD6 Specifications and Conditions
Self Refresh Current (IDD6)
Temperature Range
Full Array
1/2 of Full Array
1/4 of Full Array
Unit
Max. 40
°C
490
350
280
µA
Max. 85
°C
700
460
340
µA
PARTIAL ARRAY SELF REFRESH
For further power savings during Self Refresh, the PASR feature allows the controller to select the amount
of memory that will be refreshed during Self Refresh. The refresh options are all banks (banks 0, 1, 2 and 3);
two banks (bank 0 and 1); and one bank (bank 0). Write and Read commands can still affect any bank
during standard operations, but only the selected banks will be refreshed during Self Refresh. Data in
unselected banks will be lost.


Similar Part No. - EM68B32DVKA

ManufacturerPart #DatasheetDescription
logo
Etron Technology, Inc.
EM68B08CWAH-18H ETRON-EM68B08CWAH-18H Datasheet
482Kb / 57P
   64M x 8 bit DDRII Synchronous DRAM (SDRAM)
EM68B08CWAH-18IH ETRON-EM68B08CWAH-18IH Datasheet
482Kb / 57P
   64M x 8 bit DDRII Synchronous DRAM (SDRAM)
EM68B08CWAH-25H ETRON-EM68B08CWAH-25H Datasheet
482Kb / 57P
   64M x 8 bit DDRII Synchronous DRAM (SDRAM)
EM68B08CWAH-25IH ETRON-EM68B08CWAH-25IH Datasheet
482Kb / 57P
   64M x 8 bit DDRII Synchronous DRAM (SDRAM)
EM68B08CWAH-3H ETRON-EM68B08CWAH-3H Datasheet
482Kb / 57P
   64M x 8 bit DDRII Synchronous DRAM (SDRAM)
More results

Similar Description - EM68B32DVKA

ManufacturerPart #DatasheetDescription
logo
Etron Technology, Inc.
EM68932DVKA ETRON-EM68932DVKA Datasheet
326Kb / 40P
   4M x 32 Mobile DDR Synchronous DRAM (SDRAM)
EM68932DVKB ETRON-EM68932DVKB Datasheet
347Kb / 40P
   4M x 32 Mobile DDR Synchronous DRAM (SDRAM)
logo
Emerging Memory & Logic...
EMD12324PV EMLSI-EMD12324PV Datasheet
938Kb / 46P
   512M: 16M x 32 Mobile DDR SDRAM
EMD12324P EMLSI-EMD12324P Datasheet
2Mb / 44P
   512M: 16M x 32 Mobile DDR SDRAM
logo
Etron Technology, Inc.
EM6AA160TSA ETRON-EM6AA160TSA Datasheet
436Kb / 54P
   16M x 16 bit DDR Synchronous DRAM (SDRAM)
EM6AA160TSC-4G ETRON-EM6AA160TSC-4G Datasheet
481Kb / 63P
   16M x 16 bit DDR Synchronous DRAM (SDRAM)
EM6AA160TS ETRON-EM6AA160TS Datasheet
406Kb / 51P
   16M x 16 bit DDR Synchronous DRAM (SDRAM)
EM68916DVAA ETRON-EM68916DVAA Datasheet
326Kb / 40P
   8M x 16 Mobile DDR Synchronous DRAM (SDRAM)
EM68B16DVAA ETRON-EM68B16DVAA Datasheet
328Kb / 40P
   32M x 16 Mobile DDR Synchronous DRAM (SDRAM)
EM6A9320BIA ETRON-EM6A9320BIA Datasheet
451Kb / 52P
   4M x 32 bit DDR Synchronous DRAM (SDRAM)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com