Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM68932DVKB-6H Datasheet(PDF) 8 Page - Etron Technology, Inc.

Part # EM68932DVKB-6H
Description  4M x 32 Mobile DDR Synchronous DRAM (SDRAM)
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETRON [Etron Technology, Inc.]
Direct Link  http://www.etron.com
Logo ETRON - Etron Technology, Inc.

EM68932DVKB-6H Datasheet(HTML) 8 Page - Etron Technology, Inc.

Back Button EM68932DVKB-6H Datasheet HTML 4Page - Etron Technology, Inc. EM68932DVKB-6H Datasheet HTML 5Page - Etron Technology, Inc. EM68932DVKB-6H Datasheet HTML 6Page - Etron Technology, Inc. EM68932DVKB-6H Datasheet HTML 7Page - Etron Technology, Inc. EM68932DVKB-6H Datasheet HTML 8Page - Etron Technology, Inc. EM68932DVKB-6H Datasheet HTML 9Page - Etron Technology, Inc. EM68932DVKB-6H Datasheet HTML 10Page - Etron Technology, Inc. EM68932DVKB-6H Datasheet HTML 11Page - Etron Technology, Inc. EM68932DVKB-6H Datasheet HTML 12Page - Etron Technology, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
EtronTech
EM68932DVKB
Etron Confidential
8
Rev. 1.0
Aug. 2009
Burst Mode Operation
Burst Mode operation is used to provide a constant flow of data to memory locations (write cycle) or from
memory locations (read cycle). There are two parameters that define how the Burst Mode operates.
These parameters include Burst Type and Burst Length and are programmed by addresses A0~A3 during
the Mode Register Set command. Burst Type is used to define the sequence in which the burst data will
be delivered from or stored to the DDR SDRAM. Two types of burst sequences are supported, Sequential
and Interleaved. See the table below. The Burst Length controls the number of bits that will be output after
a read command, or the number of bits to be input after a write command. The Burst Length can be
programmed to have a value of 2, 4, or 8.
Table 5.Burst Definition
Start Address
Burst
Length
A3
A2
A1
A0
Sequential
Interleave
X
X
X
0
0,1
0,1
2
X
X
X
1
1,0
1,0
X
X
0
0
0, 1, 2, 3
0, 1, 2, 3
X
X
0
1
1, 2, 3, 0
1, 0, 3, 2
X
X
1
0
2, 3, 0, 1
2, 3, 0, 1
4
X
X
1
1
3, 0, 1, 2
3, 2, 1, 0
X
0
0
0
0, 1, 2, 3, 4, 5, 6, 7
0, 1, 2, 3, 4, 5, 6, 7
X
0
0
1
1, 2, 3,4, 5, 6, 7, 0
1, 0, 3, 2, 5, 4, 7, 6
X
0
1
0
2, 3, 4, 5, 6, 7, 0, 1
2, 3, 0, 1, 6, 7, 4, 5
X
0
1
1
3, 4, 5, 6, 7, 0, 1, 2
3, 2, 1, 0, 7, 6, 5, 4
X
1
0
0
4, 5, 6, 7, 0, 1, 2, 3
4, 5, 6, 7, 0, 1, 2, 3
X
1
0
1
5, 6, 7, 0, 1, 2, 3, 4
5, 4, 7, 6, 1, 0, 3, 2
X
1
1
0
6, 7, 0, 1, 2, 3, 4, 5
6, 7, 4, 5, 2, 3, 0, 1
8
X
1
1
1
7, 0, 1, 2, 3, 4, 5, 6
7, 6, 5, 4, 3, 2, 1, 0


Similar Part No. - EM68932DVKB-6H

ManufacturerPart #DatasheetDescription
logo
Etron Technology, Inc.
EM68932DVKA ETRON-EM68932DVKA Datasheet
326Kb / 40P
   4M x 32 Mobile DDR Synchronous DRAM (SDRAM)
EM68932DVKA-6H ETRON-EM68932DVKA-6H Datasheet
326Kb / 40P
   4M x 32 Mobile DDR Synchronous DRAM (SDRAM)
EM68932DVKA-75H ETRON-EM68932DVKA-75H Datasheet
326Kb / 40P
   4M x 32 Mobile DDR Synchronous DRAM (SDRAM)
More results

Similar Description - EM68932DVKB-6H

ManufacturerPart #DatasheetDescription
logo
Etron Technology, Inc.
EM68932DVKA ETRON-EM68932DVKA Datasheet
326Kb / 40P
   4M x 32 Mobile DDR Synchronous DRAM (SDRAM)
EM6A9320BIB-4H ETRON-EM6A9320BIB-4H Datasheet
500Kb / 61P
   4M x 32 bit DDR Synchronous DRAM (SDRAM)
EM6A9320BIB-4IH ETRON-EM6A9320BIB-4IH Datasheet
502Kb / 61P
   4M x 32 bit DDR Synchronous DRAM (SDRAM)
EM6A9320BIA ETRON-EM6A9320BIA Datasheet
451Kb / 52P
   4M x 32 bit DDR Synchronous DRAM (SDRAM)
EM68B32DVKA ETRON-EM68B32DVKA Datasheet
328Kb / 40P
   16M x 32 Mobile DDR Synchronous DRAM (SDRAM)
EM658160 ETRON-EM658160 Datasheet
158Kb / 26P
   4M x 16 DDR Synchronous DRAM (SDRAM)
EM6A8160TSA ETRON-EM6A8160TSA Datasheet
412Kb / 51P
   4M x 16 DDR Synchronous DRAM (SDRAM)
EM639325TS-5IG ETRON-EM639325TS-5IG Datasheet
409Kb / 47P
   4M x 32 bit Synchronous DRAM (SDRAM)
EM68916DVAA ETRON-EM68916DVAA Datasheet
326Kb / 40P
   8M x 16 Mobile DDR Synchronous DRAM (SDRAM)
EM68B16DVAA ETRON-EM68B16DVAA Datasheet
328Kb / 40P
   32M x 16 Mobile DDR Synchronous DRAM (SDRAM)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com