Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

540PY9C Datasheet(PDF) 1 Page - HB Electronic Components

Part # 540PY9C
Description  LED
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HB [HB Electronic Components]
Direct Link  http://www.hebeiltd.com.cn
Logo HB - HB Electronic Components

540PY9C Datasheet(HTML) 1 Page - HB Electronic Components

  540PY9C Datasheet HTML 1Page - HB Electronic Components 540PY9C Datasheet HTML 2Page - HB Electronic Components 540PY9C Datasheet HTML 3Page - HB Electronic Components 540PY9C Datasheet HTML 4Page - HB Electronic Components 540PY9C Datasheet HTML 5Page - HB Electronic Components 540PY9C Datasheet HTML 6Page - HB Electronic Components 540PY9C Datasheet HTML 7Page - HB Electronic Components 540PY9C Datasheet HTML 8Page - HB Electronic Components 540PY9C Datasheet HTML 9Page - HB Electronic Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
LED SPECIFICATION
Page: 1
Features
Single color
High bright output
Low power consumption
High reliability and long life
Descriptions
Dice material
AlGaInP Hewlett Packard
Emitting Color
Super Bright Amber (Yellow)
Device Outline
5mm Round Type/ 5mm
Lens Type
Water Clear
Directivity
1.
All dimensions are millimeters
2.
Tolerance is +/-0.25mm unless otherwise noted
540PY9C
-90
-75
-60
-45
-30
-15
0
15
30
45
60
75
90


Similar Part No. - 540PY9C

ManufacturerPart #DatasheetDescription
logo
HB Electronic Component...
540PB6C HB-540PB6C Datasheet
823Kb / 9P
   LED
540PG0C HB-540PG0C Datasheet
158Kb / 9P
   LED
540PG2C HB-540PG2C Datasheet
660Kb / 9P
   LED
540PR2C HB-540PR2C Datasheet
199Kb / 3P
   LED
540PWC HB-540PWC Datasheet
116Kb / 5P
   5MM LED
More results

Similar Description - 540PY9C

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH4281 OSRAM-SFH4281 Datasheet
70Kb / 7P
   Infrarot-LED, Infrared-LED
logo
Hamamatsu Corporation
L5276 HAMAMATSU-L5276_06 Datasheet
257Kb / 2P
   Infrared LED Subminiature LED
logo
List of Unclassifed Man...
NSCW455A ETC-NSCW455A Datasheet
794Kb / 13P
   LED
logo
HB Electronic Component...
330LW7C HB-330LW7C Datasheet
284Kb / 4P
   LED
330IB7C HB-330IB7C Datasheet
210Kb / 3P
   LED
510PG2C HB-510PG2C Datasheet
664Kb / 9P
   LED
520PG2C HB-520PG2C Datasheet
706Kb / 9P
   LED
540LB7C HB-540LB7C Datasheet
725Kb / 9P
   LED
logo
DOMINANT Semiconductors
DDH-GRS DOMINANT-DDH-GRS Datasheet
149Kb / 8P
   LED
DDR-GJS-D2F1-1-I2 DOMINANT-DDR-GJS-D2F1-1-I2 Datasheet
794Kb / 13P
   LED
logo
Lite-On Technology Corp...
LTST-C191KGKT LITEON-LTST-C191KGKT Datasheet
639Kb / 11P
   LED
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com