Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SII9251 Datasheet(PDF) 1 Page - Silicon image

Part # SII9251
Description  PinnaClear Input Processor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILICONIMAGE [Silicon image]
Direct Link  http://www.siliconimage.com
Logo SILICONIMAGE - Silicon image

SII9251 Datasheet(HTML) 1 Page - Silicon image

  SII9251 Datasheet HTML 1Page - Silicon image SII9251 Datasheet HTML 2Page - Silicon image  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
The highly integrated PinnaClear™ SiI9251
video input processor is the first multi-port
input processor for the high-end and mid-range
HDTV market. The SiI9251 features four HDMI
1.3 inputs that deliver Deep Color with 12 bits
of video at 1080p resolution and 60Hz. The
SiI9251 also includes four analog high-definition
component video inputs that support YCbCr
and RGB formats and a 5-input composite and
4-input S-Video switch capable of selecting three
composite outputs or two Y/C outputs.
The four HDMI input ports on the SiI9251 sup-
port MHL, a low pin-count, low power interface
designed for mobile CE devices. MHL technol-
ogy enabled mobile devices can be connected
directly to an SiI9251-equipped DTV without a
dock or dongle, with auto discovery of HDMI
or MHL source devices in the hardware.
The SiI9251 supports multiple audio formats
and all common audio sample rates up to
192kHz. Audio is available for output on an
S/PDIF port or an I2S port.
The SiI9251 analog video interface consists of
triple-channel 12-bit analog-to-digital converters
(ADCs) for capturing RGB and YPbPr inputs.
With conversion rates ranging from 12.5 MSPS
to 170 MSPS, the Analog Video Interface (AVI)
inputs capture 480i/576i to 720p/1080i/1080p
TV formats and PC graphic formats up to 1600
x 1200 (UXGA). An additional 12-bit ADC is
integrated for SCART compatibility to overlay
RGB data over CVBS. This fully integrated AVI
includes an internal voltage reference and an
anti-alias filter with selectable cutoff frequencies.
The SiI9251 processor also integrates a data
slicer/decoder to capture VBI data services.
In support of the processor’s HDMI functional-
ity, the the SiI9251 input processor comes pre-
programmed with HDCP keys to simplify
manufacturing and provide the highest level of
HDCP key security. The chip includes a 256-
byte Extended Display Identification Data
(EDID) RAM block and support for Consumer
Electronics Control (CEC) over a single wire
bus. SiI9251 supports extremely low standby
power with power islands enabling CEC and
EDID operations when the device is in shut-
down mode consuming less than 35mW.
PinnaClearInput Processor
First input processor with Silicon Image’s patent-pending InstaPort™
instantaneous port switching technology
The PinnaClear SiI9251 input processor gives manufacturers the flexibility to add new
features to their HDTV platforms quickly and cost-effectively. In addition to managing all
the input interfaces into the DTV, input processors offer innovations in legacy analog
video inputs with high-quality 12-bit state-of-the-art ADCs and AVI interfaces, new MHL™
interfaces for HD mobile devices and InstaPort technology for faster port switching.
SiI9251
Applications
• LCD, plasma and
projection DTVs
Key Features
• Patent-pending
InstaPort technology
• Four HDMI 1.3 input
ports support MHL
• Four component or
RGB inputs
• 12-bit ADC for Deep
Color analog video
• Four S-Video and
five CVBS inputs
• Full SCART support
• 2-channel digital
audio up to 192KHz
• Integrated CEC
• Four integrated
EDIDs with NVRAM
for each HDMI port
Product Brief
Up to 4 HDMI or MHL Sources
Up to 4 Component, S-Video or Composite Sources
SiI9251
Input
Processor
Blu-ray DVD
Game console
with HDMI
Portable
Media Player
HD
Camcorder
Game console
with Component
Standard DVD
DVD
PC
Set Top
Box
SiI9251 System Diagram


Similar Part No. - SII9251

ManufacturerPart #DatasheetDescription
logo
Silicon image
SII9204 SILICONIMAGE-SII9204 Datasheet
211Kb / 2P
   VastLane HDMI Transmitter PHY
SII9206 SILICONIMAGE-SII9206 Datasheet
220Kb / 2P
   VastLane HDMI / MHL Transmitter PHY
SII9222 SILICONIMAGE-SII9222 Datasheet
136Kb / 2P
   Mobile High-Definition Link (MHL) Technology Transmitter
SII9223 SILICONIMAGE-SII9223 Datasheet
188Kb / 2P
   PinnaClear HDMI Receiver
SII9226 SILICONIMAGE-SII9226 Datasheet
227Kb / 2P
   VastLane Mobile HD Link Transmitter
More results

Similar Description - SII9251

ManufacturerPart #DatasheetDescription
logo
Silicon image
SII9153 SILICONIMAGE-SII9153 Datasheet
186Kb / 2P
   PinnaClear??HDMI Input Processor
SII9187 SILICONIMAGE-SII9187 Datasheet
301Kb / 2P
   PinnaClear Port Processor
SII9223 SILICONIMAGE-SII9223 Datasheet
188Kb / 2P
   PinnaClear HDMI Receiver
SII9127 SILICONIMAGE-SII9127 Datasheet
203Kb / 2P
   PinnaClear HDMI Receiver
SII9261 SILICONIMAGE-SII9261 Datasheet
393Kb / 2P
   VastLane Input Processor
logo
NXP Semiconductors
SAA7111 PHILIPS-SAA7111 Datasheet
403Kb / 64P
   Video Input Processor VIP
1998 May 15
SAA7144HL NXP-SAA7144HL Datasheet
323Kb / 64P
   Quadruple video input processor
Rev. 01-21 April 2005
PNX2000 PHILIPS-PNX2000 Datasheet
244Kb / 31P
   Audio video input processor
Rev. 03-23 August 2004
SAA7113H PHILIPS-SAA7113H Datasheet
279Kb / 80P
   9-bit video input processor
1999 Jul 01
SAF7113H PHILIPS-SAF7113H Datasheet
281Kb / 80P
   9-bit video input processor
2000 May 08
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com