Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS4684AHG Datasheet(PDF) 2 Page - Integrated Device Technology

Part # AS4684AHG
Description  0.5 OHM, DUAL SPDT ANALOG SWITCH
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

AS4684AHG Datasheet(HTML) 2 Page - Integrated Device Technology

  AS4684AHG Datasheet HTML 1Page - Integrated Device Technology AS4684AHG Datasheet HTML 2Page - Integrated Device Technology AS4684AHG Datasheet HTML 3Page - Integrated Device Technology AS4684AHG Datasheet HTML 4Page - Integrated Device Technology AS4684AHG Datasheet HTML 5Page - Integrated Device Technology AS4684AHG Datasheet HTML 6Page - Integrated Device Technology AS4684AHG Datasheet HTML 7Page - Integrated Device Technology AS4684AHG Datasheet HTML 8Page - Integrated Device Technology AS4684AHG Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
IDTAS4684
0.5 OHM, DUAL SPDT ANALOG SWITCH
ANALOG SWITCH
IDT™ 0.5 OHM, DUAL SPDT ANALOG SWITCH
2
IDTAS4684
REV C 111506
Pin Assignment (CSP)
Truth Table
Note: Switches shown for logic “0” input.
Pin Descriptions
1
2
3
4
A
B
C
IN
NO
NC
0OFF
ON
1ON
OFF
Pin Numbers
Pin Name
Pin Description
A1
NC1
Analog switch. Normally closed terminal 1.
A2
IN1
Digital control input 1.
A3
COM1
Analog switch. Common terminal 1.
A4
NO1
Analog switch. Normally open terminal 1.
B1
GND
Ground.
B2
NC
No connect.
B3
NC
No connect.
B4
V+
Positive supply voltage input.
C1
NC2
Analog switch. Normally closed terminal 2.
C2
IN2
Digital control input 2.
C3
COM2
Analog switch. Common terminal 2.
C4
NO2
Analog switch. Normally open terminal 2.


Similar Part No. - AS4684AHG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
AS4684AAHG IDT-AS4684AAHG Datasheet
264Kb / 13P
   0.5 OHM, DUAL SPDT ANALOG SWITCH
AS4684AAHG8 IDT-AS4684AAHG8 Datasheet
264Kb / 13P
   0.5 OHM, DUAL SPDT ANALOG SWITCH
More results

Similar Description - AS4684AHG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDTAS4684A IDT-IDTAS4684A_1 Datasheet
264Kb / 13P
   0.5 OHM, DUAL SPDT ANALOG SWITCH
IDTAS4684 IDT-IDTAS4684 Datasheet
298Kb / 14P
   0.5 OHM, DUAL SPDT ANALOG SWITCH
logo
ON Semiconductor
NLAS5223 ONSEMI-NLAS5223_06 Datasheet
115Kb / 11P
   Ultra-Low 0.5 ohm Dual SPDT Analog Switch
September, 2006 ??Rev. 4
NLAS5223B ONSEMI-NLAS5223B Datasheet
124Kb / 12P
   Ultra?묹ow 0.5 ohm Dual SPDT Analog Switch
September, 2006 ??Rev. 3
logo
Union Semiconductor, In...
UM4684 UNIONSEMI-UM4684_15 Datasheet
514Kb / 12P
   0.5(OHM) Low-Voltage Dual SPDT Analog Switch
UM5223 UNIONSEMI-UM5223_16 Datasheet
188Kb / 6P
   0.5(ohm) Ultra Low On-Resistance Dual SPDT Analog Switch
logo
National Semiconductor ...
LMS4684 NSC-LMS4684 Datasheet
255Kb / 10P
   0.5 Low-Voltage, Dual SPDT Analog Switch
logo
Protek Devices
PA2535 PROTEC-PA2535_15 Datasheet
138Kb / 9P
   0.35 OHM DUAL SPDT ANALOG SWITCH
logo
ON Semiconductor
NLAS5223 ONSEMI-NLAS5223_15 Datasheet
108Kb / 10P
   Ultra-Low 0.5 Dual SPDT Analog Switch
September, 2015 ??Rev. 6
logo
Shenzhen Huazhimei Semi...
HM5223 HMSEMI-HM5223 Datasheet
637Kb / 8P
   Ultra-Low 0.5廓 Dual SPDT Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com