Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SII9287B Datasheet(PDF) 3 Page - Silicon image

Part # SII9287B
Description  HDMI Port Processor with InstaPort Viewing Technology
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILICONIMAGE [Silicon image]
Direct Link  http://www.siliconimage.com
Logo SILICONIMAGE - Silicon image

SII9287B Datasheet(HTML) 3 Page - Silicon image

  SII9287B Datasheet HTML 1Page - Silicon image SII9287B Datasheet HTML 2Page - Silicon image SII9287B Datasheet HTML 3Page - Silicon image SII9287B Datasheet HTML 4Page - Silicon image SII9287B Datasheet HTML 5Page - Silicon image SII9287B Datasheet HTML 6Page - Silicon image SII9287B Datasheet HTML 7Page - Silicon image SII9287B Datasheet HTML 8Page - Silicon image  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
SiI9287B HDMI Port Processor with InstaPort Viewing Technology
Data Brief
.
SiI-DB-1070-A
© 2009 Silicon Image, Inc. All rights reserved.
1
Introduction
The SiI9287B HDMI Port Processor with InstaPort
Viewing Technology is the second generation of HDMI
devices that support the HDMI Specification. With four
HDMI/Mobile HD Link (MHL) inputs and a single
output, the SiI9287B port processor enhances the
functionality of digital TVs using single system on a
chip (SoC) solutions with integrated HDMI receivers.
The port processor provides a simple, low-cost method
of retransmitting digital audio and video to give
consumers a truly all-digital experience. Built-in
backward compatibility with DVI 1.0 allows HDMI
systems to connect to any DVI 1.0 source.
Features
The SiI9287B device brings cutting edge innovations,
such as:
InstaPort™ viewing technology that reduces port
switching time to less than one second
Enhanced cable equalization for long cable
support, even at Deep Color resolutions that
enables the SiI9287B device to work with noisy
signals and many sources, making the sink devices
highly interoperable
MHL for connection to mobile devices
Integrated EDID and CEC functions
Improved ESD protection on all signals connected
to the HDMI connector.
HDMI Inputs and Output
Four HDMI input ports and single output port support:
HDMI, HDCP, and DVI compatibility
TMDS
® cores run at 25–225 MHz
Supports video resolutions up to 1080p, 60 Hz, 12-
bit or 720p/1080i, 120 Hz, 12-bit
Control Capability
Consumer Electronics Control (CEC) interface
incorporates an HDMI-compliant CEC I/O and an
integrated CEC Programming Interface (CPI);
these simplify design and lower costs and software
overhead
Integrated EDID and DDC support for 4
HDMI/DVI ports and 1 VGA port with a 256-byte
NVRAM shared between ports that loads into
SRAM separate 256-byte SRAM for each of 5
ports
Individual control of Hot Plug Detect (HPD) for
each of the 4 HDMI/DVI ports
5-volt detect to help speed soft mute of audio while
plugging and unplugging
Controllable by the local I
2C bus
Power Management
Flexible power management provides extremely
low standby power consumption
Standby power can be supplied from an HDMI 5-V
signal or from a separate standby power pin
Single power 3.3-V source
Integrated 5 V to 3.3 V Voltage regulator
Package
72-pin, 10 mm x 10 mm, 0.5 mm pitch QFN
package with enhanced ePad™.
Figure 1. Typical Application of SiI9287B HDMI Port Processor


Similar Part No. - SII9287B

ManufacturerPart #DatasheetDescription
logo
Silicon image
SII9204 SILICONIMAGE-SII9204 Datasheet
211Kb / 2P
   VastLane HDMI Transmitter PHY
SII9206 SILICONIMAGE-SII9206 Datasheet
220Kb / 2P
   VastLane HDMI / MHL Transmitter PHY
SII9222 SILICONIMAGE-SII9222 Datasheet
136Kb / 2P
   Mobile High-Definition Link (MHL) Technology Transmitter
SII9223 SILICONIMAGE-SII9223 Datasheet
188Kb / 2P
   PinnaClear HDMI Receiver
SII9226 SILICONIMAGE-SII9226 Datasheet
227Kb / 2P
   VastLane Mobile HD Link Transmitter
More results

Similar Description - SII9287B

ManufacturerPart #DatasheetDescription
logo
Silicon image
SII9387 SILICONIMAGE-SII9387 Datasheet
299Kb / 2P
   HDMI 1.4 Port Processor
SII9389 SILICONIMAGE-SII9389 Datasheet
300Kb / 2P
   HDMI 1.4 Port Processor
SII9153 SILICONIMAGE-SII9153 Datasheet
186Kb / 2P
   PinnaClear??HDMI Input Processor
logo
Analog Devices
ADV7623 AD-ADV7623 Datasheet
76Kb / 2P
   HDMI Transceiver with Fast Port Switching
Rev. SpA
ADV7623BSTZ AD-ADV7623BSTZ Datasheet
271Kb / 16P
   HDMI Transceiver with Fast Port Switching
REV. D
logo
Level One
HVE-9008 LVL1-HVE-9008 Datasheet
210Kb / 3P
   HDSpider 8-Port Cat.5 HDMI Sender with Local HDMI
logo
Pericom Semiconductor C...
PI3HDMI2410 PERICOM-PI3HDMI2410 Datasheet
508Kb / 15P
   4-Port HDMI Signal Switch with Control
logo
IOGEAR
GHDSW4K4 IOGEAR-GHDSW4K4 Datasheet
161Kb / 3P
   4K 4-Port HDMI Switch with Remote
logo
Texas Instruments
TMDS261B TI1-TMDS261B Datasheet
11Mb / 48P
[Old version datasheet]   TWO-PORT HDMI SWITCH
TMDS361B TI1-TMDS361B Datasheet
11Mb / 48P
[Old version datasheet]   Three-Port HDMI Switch
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com