Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

AT28C64B Datasheet(PDF) 4 Page - ATMEL Corporation

Part No. AT28C64B
Description  64K (8K x 8) Parallel EEPROM with Page Write and Software Data Protection
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT28C64B Datasheet(HTML) 4 Page - ATMEL Corporation

  AT28C64B_09 Datasheet HTML 1Page - ATMEL Corporation AT28C64B_09 Datasheet HTML 2Page - ATMEL Corporation AT28C64B_09 Datasheet HTML 3Page - ATMEL Corporation AT28C64B_09 Datasheet HTML 4Page - ATMEL Corporation AT28C64B_09 Datasheet HTML 5Page - ATMEL Corporation AT28C64B_09 Datasheet HTML 6Page - ATMEL Corporation AT28C64B_09 Datasheet HTML 7Page - ATMEL Corporation AT28C64B_09 Datasheet HTML 8Page - ATMEL Corporation AT28C64B_09 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
4
0270L–PEEPR–2/09
AT28C64B
4.4
DATA Polling
The AT28C64B features DATA Polling to indicate the end of a write cycle. During a byte or page
write cycle an attempted read of the last byte written will result in the complement of the written
data to be presented on I/O7. Once the write cycle has been completed, true data is valid on all
outputs, and the next write cycle may begin. DATA Polling may begin at any time during the write
cycle.
4.5
Toggle Bit
In addition to DATA Polling, the AT28C64B provides another method for determining the end of a
write cycle. During the write operation, successive attempts to read data from the device will
result in I/O6 toggling between one and zero. Once the write has completed, I/O6 will stop tog-
gling, and valid data will be read. Toggle bit reading may begin at any time during the write cycle.
4.6
Data Protection
If precautions are not taken, inadvertent writes may occur during transitions of the host system
power supply. Atmel
® has incorporated both hardware and software features that will protect the
memory against inadvertent writes.
4.6.1
Hardware Data Protection
Hardware features protect against inadvertent writes to the AT28C64B in the following ways: (a)
V
CC sense – if VCC is below 3.8 V (typical), the write function is inhibited; (b) VCC power-on delay
– once V
CC has reached 3.8 V, the device will automatically time out 5 ms (typical) before allow-
ing a write; (c) write inhibit – holding any one of OE low, CE high, or WE high inhibits write
cycles; and (d) noise filter – pulses of less than 15 ns (typical) on the WE or CE inputs will not ini-
tiate a write cycle.
4.6.2
Software Data Protection
A software controlled data protection feature has been implemented on the AT28C64B. When
enabled, the software data protection (SDP), will prevent inadvertent writes. The SDP feature
may be enabled or disabled by the user; the AT28C64B is shipped from Atmel with SDP dis-
abled.
SDP is enabled by the user issuing a series of three write commands in which three specific
bytes of data are written to three specific addresses (see “Software Data Protection Algorithms”
on page 10). After writing the 3-byte command sequence and waiting t
WC, the entire AT28C64B
will be protected against inadvertent writes. It should be noted that even after SDP is enabled,
the user may still perform a byte or page write to the AT28C64B by preceding the data to be writ-
ten by the same 3-byte command sequence used to enable SDP.
Once set, SDP remains active unless the disable command sequence is issued. Power transi-
tions do not disable SDP, and SDP protects the AT28C64B during power-up and power-down
conditions. All command sequences must conform to the page write timing specifications. The
data in the enable and disable command sequences is not actually written into the device; their
addresses may still be written with user data in either a byte or page write operation.
After setting SDP, any attempt to write to the device without the 3-byte command sequence will
start the internal write timers. No data will be written to the device. However, for the duration of
t
WC, read operations will effectively be polling operations.
4.7
Device Identification
An extra 64 bytes of EEPROM memory are available to the user for device identification. By rais-
ing A9 to 12V ±0.5V and using address locations 1FC0H to 1FFFH, the additional bytes may be
written to or read from in the same manner as the regular memory array.


Similar Part No. - AT28C64B_09

ManufacturerPart No.DatasheetDescription
ATMEL Corporation
ATMEL Corporation
AT28C64B ATMEL-AT28C64B_06 Datasheet
297Kb / 18P
   64K (8K x 8) Parallel EEPROM with Page Write and Software Data Protection
More results

Similar Description - AT28C64B_09

ManufacturerPart No.DatasheetDescription
ATMEL Corporation
ATMEL Corporation
AT28C64B ATMEL-AT28C64B_06 Datasheet
297Kb / 18P
   64K (8K x 8) Parallel EEPROM with Page Write and Software Data Protection
AT28C64B ATMEL-AT28C64B Datasheet
317Kb / 13P
   64K (8K x 8) Parallel EEPROM with Page Write and Software Data Protection
AT28HC64B-90PU ATMEL-AT28HC64B-90PU Datasheet
342Kb / 18P
   64K (8K x 8) High Speed Parallel EEPROM with Page Write and Software Data Protection
AT28HC64B ATMEL-AT28HC64B_08 Datasheet
341Kb / 18P
   64K (8K x 8) High Speed Parallel EEPROM with Page Write and Software Data Protection
AT28HC64BF ATMEL-AT28HC64BF Datasheet
301Kb / 18P
   64K (8K x 8) High Speed Parallel EEPROM with Page Write and Software Data Protection
AT28HC64B ATMEL-AT28HC64B_09 Datasheet
394Kb / 17P
   64K (8K x 8) High-speed Parallel EEPROM with Page Write and Software Data Protection
AT28BV64B ATMEL-AT28BV64B_09 Datasheet
451Kb / 16P
   64K (8K x 8) Battery-Voltage Parallel EEPROM with Page Write and Software Data Protection
AT28BV64B ATMEL-AT28BV64B_06 Datasheet
367Kb / 17P
   64K (8K x 8) Battery-Voltage Parallel EEPROM with Page Write and Software Data Protection
AT28BV64B ATMEL-AT28BV64B Datasheet
254Kb / 12P
   64K (8K x 8) Battery-Voltage??Parallel EEPROM with Page Write and Software Data Protection
AT28C64B ATMEL-AT28C64B Datasheet
660Kb / 12P
   64K (8K x 8) CMOS E2PROM with Page Write and Software Data Protection
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com