Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT28BV64B Datasheet(PDF) 3 Page - ATMEL Corporation

Part # AT28BV64B
Description  64K (8K x 8) Battery-Voltage Parallel EEPROM with Page Write and Software Data Protection
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT28BV64B Datasheet(HTML) 3 Page - ATMEL Corporation

  AT28BV64B_09 Datasheet HTML 1Page - ATMEL Corporation AT28BV64B_09 Datasheet HTML 2Page - ATMEL Corporation AT28BV64B_09 Datasheet HTML 3Page - ATMEL Corporation AT28BV64B_09 Datasheet HTML 4Page - ATMEL Corporation AT28BV64B_09 Datasheet HTML 5Page - ATMEL Corporation AT28BV64B_09 Datasheet HTML 6Page - ATMEL Corporation AT28BV64B_09 Datasheet HTML 7Page - ATMEL Corporation AT28BV64B_09 Datasheet HTML 8Page - ATMEL Corporation AT28BV64B_09 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
0299I–PEEPR–4/09
AT28BV64B
3. Block Diagram
4. Device Operation
4.1
Read
The AT28BV64B is accessed like a static RAM. When CE and OE are low and WE is high, the
data stored at the memory location determined by the address pins is asserted on the outputs.
The outputs are put in the high impedance state when either CE or OE is high. This dual-line
control gives designers flexibility in preventing bus contention in their systems.
4.2
Byte Write
A low pulse on the WE or CE input with CE or WE low (respectively) and OE high initiates a write
cycle. The address is latched on the falling edge of CE or WE, whichever occurs last. The data is
latched by the first rising edge of CE or WE. Once a byte write has been started, it will automati-
cally time itself to completion. Once a programming operation has been initiated and for the
duration of tWC, a read operation will effectively be a polling operation.
4.3
Page Write
The page write operation of the AT28BV64B allows 1 to 64 bytes of data to be written into the
device during a single internal programming period. A page write operation is initiated in the
same manner as a byte write; the first byte written can then be followed by 1 to 63 additional
bytes. Each successive byte must be written within 100 µs (tBLC) of the previous byte. If the tBLC
limit is exceeded, the AT28BV64B will cease accepting data and commence the internal pro-
gramming operation. All bytes during a page write operation must reside on the same page as
defined by the state of the A6 to A12 inputs. For each WE high to low transition during the page
write operation, A6 to A12 must be the same.
The A0 to A5 inputs specify which bytes within the page are to be written. The bytes may be
loaded in any order and may be altered within the same load period. Only bytes which are spec-
ified for writing will be written; unnecessary cycling of other bytes within the page does not occur.


Similar Part No. - AT28BV64B_09

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT28BV64B ATMEL-AT28BV64B_06 Datasheet
367Kb / 17P
   64K (8K x 8) Battery-Voltage Parallel EEPROM with Page Write and Software Data Protection
More results

Similar Description - AT28BV64B_09

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT28BV64B ATMEL-AT28BV64B Datasheet
254Kb / 12P
   64K (8K x 8) Battery-Voltage??Parallel EEPROM with Page Write and Software Data Protection
AT28BV64B ATMEL-AT28BV64B_06 Datasheet
367Kb / 17P
   64K (8K x 8) Battery-Voltage Parallel EEPROM with Page Write and Software Data Protection
AT28C64B ATMEL-AT28C64B_06 Datasheet
297Kb / 18P
   64K (8K x 8) Parallel EEPROM with Page Write and Software Data Protection
AT28C64B ATMEL-AT28C64B Datasheet
317Kb / 13P
   64K (8K x 8) Parallel EEPROM with Page Write and Software Data Protection
AT28C64B ATMEL-AT28C64B_09 Datasheet
313Kb / 18P
   64K (8K x 8) Parallel EEPROM with Page Write and Software Data Protection
AT28HC64B ATMEL-AT28HC64B_08 Datasheet
341Kb / 18P
   64K (8K x 8) High Speed Parallel EEPROM with Page Write and Software Data Protection
AT28HC64B-90PU ATMEL-AT28HC64B-90PU Datasheet
342Kb / 18P
   64K (8K x 8) High Speed Parallel EEPROM with Page Write and Software Data Protection
AT28HC64B ATMEL-AT28HC64B_09 Datasheet
394Kb / 17P
   64K (8K x 8) High-speed Parallel EEPROM with Page Write and Software Data Protection
AT28HC64BF ATMEL-AT28HC64BF Datasheet
301Kb / 18P
   64K (8K x 8) High Speed Parallel EEPROM with Page Write and Software Data Protection
AT28C64B ATMEL-AT28C64B Datasheet
660Kb / 12P
   64K (8K x 8) CMOS E2PROM with Page Write and Software Data Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com