Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT91RM9200-CJ-002 Datasheet(PDF) 65 Page - ATMEL Corporation

Part # AT91RM9200-CJ-002
Description  ARM920T-based Microcontroller
Download  701 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91RM9200-CJ-002 Datasheet(HTML) 65 Page - ATMEL Corporation

Back Button AT91RM9200-CJ-002 Datasheet HTML 61Page - ATMEL Corporation AT91RM9200-CJ-002 Datasheet HTML 62Page - ATMEL Corporation AT91RM9200-CJ-002 Datasheet HTML 63Page - ATMEL Corporation AT91RM9200-CJ-002 Datasheet HTML 64Page - ATMEL Corporation AT91RM9200-CJ-002 Datasheet HTML 65Page - ATMEL Corporation AT91RM9200-CJ-002 Datasheet HTML 66Page - ATMEL Corporation AT91RM9200-CJ-002 Datasheet HTML 67Page - ATMEL Corporation AT91RM9200-CJ-002 Datasheet HTML 68Page - ATMEL Corporation AT91RM9200-CJ-002 Datasheet HTML 69Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 701 page
background image
65
1768I–ATARM–09-Jul-09
AT91RM9200
Figure 12-4. ETM9 Block
12.6.4.2
Implementation Details
This section gives an overview of the Embedded Trace resources. For further details, see the
Embedded Trace Macrocell Specification, ARM Ltd. -IHI 0014H.
Three-state Sequencer
The sequencer has three possible next states (one dedicated to itself and two others) and can
change on every clock cycle. The sate transition is controlled with internal events. If the user
needs multiple-stage trigger schemes, the trigger event is based on a sequencer state.
Address Comparator
In single mode, address comparators compare either the instruction address or the data address
against the user-programmed address.
In range mode, the address comparators are arranged in pairs to form a virtual address range
resource.
Details of the address comparator programming are:
• The first comparator is programmed with the range start address.
• The second comparator is programmed with the range end address.
• The resource matches if the address is within the following range:
– (address > = range start address) AND (address < range end address)
• Unpredictable behavior occurs if the two address comparators are not configured in the same
way.
Data Comparator
Each full address comparator is associated with a specific data comparator. A data comparator
is used to observe the data bus only when load and store operations occur.
A data comparator has both a value register and a mask register, therefore it is possible to com-
pare only certain bits of a preprogrammed value against the data bus.
ARM920T
Bus Tracker
Scan Chain 6
TAP
Controller
Trace
Control
Trigger, Sequencer, Counters
FIFO
Trace Enable, View Data
TPS-TPS0
TPK15-TPK0
TSYNC
ETM9


Similar Part No. - AT91RM9200-CJ-002

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT91RM9200-CJ-002 ATMEL-AT91RM9200-CJ-002 Datasheet
8Mb / 683P
   ARM920T based Microcontroller
AT91RM9200-CJ-002 ATMEL-AT91RM9200-CJ-002 Datasheet
7Mb / 689P
   ARM920T-based Microcontroller
AT91RM9200-CJ-002 ATMEL-AT91RM9200-CJ-002 Datasheet
769Kb / 41P
   ARM920T-based Microcontroller
More results

Similar Description - AT91RM9200-CJ-002

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT91RM9200_0509 ATMEL-AT91RM9200_0509 Datasheet
669Kb / 38P
   ARM920T based Microcontroller
AT91RM9200 ATMEL-AT91RM9200_06 Datasheet
7Mb / 689P
   ARM920T-based Microcontroller
AT91RM9200 ATMEL-AT91RM9200 Datasheet
769Kb / 41P
   ARM920T-based Microcontroller
AT91RM9200 ATMEL-AT91RM9200_05 Datasheet
8Mb / 683P
   ARM920T based Microcontroller
AT91RM3400 ATMEL-AT91RM3400 Datasheet
6Mb / 461P
   ARM7TDMI??based Microcontroller
ATSAMD ATMEL-ATSAMD Datasheet
673Kb / 25P
   ARM-Based Microcontroller
AT91SAM7A1 ATMEL-AT91SAM7A1 Datasheet
133Kb / 14P
   ARM7TDMI BASED MICROCONTROLLER
AT91RM3400 ATMEL-AT91RM3400_05 Datasheet
53Kb / 8P
   ARM7TDMI짰-based Microcontroller
logo
Nuvoton Technology Corp...
N79E855 NUVOTON-N79E855 Datasheet
3Mb / 180P
   Nuvoton 8051-based Microcontroller
logo
ATMEL Corporation
SAM-D20E ATMEL-SAM-D20E_14 Datasheet
979Kb / 32P
   SMART ARM-Based Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com