Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT91RM9200-CJ-002 Datasheet(PDF) 68 Page - ATMEL Corporation

Part # AT91RM9200-CJ-002
Description  ARM920T-based Microcontroller
Download  701 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91RM9200-CJ-002 Datasheet(HTML) 68 Page - ATMEL Corporation

Back Button AT91RM9200-CJ-002 Datasheet HTML 64Page - ATMEL Corporation AT91RM9200-CJ-002 Datasheet HTML 65Page - ATMEL Corporation AT91RM9200-CJ-002 Datasheet HTML 66Page - ATMEL Corporation AT91RM9200-CJ-002 Datasheet HTML 67Page - ATMEL Corporation AT91RM9200-CJ-002 Datasheet HTML 68Page - ATMEL Corporation AT91RM9200-CJ-002 Datasheet HTML 69Page - ATMEL Corporation AT91RM9200-CJ-002 Datasheet HTML 70Page - ATMEL Corporation AT91RM9200-CJ-002 Datasheet HTML 71Page - ATMEL Corporation AT91RM9200-CJ-002 Datasheet HTML 72Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 701 page
background image
68
1768I–ATARM–09-Jul-09
AT91RM9200
Each AT91RM9200 input/output pin corresponds to a 3-bit register in the BSR. The OUTPUT
bit contains data that can be forced on the pad. The INPUT bit facilitates the observability of data
applied to the pad. The CTRL bit selects the direction of the pad.
Table 12-3.
JTAG Boundary Scan Register
Bit
Number
Pin Name
Pin Type
Associated BSR
Cells
449
A19
Output
OUTPUT
448
A[19:16]/BA0/BA1
Output
CTRL
447
A20
Output
OUTPUT
446
A[22:20]/NWE/NWR0
Output
CTRL
445
A21
Output
OUTPUT
444
A22
Output
OUTPUT
443
PC7/A23
I/O
INPUT
442
OUTPUT
441
CTRL
440
PC8/A24
I/O
INPUT
439
OUTPUT
438
CTRL
437
PC9/A25/CFRNW
I/O
INPUT
436
OUTPUT
435
CTRL
434
NCS0/BFCS
Output
OUTPUT
433
NCS[1:0]/NOE/NRD/NUB/
NWR1/NBS1/BFCS/SDCS
Output
CTRL
432
NCS1/SDCS
Output
OUTPUT
431
NCS2
Output
OUTPUT
430
NCS[2:3]/NBS3
Output
CTRL
429
NCS3
Output
OUTPUT
428
NOE/NRD
Output
OUTPUT
427
NWE/NWR0
Output
INPUT
426
OUTPUT
425
NUB/NWR1/NBS1
Output
INPUT
424
OUTPUT
423
NBS3
Output
OUTPUT
422
SDCKE
Output
OUTPUT
421
SDCKE/RAS/CAS/WE/SDA10
Output
CTRL
420
RAS
Output
OUTPUT
419
CAS
Output
OUTPUT
418
WE
Output
OUTPUT


Similar Part No. - AT91RM9200-CJ-002

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT91RM9200-CJ-002 ATMEL-AT91RM9200-CJ-002 Datasheet
8Mb / 683P
   ARM920T based Microcontroller
AT91RM9200-CJ-002 ATMEL-AT91RM9200-CJ-002 Datasheet
7Mb / 689P
   ARM920T-based Microcontroller
AT91RM9200-CJ-002 ATMEL-AT91RM9200-CJ-002 Datasheet
769Kb / 41P
   ARM920T-based Microcontroller
More results

Similar Description - AT91RM9200-CJ-002

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT91RM9200_0509 ATMEL-AT91RM9200_0509 Datasheet
669Kb / 38P
   ARM920T based Microcontroller
AT91RM9200 ATMEL-AT91RM9200_06 Datasheet
7Mb / 689P
   ARM920T-based Microcontroller
AT91RM9200 ATMEL-AT91RM9200 Datasheet
769Kb / 41P
   ARM920T-based Microcontroller
AT91RM9200 ATMEL-AT91RM9200_05 Datasheet
8Mb / 683P
   ARM920T based Microcontroller
AT91RM3400 ATMEL-AT91RM3400 Datasheet
6Mb / 461P
   ARM7TDMI??based Microcontroller
ATSAMD ATMEL-ATSAMD Datasheet
673Kb / 25P
   ARM-Based Microcontroller
AT91SAM7A1 ATMEL-AT91SAM7A1 Datasheet
133Kb / 14P
   ARM7TDMI BASED MICROCONTROLLER
AT91RM3400 ATMEL-AT91RM3400_05 Datasheet
53Kb / 8P
   ARM7TDMI짰-based Microcontroller
logo
Nuvoton Technology Corp...
N79E855 NUVOTON-N79E855 Datasheet
3Mb / 180P
   Nuvoton 8051-based Microcontroller
logo
ATMEL Corporation
SAM-D20E ATMEL-SAM-D20E_14 Datasheet
979Kb / 32P
   SMART ARM-Based Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com