Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT91RM9200-CJ-002 Datasheet(PDF) 87 Page - ATMEL Corporation

Part # AT91RM9200-CJ-002
Description  ARM920T-based Microcontroller
Download  701 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91RM9200-CJ-002 Datasheet(HTML) 87 Page - ATMEL Corporation

Back Button AT91RM9200-CJ-002 Datasheet HTML 83Page - ATMEL Corporation AT91RM9200-CJ-002 Datasheet HTML 84Page - ATMEL Corporation AT91RM9200-CJ-002 Datasheet HTML 85Page - ATMEL Corporation AT91RM9200-CJ-002 Datasheet HTML 86Page - ATMEL Corporation AT91RM9200-CJ-002 Datasheet HTML 87Page - ATMEL Corporation AT91RM9200-CJ-002 Datasheet HTML 88Page - ATMEL Corporation AT91RM9200-CJ-002 Datasheet HTML 89Page - ATMEL Corporation AT91RM9200-CJ-002 Datasheet HTML 90Page - ATMEL Corporation AT91RM9200-CJ-002 Datasheet HTML 91Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 701 page
background image
87
1768I–ATARM–09-Jul-09
AT91RM9200
13.3.2
Structure of ARM Vector 6
The ARM exception vector 6 is used to store information needed by the Boot ROM downloader.
This information is described below.
Figure 13-5. Structure of the ARM vector 6
The first eight bits contain the number of blocks to download. The size of a block is 512 bytes,
allowing download of up to 128K bytes.
The bits 13 to 16 determine the DataFlash page number.
– DataFlash page number = 2
(Nb of pages)
The last 15 bits contain the DataFlash page size.
13.3.2.1
Example
The following vector contains the information to describe a AT45DB642 DataFlash which con-
tains 11776 bytes to download.
Vector 6 is 0x0841A017 (00001000010000011010000000010111b):
Size to download: 0x17 * 512 bytes = 11776 bytes
Number pages (1101b): 13 ==> Number of DataFlash pages = 213 = 8192
DataFlash page size(000010000100000b) = 1056
For download in the EEPROM or 8-bit external memory, only the size to be downloaded is
decoded.
31
17 16
13 12
8
7
0
Number of
pages
Reserved
Nb of 512 bytes blocks to
download
DataFlash page size
Table 13-1.
DataFlash Device
Device
Density
Page Size (bytes)
Number of pages
AT45DB011B
1 Mbit
264
512
AT45DB021B
2 Mbits
264
1024
AT45DB041B
4 Mbits
264
2048
AT45DB081B
8 Mbits
264
4096
AT45DB161B
16 Mbits
528
4096
AT45DB321B
32 Mbits
528
8192
AT45DB642
64 Mbits
1056
8192
AT45DB1282
128 Mbits
1056
16384


Similar Part No. - AT91RM9200-CJ-002

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT91RM9200-CJ-002 ATMEL-AT91RM9200-CJ-002 Datasheet
8Mb / 683P
   ARM920T based Microcontroller
AT91RM9200-CJ-002 ATMEL-AT91RM9200-CJ-002 Datasheet
7Mb / 689P
   ARM920T-based Microcontroller
AT91RM9200-CJ-002 ATMEL-AT91RM9200-CJ-002 Datasheet
769Kb / 41P
   ARM920T-based Microcontroller
More results

Similar Description - AT91RM9200-CJ-002

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT91RM9200_0509 ATMEL-AT91RM9200_0509 Datasheet
669Kb / 38P
   ARM920T based Microcontroller
AT91RM9200 ATMEL-AT91RM9200_06 Datasheet
7Mb / 689P
   ARM920T-based Microcontroller
AT91RM9200 ATMEL-AT91RM9200 Datasheet
769Kb / 41P
   ARM920T-based Microcontroller
AT91RM9200 ATMEL-AT91RM9200_05 Datasheet
8Mb / 683P
   ARM920T based Microcontroller
AT91RM3400 ATMEL-AT91RM3400 Datasheet
6Mb / 461P
   ARM7TDMI??based Microcontroller
ATSAMD ATMEL-ATSAMD Datasheet
673Kb / 25P
   ARM-Based Microcontroller
AT91SAM7A1 ATMEL-AT91SAM7A1 Datasheet
133Kb / 14P
   ARM7TDMI BASED MICROCONTROLLER
AT91RM3400 ATMEL-AT91RM3400_05 Datasheet
53Kb / 8P
   ARM7TDMI짰-based Microcontroller
logo
Nuvoton Technology Corp...
N79E855 NUVOTON-N79E855 Datasheet
3Mb / 180P
   Nuvoton 8051-based Microcontroller
logo
ATMEL Corporation
SAM-D20E ATMEL-SAM-D20E_14 Datasheet
979Kb / 32P
   SMART ARM-Based Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com