Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT91RM9200-CJ-002 Datasheet(PDF) 90 Page - ATMEL Corporation

Part # AT91RM9200-CJ-002
Description  ARM920T-based Microcontroller
Download  701 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91RM9200-CJ-002 Datasheet(HTML) 90 Page - ATMEL Corporation

Back Button AT91RM9200-CJ-002 Datasheet HTML 86Page - ATMEL Corporation AT91RM9200-CJ-002 Datasheet HTML 87Page - ATMEL Corporation AT91RM9200-CJ-002 Datasheet HTML 88Page - ATMEL Corporation AT91RM9200-CJ-002 Datasheet HTML 89Page - ATMEL Corporation AT91RM9200-CJ-002 Datasheet HTML 90Page - ATMEL Corporation AT91RM9200-CJ-002 Datasheet HTML 91Page - ATMEL Corporation AT91RM9200-CJ-002 Datasheet HTML 92Page - ATMEL Corporation AT91RM9200-CJ-002 Datasheet HTML 93Page - ATMEL Corporation AT91RM9200-CJ-002 Datasheet HTML 94Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 701 page
background image
90
1768I–ATARM–09-Jul-09
AT91RM9200
13.3.3.4
Serial Two-wire EEPROM Download
Generally, serial EEPROMs have no identification code. The bootloader checks for an acknowl-
edgment on the first read. The device address on the two-wire bus must be 0x0. The bootloader
supports the devices listed in Table 13-3.
Figure 13-7. Serial Two-Wire EEPROM Download
Table 13-3.
Supported EEPROM Devices
Device
Size
Organization
AT24C16A
16 Kbits
16 bytes page write
AT24C164
16 Kbits
16 bytes page write
AT24C32
32 Kbits
32 bytes page write
AT24C64
64 Kbits
32 bytes page write
AT24C128
128 Kbits
64 bytes page write
AT24C256
256 Kbits
64 bytes page write
AT24C512
528 Kbits
128 bytes page write
End
Memory Uploader
Only for Device without
EBI integrated
Read the first 8 instructions (32 bytes).
Decode the sixth ARM vector
Yes
Read the Two-Wire EEPROM into the
internal SRAM
(code size to read in vector 6)
Restore the reset value for the peripherals.
Set the PC to 0 and perform the REMAP
to jump to the downloaded application
Send Read command
8 vectors
(except vector 6) are LDR
or Branch instruction ?
Yes
Start
Device ACK ?
8-bits parallel memory
Download
Only for Device with EBI integrated
No
No


Similar Part No. - AT91RM9200-CJ-002

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT91RM9200-CJ-002 ATMEL-AT91RM9200-CJ-002 Datasheet
8Mb / 683P
   ARM920T based Microcontroller
AT91RM9200-CJ-002 ATMEL-AT91RM9200-CJ-002 Datasheet
7Mb / 689P
   ARM920T-based Microcontroller
AT91RM9200-CJ-002 ATMEL-AT91RM9200-CJ-002 Datasheet
769Kb / 41P
   ARM920T-based Microcontroller
More results

Similar Description - AT91RM9200-CJ-002

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT91RM9200_0509 ATMEL-AT91RM9200_0509 Datasheet
669Kb / 38P
   ARM920T based Microcontroller
AT91RM9200 ATMEL-AT91RM9200_06 Datasheet
7Mb / 689P
   ARM920T-based Microcontroller
AT91RM9200 ATMEL-AT91RM9200 Datasheet
769Kb / 41P
   ARM920T-based Microcontroller
AT91RM9200 ATMEL-AT91RM9200_05 Datasheet
8Mb / 683P
   ARM920T based Microcontroller
AT91RM3400 ATMEL-AT91RM3400 Datasheet
6Mb / 461P
   ARM7TDMI??based Microcontroller
ATSAMD ATMEL-ATSAMD Datasheet
673Kb / 25P
   ARM-Based Microcontroller
AT91SAM7A1 ATMEL-AT91SAM7A1 Datasheet
133Kb / 14P
   ARM7TDMI BASED MICROCONTROLLER
AT91RM3400 ATMEL-AT91RM3400_05 Datasheet
53Kb / 8P
   ARM7TDMI짰-based Microcontroller
logo
Nuvoton Technology Corp...
N79E855 NUVOTON-N79E855 Datasheet
3Mb / 180P
   Nuvoton 8051-based Microcontroller
logo
ATMEL Corporation
SAM-D20E ATMEL-SAM-D20E_14 Datasheet
979Kb / 32P
   SMART ARM-Based Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com