Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT91RM9200-CJ-002 Datasheet(PDF) 13 Page - ATMEL Corporation

Part # AT91RM9200-CJ-002
Description  ARM920T-based Microcontroller
Download  701 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91RM9200-CJ-002 Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button AT91RM9200-CJ-002 Datasheet HTML 9Page - ATMEL Corporation AT91RM9200-CJ-002 Datasheet HTML 10Page - ATMEL Corporation AT91RM9200-CJ-002 Datasheet HTML 11Page - ATMEL Corporation AT91RM9200-CJ-002 Datasheet HTML 12Page - ATMEL Corporation AT91RM9200-CJ-002 Datasheet HTML 13Page - ATMEL Corporation AT91RM9200-CJ-002 Datasheet HTML 14Page - ATMEL Corporation AT91RM9200-CJ-002 Datasheet HTML 15Page - ATMEL Corporation AT91RM9200-CJ-002 Datasheet HTML 16Page - ATMEL Corporation AT91RM9200-CJ-002 Datasheet HTML 17Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 701 page
background image
13
1768I–ATARM–09-Jul-09
AT91RM9200
5.
Power Considerations
5.1
Power Supplies
The AT91RM9200 has five types of power supply pins:
• VDDCORE pins. They power the core, including processor, memories and peripherals;
voltage ranges from 1.65V to 1.95V, 1.8V nominal.
• VDDIOM pins. They power the External Bus Interface I/O lines; voltage ranges from 3.0V to
3.6V, 3V or 3.3V nominal.
• VDDIOP pins. They power the Peripheral I/O lines and the USB transceivers; voltage ranges
from 3.0V to 3.6V, 3V or 3.3V nominal.
• VDDPLL pins. They power the PLL cells; voltage ranges from 1.65V to 1.95V, 1.8V nominal.
• VDDOSC pin. They power both oscillators; voltage ranges from 1.65V to 1.95V, 1.8V
nominal.
The double power supplies VDDIOM and VDDIOP are identified in Table 4-1 on page 9 and
Table 4-2 on page 11. These supplies enable the user to power the device differently for inter-
facing with memories and for interfacing with peripherals.
Ground pins are common to all power supplies, except VDDPLL and VDDOSC pins. For these
pins, GNDPLL and GNDOSC are provided, respectively.
5.2
Power Consumption
The AT91RM9200 consumes about 500 µA of static current on VDDCORE at 25
⋅ C. For
dynamic power consumption, the AT91RM9200 consumes a maximum of 25 mA on VDDCORE
at maximum speed in typical conditions (1.8V, 25
⋅ C), processor running full-performance
algorithm.
6.
I/O Considerations
6.1
JTAG Port Pins
TMS and TDI are Schmitt trigger inputs and integrate internal pull-up resistors of 15 kOhm typi-
cal. TCK is a Schmitt trigger input without internal pull-up resistor.
TDO is a tri-state output. The JTAGSEL pin is used to select the JTAG boundary scan when
asserted at a high level. The NTRST pin is used to initialize the EmbeddedICE
TAP Controller.
6.2
Test Pin
The TST0 and TST1 pins are used for manufacturing test purposes when asserted high. As they
do not integrate a pull-down resistor, they must be tied low during normal operations. Driving this
line at a high level leads to unpredictable results.
6.3
Reset Pin
NRST is a Schmitt trigger without pull-up resistor. The NRST signal is inserted in the Boundary
Scan.


Similar Part No. - AT91RM9200-CJ-002

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT91RM9200-CJ-002 ATMEL-AT91RM9200-CJ-002 Datasheet
8Mb / 683P
   ARM920T based Microcontroller
AT91RM9200-CJ-002 ATMEL-AT91RM9200-CJ-002 Datasheet
7Mb / 689P
   ARM920T-based Microcontroller
AT91RM9200-CJ-002 ATMEL-AT91RM9200-CJ-002 Datasheet
769Kb / 41P
   ARM920T-based Microcontroller
More results

Similar Description - AT91RM9200-CJ-002

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT91RM9200_0509 ATMEL-AT91RM9200_0509 Datasheet
669Kb / 38P
   ARM920T based Microcontroller
AT91RM9200 ATMEL-AT91RM9200_06 Datasheet
7Mb / 689P
   ARM920T-based Microcontroller
AT91RM9200 ATMEL-AT91RM9200 Datasheet
769Kb / 41P
   ARM920T-based Microcontroller
AT91RM9200 ATMEL-AT91RM9200_05 Datasheet
8Mb / 683P
   ARM920T based Microcontroller
AT91RM3400 ATMEL-AT91RM3400 Datasheet
6Mb / 461P
   ARM7TDMI??based Microcontroller
ATSAMD ATMEL-ATSAMD Datasheet
673Kb / 25P
   ARM-Based Microcontroller
AT91SAM7A1 ATMEL-AT91SAM7A1 Datasheet
133Kb / 14P
   ARM7TDMI BASED MICROCONTROLLER
AT91RM3400 ATMEL-AT91RM3400_05 Datasheet
53Kb / 8P
   ARM7TDMI짰-based Microcontroller
logo
Nuvoton Technology Corp...
N79E855 NUVOTON-N79E855 Datasheet
3Mb / 180P
   Nuvoton 8051-based Microcontroller
logo
ATMEL Corporation
SAM-D20E ATMEL-SAM-D20E_14 Datasheet
979Kb / 32P
   SMART ARM-Based Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com