Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT91RM9200-CJ-002 Datasheet(PDF) 18 Page - ATMEL Corporation

Part # AT91RM9200-CJ-002
Description  ARM920T-based Microcontroller
Download  701 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91RM9200-CJ-002 Datasheet(HTML) 18 Page - ATMEL Corporation

Back Button AT91RM9200-CJ-002 Datasheet HTML 14Page - ATMEL Corporation AT91RM9200-CJ-002 Datasheet HTML 15Page - ATMEL Corporation AT91RM9200-CJ-002 Datasheet HTML 16Page - ATMEL Corporation AT91RM9200-CJ-002 Datasheet HTML 17Page - ATMEL Corporation AT91RM9200-CJ-002 Datasheet HTML 18Page - ATMEL Corporation AT91RM9200-CJ-002 Datasheet HTML 19Page - ATMEL Corporation AT91RM9200-CJ-002 Datasheet HTML 20Page - ATMEL Corporation AT91RM9200-CJ-002 Datasheet HTML 21Page - ATMEL Corporation AT91RM9200-CJ-002 Datasheet HTML 22Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 701 page
background image
18
1768I–ATARM–09-Jul-09
AT91RM9200
A first level of address decoding is performed by the Memory Controller, i.e., by the implementa-
tion of the Advanced System Bus (ASB) with additional features.
Decoding splits the 4G bytes of address space into 16 areas of 256M bytes. The areas 1 to 8 are
directed to the EBI that associates these areas to the external chip selects NC0 to NCS7. The
area 0 is reserved for the addressing of the internal memories, and a second level of decoding
provides 1M bytes of internal memory area. The area 15 is reserved for the peripherals and pro-
vides access to the Advanced Peripheral Bus (APB).
Other areas are unused and performing an access within them provides an abort to the master
requesting such an access.
8.1
Embedded Memories
8.1.1
Internal Memory Mapping
8.1.1.1
Internal RAM
The AT91RM9200 integrates a high-speed, 16-Kbyte internal SRAM. After reset and until the
Remap Command is performed, the SRAM is only accessible at address 0x20 0000. After
Remap, the SRAM is also available at address 0x0.
8.1.1.2
Internal ROM
The AT91RM9200 integrates a 128-Kbyte Internal ROM. At any time, the ROM is mapped at
address 0x10 0000. It is also accessible at address 0x0 after reset and before the Remap Com-
mand if the BMS is tied high during reset.
8.1.1.3
USB Host Port
The AT91RM9200 integrates a USB Host Port Open Host Controller Interface (OHCI). The reg-
isters of this interface are directly accessible on the ASB Bus and are mapped like a standard
internal memory at address 0x30 0000.


Similar Part No. - AT91RM9200-CJ-002

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT91RM9200-CJ-002 ATMEL-AT91RM9200-CJ-002 Datasheet
8Mb / 683P
   ARM920T based Microcontroller
AT91RM9200-CJ-002 ATMEL-AT91RM9200-CJ-002 Datasheet
7Mb / 689P
   ARM920T-based Microcontroller
AT91RM9200-CJ-002 ATMEL-AT91RM9200-CJ-002 Datasheet
769Kb / 41P
   ARM920T-based Microcontroller
More results

Similar Description - AT91RM9200-CJ-002

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT91RM9200_0509 ATMEL-AT91RM9200_0509 Datasheet
669Kb / 38P
   ARM920T based Microcontroller
AT91RM9200 ATMEL-AT91RM9200_06 Datasheet
7Mb / 689P
   ARM920T-based Microcontroller
AT91RM9200 ATMEL-AT91RM9200 Datasheet
769Kb / 41P
   ARM920T-based Microcontroller
AT91RM9200 ATMEL-AT91RM9200_05 Datasheet
8Mb / 683P
   ARM920T based Microcontroller
AT91RM3400 ATMEL-AT91RM3400 Datasheet
6Mb / 461P
   ARM7TDMI??based Microcontroller
ATSAMD ATMEL-ATSAMD Datasheet
673Kb / 25P
   ARM-Based Microcontroller
AT91SAM7A1 ATMEL-AT91SAM7A1 Datasheet
133Kb / 14P
   ARM7TDMI BASED MICROCONTROLLER
AT91RM3400 ATMEL-AT91RM3400_05 Datasheet
53Kb / 8P
   ARM7TDMI짰-based Microcontroller
logo
Nuvoton Technology Corp...
N79E855 NUVOTON-N79E855 Datasheet
3Mb / 180P
   Nuvoton 8051-based Microcontroller
logo
ATMEL Corporation
SAM-D20E ATMEL-SAM-D20E_14 Datasheet
979Kb / 32P
   SMART ARM-Based Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com