Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT91RM9200-CJ-002 Datasheet(PDF) 2 Page - ATMEL Corporation

Part # AT91RM9200-CJ-002
Description  ARM920T-based Microcontroller
Download  701 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91RM9200-CJ-002 Datasheet(HTML) 2 Page - ATMEL Corporation

  AT91RM9200-CJ-002 Datasheet HTML 1Page - ATMEL Corporation AT91RM9200-CJ-002 Datasheet HTML 2Page - ATMEL Corporation AT91RM9200-CJ-002 Datasheet HTML 3Page - ATMEL Corporation AT91RM9200-CJ-002 Datasheet HTML 4Page - ATMEL Corporation AT91RM9200-CJ-002 Datasheet HTML 5Page - ATMEL Corporation AT91RM9200-CJ-002 Datasheet HTML 6Page - ATMEL Corporation AT91RM9200-CJ-002 Datasheet HTML 7Page - ATMEL Corporation AT91RM9200-CJ-002 Datasheet HTML 8Page - ATMEL Corporation AT91RM9200-CJ-002 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 701 page
background image
2
1768I–ATARM–09-Jul-09
AT91RM9200
Two 3-channel, 16-bit Timer/Counters (TC)
– Three External Clock Inputs, Two Multi-purpose I/O Pins per Channel
– Double PWM Generation, Capture/Waveform Mode, Up/Down Capability
Two-wire Interface (TWI)
– Master Mode Support, All 2-wire Atmel EEPROMs Supported
IEEE® 1149.1 JTAG Boundary Scan on All Digital Pins
Power Supplies
– 1.65V to 1.95V for VDDCORE, VDDOSC and VDDPLL
– 3.0V to 3.6V for VDDIOP (Peripheral I/Os) and for VDDIOM (Memory I/Os)
Available in a 208-pin Green PQFP or 256-ball RoHS-compliant BGA Package
1.
Description
The AT91RM9200 is a complete system-on-chip built around the ARM920T ARM Thumb pro-
cessor. It incorporates a rich set of system and application peripherals and standard interfaces
in order to provide a single-chip solution for a wide range of compute-intensive applications that
require maximum functionality at minimum power consumption at lowest cost.
The AT91RM9200 incorporates a high-speed on-chip SRAM workspace, and a low-latency
External Bus Interface (EBI) for seamless connection to whatever configuration of off-chip mem-
ories and memory-mapped peripherals is required by the application. The EBI incorporates
controllers for synchronous DRAM (SDRAM), Burst Flash and Static memories and features
specific circuitry facilitating the interface for NAND Flash/SmartMedia and Compact Flash.
The Advanced Interrupt Controller (AIC) enhances the interrupt handling performance of the
ARM920T processor by providing multiple vectored, prioritized interrupt sources and reducing
the time taken to transfer to an interrupt handler.
The Peripheral DMA Controller (PDC) provides DMA channels for all the serial peripherals,
enabling them to transfer data to or from on- and off-chip memories without processor interven-
tion. This reduces the processor overhead when dealing with transfers of continuous data
streams.The AT91RM9200 benefits from a new generation of PDC which includes dual pointers
that simplify significantly buffer chaining.
The set of Parallel I/O (PIO) controllers multiplex the peripheral input/output lines with general-
purpose data I/Os for maximum flexibility in device configuration. An input change interrupt,
open drain capability and programmable pull-up resistor is included on each line.
The Power Management Controller (PMC) keeps system power consumption to a minimum by
selectively enabling/disabling the processor and various peripherals under software control. It
uses an enhanced clock generator to provide a selection of clock signals including a slow clock
(32 kHz) to optimize power consumption and performance at all times.
The AT91RM9200 integrates a wide range of standard interfaces including USB 2.0 Full Speed
Host and Device and Ethernet 10/100 Base-T Media Access Controller (MAC), which provides
connection to a extensive range of external peripheral devices and a widely used networking
layer. In addition, it provides an extensive set of peripherals that operate in accordance with sev-
eral industry standards, such as those used in audio, telecom, Flash Card, infrared and Smart
Card applications.
To complete the offer, the AT91RM9200 benefits from the integration of a wide range of debug
features including JTAG-ICE, a dedicated UART debug channel (DBGU) and an embedded real
time trace. This enables the development and debug of all applications, especially those with
real-time constraints.


Similar Part No. - AT91RM9200-CJ-002

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT91RM9200-CJ-002 ATMEL-AT91RM9200-CJ-002 Datasheet
8Mb / 683P
   ARM920T based Microcontroller
AT91RM9200-CJ-002 ATMEL-AT91RM9200-CJ-002 Datasheet
7Mb / 689P
   ARM920T-based Microcontroller
AT91RM9200-CJ-002 ATMEL-AT91RM9200-CJ-002 Datasheet
769Kb / 41P
   ARM920T-based Microcontroller
More results

Similar Description - AT91RM9200-CJ-002

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT91RM9200_0509 ATMEL-AT91RM9200_0509 Datasheet
669Kb / 38P
   ARM920T based Microcontroller
AT91RM9200 ATMEL-AT91RM9200_06 Datasheet
7Mb / 689P
   ARM920T-based Microcontroller
AT91RM9200 ATMEL-AT91RM9200 Datasheet
769Kb / 41P
   ARM920T-based Microcontroller
AT91RM9200 ATMEL-AT91RM9200_05 Datasheet
8Mb / 683P
   ARM920T based Microcontroller
AT91RM3400 ATMEL-AT91RM3400 Datasheet
6Mb / 461P
   ARM7TDMI??based Microcontroller
ATSAMD ATMEL-ATSAMD Datasheet
673Kb / 25P
   ARM-Based Microcontroller
AT91SAM7A1 ATMEL-AT91SAM7A1 Datasheet
133Kb / 14P
   ARM7TDMI BASED MICROCONTROLLER
AT91RM3400 ATMEL-AT91RM3400_05 Datasheet
53Kb / 8P
   ARM7TDMI짰-based Microcontroller
logo
Nuvoton Technology Corp...
N79E855 NUVOTON-N79E855 Datasheet
3Mb / 180P
   Nuvoton 8051-based Microcontroller
logo
ATMEL Corporation
SAM-D20E ATMEL-SAM-D20E_14 Datasheet
979Kb / 32P
   SMART ARM-Based Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com