Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT91RM9200-CJ-002 Datasheet(PDF) 3 Page - ATMEL Corporation

Part # AT91RM9200-CJ-002
Description  ARM920T-based Microcontroller
Download  701 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91RM9200-CJ-002 Datasheet(HTML) 3 Page - ATMEL Corporation

  AT91RM9200-CJ-002 Datasheet HTML 1Page - ATMEL Corporation AT91RM9200-CJ-002 Datasheet HTML 2Page - ATMEL Corporation AT91RM9200-CJ-002 Datasheet HTML 3Page - ATMEL Corporation AT91RM9200-CJ-002 Datasheet HTML 4Page - ATMEL Corporation AT91RM9200-CJ-002 Datasheet HTML 5Page - ATMEL Corporation AT91RM9200-CJ-002 Datasheet HTML 6Page - ATMEL Corporation AT91RM9200-CJ-002 Datasheet HTML 7Page - ATMEL Corporation AT91RM9200-CJ-002 Datasheet HTML 8Page - ATMEL Corporation AT91RM9200-CJ-002 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 701 page
background image
3
1768I–ATARM–09-Jul-09
AT91RM9200
2.
Block Diagram
Bold arrows (
) indicate master-to-slave dependency.
Figure 2-1.
AT91RM9200 Block Diagram
ARM920T Core
JTAG
Scan
ICE
AIC
Fast SRAM
16K bytes
PLLB
PLLA
OSC
PMC
System
Timer
OSC
RTC
EBI
PIOA/PIOB/PIOC/PIOD
Controller
DBGU
MCI
USART0
USART1
USART2
USART3
SPI
SSC0
SSC1
SSC2
Timer Counter
TC0
TC1
TC2
Timer Counter
TC3
TC4
TC5
TWI
D0-D15
A0/NBS0
A1/NBS2/NWR2
A2-A15/A18-A22
A16/BA0
A17/BA1
NCS0/BFCS
NCS1/SDCS
NCS3/SMCS
NRD/NOE/CFOE
NWR0/NWE/CFWE
NWR1/NBS1/CFIOR
NWR3/NBS3/CFIOW
SDCK
SDCKE
RAS-CAS
SDWE
SDA10
BFRDY/SMOE
BFCK
BFAVD
BFBAA/SMWE
BFOE
BFWE
A23-A24
NWAIT
NCS5/CFCE1
D16-D31
TF0
TK0
TD0
RD0
RK0
RF0
TF1
TK1
TD1
RD1
RK1
RF1
TF2
TK2
TD2
RD2
RK2
RF2
TCLK0
TCLK1
TCLK2
TIOA0
TIOB0
TIOA1
TIOB1
TIOA2
TIOB2
TCLK3
TCLK4
TCLK5
TIOA3
TIOB3
TIOA4
TIOB4
TIOA5
TIOB5
TWD
TWCK
JTAGSEL
TDI
TDO
TMS
TCK
NTRST
FIQ
IRQ0-IRQ6
PCK0-PCK3
PLLRCB
PLLRCA
XIN
XOUT
XIN32
XOUT32
DDM
DDP
MCCK
MCCDA
MCDA0-MCDA3
MCCDB
RXD0
TXD0
SCK0
RTS0
CTS0
RXD1
TXD1
SCK1
RTS1
CTS1
DSR1
DTR1
DCD1
RI1
RXD2
TXD2
SCK2
RTS2
CTS2
RXD3
TXD3
SCK3
RTS3
CTS3
NPCS0
NPCS1
NPCS2
NPCS3
MISO
MOSI
SPCK
MCDB0-MCDB3
HDMA
HDPB
HDPA
HDMB
DRXD
DTXD
Ethernet MAC 10/100
ETXCK-ERXCK-EREFCK
ETXEN-ETXER
ECRS-ECOL
ERXER-ERXDV
ERX0-ERX3
ETX0-ETX3
EMDC
SDRAM
Controller
Burst
Flash
Controller
Static
Memory
Controller
Instruction Cache
16K bytes
Data Cache
16K bytes
MMU
EMDIO
DMA
FIFO
DMA
FIFO
USB Host
FIFO
USB Device
Reset
and
Test
TST0-TST1
NRST
APB
Fast ROM
128K bytes
BMS
NCS2
A25/CFRNW
NCS4/CFCS
Misalignment
Detector
Address
Decoder
Abort
Status
NCS6/CFCE2
NCS7
Memory
Controller
Bus
Arbiter
Peripheral
Bridge
Peripheral
DMA
Controller
EF100
ETM
TSYNC
TCLK
TPS0 - TPS2
TPK0 - TPK15
CompactFlash
NAND Flash
SmartMedia
PDC
PDC
PDC
PDC
PDC
PDC
PDC
PDC
PDC
PDC
PDC
PDC


Similar Part No. - AT91RM9200-CJ-002

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT91RM9200-CJ-002 ATMEL-AT91RM9200-CJ-002 Datasheet
8Mb / 683P
   ARM920T based Microcontroller
AT91RM9200-CJ-002 ATMEL-AT91RM9200-CJ-002 Datasheet
7Mb / 689P
   ARM920T-based Microcontroller
AT91RM9200-CJ-002 ATMEL-AT91RM9200-CJ-002 Datasheet
769Kb / 41P
   ARM920T-based Microcontroller
More results

Similar Description - AT91RM9200-CJ-002

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT91RM9200_0509 ATMEL-AT91RM9200_0509 Datasheet
669Kb / 38P
   ARM920T based Microcontroller
AT91RM9200 ATMEL-AT91RM9200_06 Datasheet
7Mb / 689P
   ARM920T-based Microcontroller
AT91RM9200 ATMEL-AT91RM9200 Datasheet
769Kb / 41P
   ARM920T-based Microcontroller
AT91RM9200 ATMEL-AT91RM9200_05 Datasheet
8Mb / 683P
   ARM920T based Microcontroller
AT91RM3400 ATMEL-AT91RM3400 Datasheet
6Mb / 461P
   ARM7TDMI??based Microcontroller
ATSAMD ATMEL-ATSAMD Datasheet
673Kb / 25P
   ARM-Based Microcontroller
AT91SAM7A1 ATMEL-AT91SAM7A1 Datasheet
133Kb / 14P
   ARM7TDMI BASED MICROCONTROLLER
AT91RM3400 ATMEL-AT91RM3400_05 Datasheet
53Kb / 8P
   ARM7TDMI짰-based Microcontroller
logo
Nuvoton Technology Corp...
N79E855 NUVOTON-N79E855 Datasheet
3Mb / 180P
   Nuvoton 8051-based Microcontroller
logo
ATMEL Corporation
SAM-D20E ATMEL-SAM-D20E_14 Datasheet
979Kb / 32P
   SMART ARM-Based Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com