Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HS221P10NDGI8 Datasheet(PDF) 5 Page - Integrated Device Technology

Part # HS221P10NDGI8
Description  HYBRID SWITCH WITH NEGATIVE SIGNAL HANDLING
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

HS221P10NDGI8 Datasheet(HTML) 5 Page - Integrated Device Technology

  HS221P10NDGI8 Datasheet HTML 1Page - Integrated Device Technology HS221P10NDGI8 Datasheet HTML 2Page - Integrated Device Technology HS221P10NDGI8 Datasheet HTML 3Page - Integrated Device Technology HS221P10NDGI8 Datasheet HTML 4Page - Integrated Device Technology HS221P10NDGI8 Datasheet HTML 5Page - Integrated Device Technology HS221P10NDGI8 Datasheet HTML 6Page - Integrated Device Technology HS221P10NDGI8 Datasheet HTML 7Page - Integrated Device Technology HS221P10NDGI8 Datasheet HTML 8Page - Integrated Device Technology HS221P10NDGI8 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
IDTHS221P10
HYBRID SWITCH WITH NEGATIVE SIGNAL HANDLING
HYBRID SWITCH
IDT™ HYBRID SWITCH WITH NEGATIVE SIGNAL HANDLING
5
IDTHS221P10 REV F 112108
Electrical Characteristics – 1.7 V to 1.95 V Supply
Unless stated otherwise, VDD =1.7 V to 1.95 V, GND = 0V
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Audio Switches (L, R)
Audio Signal Range
VANALOG
-1.5
1.5
V
On-Resistance
RON
2
RON Matching Between
Channels
RON
0.2
RON Flatness
RFLAT(ON)
1.5
Discharge Pull-down
Resistance
RCOM+,
RCOM-
POP discharge pull-down resistor
10
k
USB Switches (D+, D-)
USB Signal Range
VANALOG
03.6
V
On-Resistance
RON
5
RON Matching Between
Channels
RON
0.1
RON Flatness
RFLAT(ON)
1.5
OFF-leakage Current
ID+(OFF) or
ID-(OFF)
±50
nA
ON-leakage Current
IDx
±50
nA


Similar Part No. - HS221P10NDGI8

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HS2211 ETC1-HS2211 Datasheet
259Kb / 1P
   10/100 BASE-T SINGLE PORT
HS2212 ETC1-HS2212 Datasheet
259Kb / 1P
   10/100 BASE-T SINGLE PORT
HS2213 ETC1-HS2213 Datasheet
259Kb / 1P
   10/100 BASE-T SINGLE PORT
More results

Similar Description - HS221P10NDGI8

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDTHS231P16 RENESAS-IDTHS231P16 Datasheet
365Kb / 11P
   HYBRID SWITCH WITH NEGATIVE SIGNAL HANDLING
2019
logo
Integrated Device Techn...
IDTHS231P16 IDT-IDTHS231P16 Datasheet
204Kb / 10P
   HYBRID SWITCH WITH NEGATIVE SIGNAL HANDLING
logo
Intersil Corporation
ISL54206 INTERSIL-ISL54206 Datasheet
342Kb / 13P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
ISL54206A INTERSIL-ISL54206A Datasheet
1Mb / 19P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
ISL54206A_1010 INTERSIL-ISL54206A_1010 Datasheet
1Mb / 20P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
ISL54205A INTERSIL-ISL54205A Datasheet
357Kb / 14P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
logo
Renesas Technology Corp
ISL54205A RENESAS-ISL54205A Datasheet
767Kb / 14P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
logo
Intersil Corporation
ISL54206A INTERSIL-ISL54206A Datasheet
1Mb / 19P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
ISL54205B INTERSIL-ISL54205B Datasheet
706Kb / 16P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
ISL54212 INTERSIL-ISL54212 Datasheet
1Mb / 15P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com