Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HS231P16NDGI Datasheet(PDF) 2 Page - Integrated Device Technology

Part # HS231P16NDGI
Description  HYBRID SWITCH WITH NEGATIVE SIGNAL HANDLING
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

HS231P16NDGI Datasheet(HTML) 2 Page - Integrated Device Technology

  HS231P16NDGI Datasheet HTML 1Page - Integrated Device Technology HS231P16NDGI Datasheet HTML 2Page - Integrated Device Technology HS231P16NDGI Datasheet HTML 3Page - Integrated Device Technology HS231P16NDGI Datasheet HTML 4Page - Integrated Device Technology HS231P16NDGI Datasheet HTML 5Page - Integrated Device Technology HS231P16NDGI Datasheet HTML 6Page - Integrated Device Technology HS231P16NDGI Datasheet HTML 7Page - Integrated Device Technology HS231P16NDGI Datasheet HTML 8Page - Integrated Device Technology HS231P16NDGI Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
IDTHS231P16
HYBRID SWITCH WITH NEGATIVE SIGNAL HANDLING
HYBRID SWITCH
IDT™ HYBRID SWITCH WITH NEGATIVE SIGNAL HANDLING
2
IDTHS231P16 REV J 032708
Pin Assignment (16-pin QFN)
Truth Table (COM+, COM-)
Pin Descriptions
SEL0
D-
U-
D+
U+
L
R
SEL1
1
4
16-pin QFN
SEL1
SEL0
COM+
COM-
00
Power Down
0
1
D+
D-
1
0
U+
U-
11
R
L
Pin Number
Pin Name
Pin Description
1
SEL0
Control signal pin. Internal pull-down resistor.
2
D-
3 V USB Signal. Bi-directional.
3
U-
UART Signal. Bi-directional.
4
L
Audio signal pin (left). Uni-directional. ±1.5 V signal.
5
COM-
Audio and USB signal common pin. Bi-direction in USB mode, uni-directional in Audio
mode.
6
NC
No connection.
7
NC
No connection.
8
COM+
Audio and USB signal common pin. Bi-direction in USB mode, uni-directional in Audio
mode.
9
R
Audio signal pin (right). Uni-directional. ±1.5 V signal.
10
U+
UART Signal. Bi-directional.
11
D+
3 V USB Signal. Bi-directional.
12
SEL1
Control signal pin. Internal pull-down resistor.
13
VDD
Power pin. +1.8 V VDD.
14
NC
No connection.
15
NC
No connection.
16
GND
Ground pin. 0V reference.


Similar Part No. - HS231P16NDGI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HS231P16NDGI RENESAS-HS231P16NDGI Datasheet
365Kb / 11P
   HYBRID SWITCH WITH NEGATIVE SIGNAL HANDLING
2019
HS231P16NDGI8 RENESAS-HS231P16NDGI8 Datasheet
365Kb / 11P
   HYBRID SWITCH WITH NEGATIVE SIGNAL HANDLING
2019
More results

Similar Description - HS231P16NDGI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDTHS231P16 RENESAS-IDTHS231P16 Datasheet
365Kb / 11P
   HYBRID SWITCH WITH NEGATIVE SIGNAL HANDLING
2019
logo
Integrated Device Techn...
IDTHS221P10 IDT-IDTHS221P10 Datasheet
223Kb / 11P
   HYBRID SWITCH WITH NEGATIVE SIGNAL HANDLING
logo
Intersil Corporation
ISL54206 INTERSIL-ISL54206 Datasheet
342Kb / 13P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
ISL54206A INTERSIL-ISL54206A Datasheet
1Mb / 19P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
ISL54206A_1010 INTERSIL-ISL54206A_1010 Datasheet
1Mb / 20P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
ISL54205A INTERSIL-ISL54205A Datasheet
357Kb / 14P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
logo
Renesas Technology Corp
ISL54205A RENESAS-ISL54205A Datasheet
767Kb / 14P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
logo
Intersil Corporation
ISL54206A INTERSIL-ISL54206A Datasheet
1Mb / 19P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
ISL54205B INTERSIL-ISL54205B Datasheet
706Kb / 16P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
ISL54212 INTERSIL-ISL54212 Datasheet
1Mb / 15P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com