Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

19241-00 Datasheet(PDF) 3 Page - Clare, Inc.

Part # 19241-00
Description  Single Driver for GaAs FET Switches and Attenuators
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

19241-00 Datasheet(HTML) 3 Page - Clare, Inc.

  19241-00 Datasheet HTML 1Page - Clare, Inc. 19241-00 Datasheet HTML 2Page - Clare, Inc. 19241-00 Datasheet HTML 3Page - Clare, Inc. 19241-00 Datasheet HTML 4Page - Clare, Inc. 19241-00 Datasheet HTML 5Page - Clare, Inc. 19241-00 Datasheet HTML 6Page - Clare, Inc. 19241-00 Datasheet HTML 7Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
MX856 / MX857
3
4/11/06
Drawing No. 19209
www.claremicronix.com
MX856 / MX857
DC Characteristics - Over Guaranteed Operating Range
SYMBOL
PARAMETER
MIN
TYP
MAX
Units
VIH
Input HIGH Voltage
2.0
V
VIL
Input LOW Voltage
0.8
V
VOH
Output HIGH Voltage(IOH=-1mA)
VOPT - 0.1
V
VOL
Output LOW Voltage (IOL=1mA)
VEE + 0.1
V
IIN
Input Current (VIN=0.0 to VCC)
-10
+10
uA
VCC = 3.3V
<1.0
uA
ICC
Supply Current (VIN=0.0 or VCC)
VCC = 5.0V
<1.0
uA
VCC = 3.3V
<1.0
uA
IEE
Supply Current (VIN=0.0 or VCC)
VCC = 5.0V
<1.0
uA
VCC = 3.3V
<1.0
uA
IOPT
Supply Current (VIN=0.0 or VCC)
VCC = 5.0V
<1.0
uA
ESD Warning
ESD (electrostatic discharge) sensitive device. Electrostatic charges can readily accumulate on test equipment and the human body
in excess of 4000 Volts. This energy can discharge without detection. Although the MX856 / MX857 feature proprietary ESD
protection circuitry, permanent damage may be sustained if subjected to high energy electrostatic discharges. Proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.


Similar Part No. - 19241-00

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
19241 FESTO-19241 Datasheet
41Kb / 2P
   ISO cylinder
logo
PHOENIX CONTACT
1924101 PHOENIX-1924101 Datasheet
83Kb / 5P
   PCB connector - MSTB 2,5 HC/ 4-GF-5,08
1924114 PHOENIX-1924114 Datasheet
510Kb / 14P
   PCB header - MSTB 2,5 HC/ 5-GF-5,08
1924127 PHOENIX-1924127 Datasheet
506Kb / 14P
   PCB header - MSTB 2,5 HC/ 6-GF-5,08
Jan 3, 2023
1924130 PHOENIX-1924130 Datasheet
464Kb / 13P
   PCB header - MSTB 2,5 HC/ 7-GF-5,08
Jan 3, 2023
More results

Similar Description - 19241-00

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
DR65-0109 MACOM-DR65-0109_1 Datasheet
149Kb / 2P
   Single Driver for GaAs FET Switches and Attenuators
DR65-0109 MACOM-DR65-0109 Datasheet
213Kb / 2P
   Single Driver for GaAs FET Switches and Attenuators
logo
M/A-COM Technology Solu...
DR65-0109 MA-COM-DR65-0109 Datasheet
68Kb / 3P
   Single Driver for GaAs FET Switches and Attenuators
MADRCC0006 MA-COM-MADRCC0006 Datasheet
89Kb / 5P
   Single Driver for GaAs FET Switches and Attenuators
MADRCC0005 MA-COM-MADRCC0005 Datasheet
68Kb / 3P
   Single Driver for GaAs FET Switches and Attenuators
SWD-109-PIN MA-COM-SWD-109-PIN Datasheet
84Kb / 4P
   Single Driver for GaAs FET Switches and Attenuators
MADRCC0005 MA-COM-MADRCC0005_15 Datasheet
563Kb / 4P
   Single Driver for GaAs FET Switches and Attenuators
MADRCC0006 MA-COM-MADRCC0006 Datasheet
89Kb / 5P
   Single Driver for GaAs FET Switches and Attenuators
MADRCC0005 MA-COM-MADRCC0005 Datasheet
68Kb / 3P
   Single Driver for GaAs FET Switches and Attenuators
MADRCC0006 MA-COM-MADRCC0006_15 Datasheet
89Kb / 5P
   Single Driver for GaAs FET Switches and Attenuators
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com