Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F3650NDFB Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # R5F3650NDFB
Description  RENESAS MCU
Download  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F3650NDFB Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button R5F3650NDFB Datasheet HTML 2Page - Renesas Technology Corp R5F3650NDFB Datasheet HTML 3Page - Renesas Technology Corp R5F3650NDFB Datasheet HTML 4Page - Renesas Technology Corp R5F3650NDFB Datasheet HTML 5Page - Renesas Technology Corp R5F3650NDFB Datasheet HTML 6Page - Renesas Technology Corp R5F3650NDFB Datasheet HTML 7Page - Renesas Technology Corp R5F3650NDFB Datasheet HTML 8Page - Renesas Technology Corp R5F3650NDFB Datasheet HTML 9Page - Renesas Technology Corp R5F3650NDFB Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 112 page
background image
REJ03B0257-0110 Rev.1.10 Sep 24, 2009
Page 6 of 109
M16C/65 Group
1. Overview
1.3
Product List
Table 1.5 and Table 1.6 list product information. Figure 1.1 shows the Part No., with Memory Size and
Package, and Figure 1.2 shows the Marking Diagram (Top View).
(D): Under development
(P): Planning
Note:
1.
Previous package codes are as follows:
PLQP0128KB-A: 128P6Q-A
PRQP0100JD-B: 100P6F-A
PLQP0100KB-A: 100P6Q-A
Table 1.5
Product List (1/2)
As of September 2009
Part No.
ROM Capacity
RAM
Capacity
Package Code
Remarks
Program
ROM 1
Program
ROM 2
Data flash
R5F36506NFA
128 KB
16 KB
4 KB
× 2 blocks
12 KB
PRQP0100JD-B Operating
temperature
-20°C to 85°C
R5F36506NFB
PLQP0100KB-A
R5F36506DFA
PRQP0100JD-B Operating
temperature
-40°C to 85°C
R5F36506DFB
PLQP0100KB-A
R5F3651ENFC
(D)
256 KB
16 KB
4 KB
× 2 blocks
20 KB
PLQP0128KB-A Operating
temperature
-20°C to 85°C
R5F3650ENFA
PRQP0100JD-B
R5F3650ENFB
PLQP0100KB-A
R5F3651EDFC
(D)
PLQP0128KB-A Operating
temperature
-40°C to 85°C
R5F3650EDFA
PRQP0100JD-B
R5F3650EDFB
PLQP0100KB-A
R5F3651KNFC
(D)
384 KB
16 KB
4 KB
× 2 blocks
31 KB
PLQP0128KB-A Operating
temperature
-20°C to 85°C
R5F3650KNFA
PRQP0100JD-B
R5F3650KNFB
PLQP0100KB-A
R5F3651KDFC
(D)
PLQP0128KB-A Operating
temperature
-40°C to 85°C
R5F3650KDFA
PRQP0100JD-B
R5F3650KDFB
PLQP0100KB-A
R5F3651MNFC
(D)
512 KB
16 KB
4 KB
× 2 blocks
31 KB
PLQP0128KB-A Operating
temperature
-20°C to 85°C
R5F3650MNFA
PRQP0100JD-B
R5F3650MNFB
PLQP0100KB-A
R5F3651MDFC
(D)
PLQP0128KB-A Operating
temperature
-40°C to 85°C
R5F3650MDFA
PRQP0100JD-B
R5F3650MDFB
PLQP0100KB-A
R5F3651NNFC
(D)
512 KB
16 KB
4 KB × 2
blocks
47 KB
PLQP0128KB-A Operating
temperature
-20°C to 85°C
R5F3650NNFA
PRQP0100JD-B
R5F3650NNFB
PLQP0100KB-A
R5F3651NDFC
(D)
PLQP0128KB-A Operating
temperature
-40°C to 85°C
R5F3650NDFA
PRQP0100JD-B
R5F3650NDFB
PLQP0100KB-A
R5F3651RNFC
640 KB
16 KB
4 KB
× 2 blocks
47 KB
PLQP0128KB-A Operating
temperature
-20°C to 85°C
R5F3650RNFA
PRQP0100JD-B
R5F3650RNFB
PLQP0100KB-A
R5F3651RDFC
PLQP0128KB-A Operating
temperature
-40°C to 85°C
R5F3650RDFA
PRQP0100JD-B
R5F3650RDFB
PLQP0100KB-A


Similar Part No. - R5F3650NDFB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F3650NDFB RENESAS-R5F3650NDFB Datasheet
891Kb / 115P
   This MCU consumes low power, and supports operating modes
R5F3650NDFB RENESAS-R5F3650NDFB Datasheet
999Kb / 115P
   RENESAS MCU
R5F3650NDFB RENESAS-R5F3650NDFB Datasheet
999Kb / 115P
   RENESAS MCU
More results

Similar Description - R5F3650NDFB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F21334TNFP RENESAS-R5F21334TNFP Datasheet
397Kb / 51P
   RENESAS MCU
R5F21386CNFP RENESAS-R5F21386CNFP Datasheet
537Kb / 57P
   RENESAS MCU
R5F2L357CNFP RENESAS-R5F2L357CNFP Datasheet
854Kb / 76P
   RENESAS MCU
32C8B RENESAS-32C8B Datasheet
1Mb / 69P
   RENESAS MCU
R8C33G RENESAS-R8C33G Datasheet
501Kb / 54P
   RENESAS MCU
R32C116A RENESAS-R32C116A Datasheet
819Kb / 102P
   RENESAS MCU
R5F64206JFB RENESAS-R5F64206JFB Datasheet
1Mb / 103P
   RENESAS MCU
R5F21321DNSP RENESAS-R5F21321DNSP Datasheet
514Kb / 46P
   RENESAS MCU
R5F21354DNFP RENESAS-R5F21354DNFP Datasheet
428Kb / 46P
   RENESAS MCU
R5F21346WJFP RENESAS-R5F21346WJFP Datasheet
623Kb / 70P
   RENESAS MCU
M16C5M RENESAS-M16C5M Datasheet
1,001Kb / 159P
   RENESAS MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com