Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATXMEGA128A1-AU Datasheet(PDF) 60 Page - ATMEL Corporation

Part # ATXMEGA128A1-AU
Description  8/16-bit XMEGA A1 Microcontroller
Download  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATXMEGA128A1-AU Datasheet(HTML) 60 Page - ATMEL Corporation

Back Button ATXMEGA128A1-AU Datasheet HTML 56Page - ATMEL Corporation ATXMEGA128A1-AU Datasheet HTML 57Page - ATMEL Corporation ATXMEGA128A1-AU Datasheet HTML 58Page - ATMEL Corporation ATXMEGA128A1-AU Datasheet HTML 59Page - ATMEL Corporation ATXMEGA128A1-AU Datasheet HTML 60Page - ATMEL Corporation ATXMEGA128A1-AU Datasheet HTML 61Page - ATMEL Corporation ATXMEGA128A1-AU Datasheet HTML 62Page - ATMEL Corporation ATXMEGA128A1-AU Datasheet HTML 63Page - ATMEL Corporation ATXMEGA128A1-AU Datasheet HTML 64Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 99 page
background image
60
8067I–AVR–04/09
XMEGA A1
Notes:
1. Cycle times for Data memory accesses assume internal memory accesses, and are not valid for accesses via the external
RAM interface.
2. One extra cycle must be added when accessing Internal SRAM.
ROL
Rd
Rotate Left Through Carry
Rd(0)
Rd(n+1)
C
C,
Rd(n),
Rd(7)
Z,C,N,V,H
1
ROR
Rd
Rotate Right Through Carry
Rd(7)
Rd(n)
C
C,
Rd(n+1),
Rd(0)
Z,C,N,V
1
ASR
Rd
Arithmetic Shift Right
Rd(n)
Rd(n+1), n=0..6
Z,C,N,V
1
SWAP
Rd
Swap Nibbles
Rd(3..0)
Rd(7..4)
None
1
BSET
s
Flag Set
SREG(s)
1SREG(s)
1
BCLR
s
Flag Clear
SREG(s)
0SREG(s)
1
SBI
A, b
Set Bit in I/O Register
I/O(A, b)
1
None
1
CBI
A, b
Clear Bit in I/O Register
I/O(A, b)
0
None
1
BST
Rr, b
Bit Store from Register to T
T
Rr(b)
T
1
BLD
Rd, b
Bit load from T to Register
Rd(b)
T
None
1
SEC
Set Carry
C
1C
1
CLC
Clear Carry
C
0C
1
SEN
Set Negative Flag
N
1N
1
CLN
Clear Negative Flag
N
0N
1
SEZ
Set Zero Flag
Z
1Z
1
CLZ
Clear Zero Flag
Z
0Z
1
SEI
Global Interrupt Enable
I
1I
1
CLI
Global Interrupt Disable
I
0I
1
SES
Set Signed Test Flag
S
1S
1
CLS
Clear Signed Test Flag
S
0S
1
SEV
Set Two’s Complement Overflow
V
1V
1
CLV
Clear Two’s Complement Overflow
V
0V
1
SET
Set T in SREG
T
1T
1
CLT
Clear T in SREG
T
0T
1
SEH
Set Half Carry Flag in SREG
H
1H
1
CLH
Clear Half Carry Flag in SREG
H
0H
1
MCU Control Instructions
BREAK
Break
(See specific descr. for BREAK)
None
1
NOP
No Operation
None
1
SLEEP
Sleep
(see specific descr. for Sleep)
None
1
WDR
Watchdog Reset
(see specific descr. for WDR)
None
1
Mnemonics
Operands
Description
Operation
Flags
#Clocks


Similar Part No. - ATXMEGA128A1-AU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATXMEGA128A1-AU ATMEL-ATXMEGA128A1-AU Datasheet
1Mb / 82P
   8/16-bit XMEGA A1 Microcontroller
ATXMEGA128A1-AU ATMEL-ATXMEGA128A1-AU Datasheet
3Mb / 107P
   8/16-bit XMEGA A1 Microcontroller
More results

Similar Description - ATXMEGA128A1-AU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATXMEGA128A1 ATMEL-ATXMEGA128A1_14 Datasheet
2Mb / 122P
   8/16-bit XMEGA A1 Microcontroller
ATCMEGA384A1 ATMEL-ATCMEGA384A1 Datasheet
1Mb / 82P
   8/16-bit XMEGA A1 Microcontroller
ATXMEGA128A4_0808 ATMEL-ATXMEGA128A4_0808 Datasheet
937Kb / 74P
   8/16-bit XMEGA A1 Microcontroller
ATXMEGA384A1 ATMEL-ATXMEGA384A1_10 Datasheet
3Mb / 107P
   8/16-bit XMEGA A1 Microcontroller
ATXMEGA256A3B ATMEL-ATXMEGA256A3B_10 Datasheet
3Mb / 105P
   8/16-bit XMEGA A3B Microcontroller
ATXMEGA256A3 ATMEL-ATXMEGA256A3_09 Datasheet
3Mb / 108P
   8/16-bit XMEGA A3 Microcontroller
ATXMEGA256A3_1012 ATMEL-ATXMEGA256A3_1012 Datasheet
3Mb / 134P
   8/16-bit XMEGA A3 Microcontroller
ATXMEGA128A4_1012 ATMEL-ATXMEGA128A4_1012 Datasheet
3Mb / 108P
   8/16-bit XMEGA A4 Microcontroller
ATXMEGA256A3B ATMEL-ATXMEGA256A3B Datasheet
888Kb / 75P
   8/16-bit XMEGA A3B Microcontroller
ATXMEGA256A3B ATMEL-ATXMEGA256A3B_09 Datasheet
3Mb / 102P
   8/16-bit XMEGA A3B Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com