Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSD32M72D18R-13N Datasheet(PDF) 4 Page - Hanbit Electronics Co.,Ltd

Part # HSD32M72D18R-13N
Description  Synchronous DRAM Module 256Mbyte (32Mx72bit), DIMM with ECC based on 16Mx8, 4Banks, 4K Ref., 3.3V
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANBIT [Hanbit Electronics Co.,Ltd]
Direct Link  http://www.hbe.co.kr
Logo HANBIT - Hanbit Electronics Co.,Ltd

HSD32M72D18R-13N Datasheet(HTML) 4 Page - Hanbit Electronics Co.,Ltd

  HSD32M72D18R-13N Datasheet HTML 1Page - Hanbit Electronics Co.,Ltd HSD32M72D18R-13N Datasheet HTML 2Page - Hanbit Electronics Co.,Ltd HSD32M72D18R-13N Datasheet HTML 3Page - Hanbit Electronics Co.,Ltd HSD32M72D18R-13N Datasheet HTML 4Page - Hanbit Electronics Co.,Ltd HSD32M72D18R-13N Datasheet HTML 5Page - Hanbit Electronics Co.,Ltd HSD32M72D18R-13N Datasheet HTML 6Page - Hanbit Electronics Co.,Ltd HSD32M72D18R-13N Datasheet HTML 7Page - Hanbit Electronics Co.,Ltd HSD32M72D18R-13N Datasheet HTML 8Page - Hanbit Electronics Co.,Ltd HSD32M72D18R-13N Datasheet HTML 9Page - Hanbit Electronics Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
HANBit
HSD32M72D18R
URL:www.hbe.co.kr
- 4 -
HANBit Electronics Co.,Ltd
REV.1.0 (August.2002).
PIN FUNCTION DESCRIPTION
Pin
Name
Input Function
CLK
System clock
Active on the positive going edge to sample all inputs.
/CE
Chip enable
Disables or enables device operation by masking or enabling all inputs except
CLK, CKE and DQM
CKE
Clock enable
Masks system clock to freeze operation from the next clock cycle.
CKE should be enabled at least one cycle prior to new command.
Disable input buffers for power down in standby.
CKE should be enabled 1CLK+tss prior to valid command.
A0 ~ A11
Address
Row/column addresses are multiplexed on the same pins.
Row address : RA0 ~ RA11, Column address : CA0 ~ CA9
BA0 ~ BA1
Bank select address
Selects bank to be activated during row address latch time.
Selects bank for read/write during column address latch time.
/RAS
Row address strobe
Latches row addresses on the positive going edge of the CLK with /RAS low.
Enables row access & precharge.
/CAS
Column
address
strobe
Latches column addresses on the positive going edge of the CLK with /CAS low.
Enables column access.
/WE
Write
enable
Enables write operation and row precharge.
Latches data in starting from /CAS, /WE active.
DQM0 ~ 7
Data
input/output
mask
Makes data output Hi-Z, tsHZ after the clock and masks the output.
Blocks data input when DQM active. (Byte masking)
REGE
Register enable
The device operates in the transparent mode when REGE is low. When REGE is
high, the
device operates in the registered mode. In registered mode, the Address and
control inputs are latched if CLK is held at a high or low logic level. The inputs are
strobed in the latch/flip-flop on the riging edge of CLK. REGE is tied to VDD
through 10K ohm register on PCB. So if REGE of module is floating, this module
will be operated as registerd mode.
DQ0 ~ 63
Data input/output
Data inputs/outputs are multiplexed on the same pins.
CB0~7
Check bit
Check bits for ECC.
WP
Write Protection
WP pin is connected to Vcc.
When WP is
“high”, EEPROM Programming will be inhibited and the entire
memory will be write-protected.
VDD/VSS
Power
supply/ground
Power and ground for the input buffers and the core logic.


Similar Part No. - HSD32M72D18R-13N

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HSD32M72D18A HANBIT-HSD32M72D18A Datasheet
178Kb / 10P
   Synchronous DRAM Module 256Mbyte (32Mx72bit), DIMM with ECC based on 16Mx8, 4Banks, 4K Ref., 3.3V
logo
DLG Hanbit co.,Ltd.
HSD32M72D18A DLGHANBIT-HSD32M72D18A Datasheet
771Kb / 10P
   Synchronous DRAM Module 256Mbyte (32Mx72bit), DIMM with ECC based on 16Mx8, 4Banks, 4K Ref., 3.3V
logo
Hanbit Electronics Co.,...
HSD32M72D18A-10 HANBIT-HSD32M72D18A-10 Datasheet
178Kb / 10P
   Synchronous DRAM Module 256Mbyte (32Mx72bit), DIMM with ECC based on 16Mx8, 4Banks, 4K Ref., 3.3V
logo
DLG Hanbit co.,Ltd.
HSD32M72D18A-10 DLGHANBIT-HSD32M72D18A-10 Datasheet
771Kb / 10P
   Synchronous DRAM Module 256Mbyte (32Mx72bit), DIMM with ECC based on 16Mx8, 4Banks, 4K Ref., 3.3V
logo
Hanbit Electronics Co.,...
HSD32M72D18A-10L HANBIT-HSD32M72D18A-10L Datasheet
178Kb / 10P
   Synchronous DRAM Module 256Mbyte (32Mx72bit), DIMM with ECC based on 16Mx8, 4Banks, 4K Ref., 3.3V
More results

Similar Description - HSD32M72D18R-13N

ManufacturerPart #DatasheetDescription
logo
DLG Hanbit co.,Ltd.
HSD32M72D18A DLGHANBIT-HSD32M72D18A Datasheet
771Kb / 10P
   Synchronous DRAM Module 256Mbyte (32Mx72bit), DIMM with ECC based on 16Mx8, 4Banks, 4K Ref., 3.3V
logo
Hanbit Electronics Co.,...
HSD32M72D18A HANBIT-HSD32M72D18A Datasheet
178Kb / 10P
   Synchronous DRAM Module 256Mbyte (32Mx72bit), DIMM with ECC based on 16Mx8, 4Banks, 4K Ref., 3.3V
HSD32M72D18P HANBIT-HSD32M72D18P Datasheet
179Kb / 11P
   Synchronous DRAM Module 256Mbyte (32Mx72bit), DIMM with ECC based on 16Mx8, 4Banks, 4K Ref., 3.3V
HSD32M64D16H HANBIT-HSD32M64D16H Datasheet
161Kb / 10P
   Synchronous DRAM Module 256Mbyte (32Mx64bit), DIMM based on 16Mx8, 4Banks, 4K Ref., 3.3V
HSD32M64D16R HANBIT-HSD32M64D16R Datasheet
176Kb / 12P
   Synchronous DRAM Module 256Mbyte (32Mx64bit), DIMM with based on 16Mx8, 4Banks, 4K Ref., 3.3V
HSD32M72D9H HANBIT-HSD32M72D9H Datasheet
158Kb / 10P
   Synchronous DRAM Module 256Mbyte (32Mx72bit),DIMM with ECC based on 32Mx8, 4Banks, 8K Ref., 3.3V
HSD16M72D9A HANBIT-HSD16M72D9A Datasheet
84Kb / 9P
   Synchronous DRAM Module 128Mbyte (8Mx72bit),DIMM with ECC based on 16Mx8, 4Banks, 4K Ref., 3.3V
HSD32M64D8KP HANBIT-HSD32M64D8KP Datasheet
814Kb / 29P
   Synchronous DRAM Module 256Mbyte (32Mx64bit),DIMM Unbuffered with Based on Stacked 16Mx8, 4Banks, 4K Ref., 3.3V
HSD16M64D8A HANBIT-HSD16M64D8A Datasheet
83Kb / 10P
   Synchronous DRAM Module 128Mbyte (16Mx64bit),DIMM based on 16Mx8, 4Banks, 4K Ref., 3.3V
HSD16M64D8H HANBIT-HSD16M64D8H Datasheet
91Kb / 10P
   Synchronous DRAM Module 128Mbyte (16Mx64bit), DIMM based on 16Mx8, 4Banks, 4K Ref., 3.3V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com