Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SRD02 Datasheet(PDF) 4 Page - TEMEX

Part # SRD02
Description  Ultra Low Noise Phase locked 500 MHz SAW Oscillator
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMEX [TEMEX]
Direct Link  http://www.temex.com
Logo TEMEX - TEMEX

SRD02 Datasheet(HTML) 4 Page - TEMEX

  SRD02 Datasheet HTML 1Page - TEMEX SRD02 Datasheet HTML 2Page - TEMEX SRD02 Datasheet HTML 3Page - TEMEX SRD02 Datasheet HTML 4Page - TEMEX SRD02 Datasheet HTML 5Page - TEMEX  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SR D02
Ultra Low Noise Phase locked 500 MHz SAW Oscillator
Preliminary specification (Rev.A1)
May 2009
TEMEX reserves the right to modify herein specifications and informations at any time when necessary to provide optimum performance and cost.
3
S A W
P r o d u c t s
Technical Characteristics
Block diagram
Electrical specifications
Electrical Parameters
Unit
Minimum
Typical
Maximum
Frequency output (SMA Connector)
Nominal frequency
MHz
500
Relative frequency stability
ppm
As reference input
Warm up time (phase locked)
mn
2
5
Output level (50
Ω load)
dBm
11.5
12.5
13.5
Harmonics suppression
dBc
30
Phase noise @ 1 kHz offset (static)
dBc/Hz
- 141
- 137
- 134
Phase noise @ 2 kHz offset
dBc/Hz
- 150
- 146
- 143
Phase noise @ 10 kHz offset
dBc/Hz
- 168
- 165
- 162
Phase noise @ 100 kHz offset
dBc/Hz
< - 180
- 180
- 175
Phase noise floor (see note here after)
dBc/Hz
< - 180
< - 180
- 175
VSWR
-
2:1
Reference input (SMA Connector)
Nominal frequency
MHz
10
Relative frequency stability (all causes)
ppm
±±±± 0.3
Input level (50
load)
dBm
10
13
Harmonics suppression
dBc
30
DC Supply voltage (VDC pin)
Voltage range
VDC
11.75
12
12.25
Supply current
mA
300 @ + 25°C
750
Ripple (DC to 5 MHz)
mVpp
10
Status (Status pin)
Interface
-
Open drain (external pull resistor to 3.3 V)
Logic 1
-
Oscillator ready
Logic 0
-
Alarm (Warm up or failure)


Similar Part No. - SRD02

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SRD00111Z SIEMENS-SRD00111Z Datasheet
119Kb / 5P
   Silicon PIN Photodiode in TO-Package
SRD00212Z SIEMENS-SRD00212Z Datasheet
64Kb / 3P
   Ternary PIN Photodiode in TO-Package with Integrated Optics
SRD00214C SIEMENS-SRD00214C Datasheet
122Kb / 4P
   Ternary PIN Photodiode with Pigtail
SRD00214H SIEMENS-SRD00214H Datasheet
122Kb / 4P
   Ternary PIN Photodiode with Pigtail
SRD00214X SIEMENS-SRD00214X Datasheet
122Kb / 4P
   Ternary PIN Photodiode with Pigtail
More results

Similar Description - SRD02

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE19XC7005 PASTERNACK-PE19XC7005_V01 Datasheet
467Kb / 5P
   500 MHz Phase Locked Oscillator
PE19XC7000 PASTERNACK-PE19XC7000_V01 Datasheet
432Kb / 5P
   500 MHz Phase Locked Oscillator
logo
TEMEX
SRB250 TEMEX-SRB250 Datasheet
259Kb / 4P
   Ultra Low Noise Voltage Controlled 500 MHz SAW Oscillator
logo
Tyco Electronics
MASYML0007 MACOM-MASYML0007 Datasheet
115Kb / 2P
   Low Phase Noise Phase Locked Oscillator
logo
TEMEX
SRW150 TEMEX-SRW150 Datasheet
323Kb / 6P
   Ultra Low Noise 500 MHz SAW Oscillators
logo
API Technologies Corp
MASYML0007 APITECH-MASYML0007 Datasheet
354Kb / 3P
   Low Phase Noise - Phased Locked Oscillator
logo
TEMEX
SRB232 TEMEX-SRB232 Datasheet
253Kb / 4P
   Ultra Low Noise SAW Oscillator @ 320 MHz
logo
Advanced XTAL Products
AXON20 AXTAL-AXON20 Datasheet
113Kb / 3P
   PLXO - Phase-Locked Crystal Oscillator ??Low Phase Noise
AXON1000 AXTAL-AXON1000 Datasheet
110Kb / 3P
   UHF Low Noise Phase-Locked Oscillator (PLO)
AXON2500 AXTAL-AXON2500 Datasheet
114Kb / 3P
   SHF Low Noise Phase-Locked Oscillator (PLO)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com