Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SRS3140HE Datasheet(PDF) 1 Page - Sensitron

Part # SRS3140HE
Description  HIGH EFFICIENCY POWER RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSITRON [Sensitron]
Direct Link  http://www.sensitron.com
Logo SENSITRON - Sensitron

SRS3140HE Datasheet(HTML) 1 Page - Sensitron

  SRS3140HE Datasheet HTML 1Page - Sensitron SRS3140HE Datasheet HTML 2Page - Sensitron  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
• 221 West Industry Court
Deer Park, NY 11729-4681
Phone (631) 586 7600 Fax (631) 242 9798
• World Wide Web Site - http://www.sensitron.com • E-Mail Address - sales@sensitron.com •
SENSITRON
_____
SEMICONDUCTOR
TECHNICAL DATA
DATA SHEET 5143, REV -
HIGH EFFICIENCY POWER RECTIFIER
DESCRIPTION: 1400 VOLT, 2.0 AMP SUPER FAST RECTIFIER
FEATURES:
Single Chip Construction
Hermetically Sealed
Metallurgically Bonded
Super Fast Recovery: 100 ns max @ 25
oC
Low Reverse Leakage Current
For High Efficiency Applications
TX, TXV and S-Level Screening Available
MAX. RATINGS / ELECTRICAL CHARACTERISTICS
All ratings are at TA = 25°C unless otherwise specified
RATING
CONDITIONS
MIN
TYP
MAX
UNIT
Peak Inverse Voltage (PIV)
-
-
-
1400
Vdc
Average DC Output Current (IO)
TL = +75°C, L = 0”
-
-
2.0
Amps
Peak Single Cycle Surge Current
(IFSM)
tp = 8.3 ms Single Half Cycle Sine
Wave, Superimposed On Rated
Load
-
-
20
Amps(pk)
Operating and Storage Temp. (TOP
& TSTG)
-
-65
-
+175
°C
Breakdown Voltage (VBR)
IR = 50 μA
1400
Vdc
Maximum Forward Voltage (VF)
IF = 0.75 A
IF = 2.0 A
(300
μsec pulse, duty cycle < 2%)
-
-
-
-
1.95
2.5
Volts
Maximum Instantaneous Reverse
Current At Rated PIV
TA = +25°C
TA = +125°C
-
-
-
-
10
200
μAmps
Reverse Recovery Time (trr)
IF=0.5A, IR=1.0A, IRR=0.25A
TA = 25°C
TA = 125°C
-
-
-
-
100
200
nsec
Thermal Resistance (RΘJL, AXIAL)
(RΘJEC, MELF)
Junction to Lead, d = 0.375”
Junction to End Caps
-
-
-
-
30
10
°C/W
SRS3140HE
SRS3140HEU


Similar Part No. - SRS3140HE

ManufacturerPart #DatasheetDescription
logo
Sensitron
SRS3120HE SENSITRON-SRS3120HE Datasheet
40Kb / 2P
   HIGH EFFICIENCY POWER RECTIFIER
SRS3120HEU SENSITRON-SRS3120HEU Datasheet
40Kb / 2P
   HIGH EFFICIENCY POWER RECTIFIER
SRS3130HE SENSITRON-SRS3130HE Datasheet
40Kb / 2P
   HIGH EFFICIENCY POWER RECTIFIER
SRS3130HEU SENSITRON-SRS3130HEU Datasheet
40Kb / 2P
   HIGH EFFICIENCY POWER RECTIFIER
SRS3150HE SENSITRON-SRS3150HE Datasheet
40Kb / 2P
   HIGH EFFICIENCY POWER RECTIFIER
More results

Similar Description - SRS3140HE

ManufacturerPart #DatasheetDescription
logo
Sensitron
SRS1140HE SENSITRON-SRS1140HE Datasheet
40Kb / 2P
   HIGH EFFICIENCY POWER RECTIFIER
SRS1150HE SENSITRON-SRS1150HE Datasheet
40Kb / 2P
   HIGH EFFICIENCY POWER RECTIFIER
SRS3120HE SENSITRON-SRS3120HE Datasheet
40Kb / 2P
   HIGH EFFICIENCY POWER RECTIFIER
SRS3150HE SENSITRON-SRS3150HE Datasheet
40Kb / 2P
   HIGH EFFICIENCY POWER RECTIFIER
SRS3130HE SENSITRON-SRS3130HE Datasheet
40Kb / 2P
   HIGH EFFICIENCY POWER RECTIFIER
SRS1130HE SENSITRON-SRS1130HE Datasheet
40Kb / 2P
   HIGH EFFICIENCY POWER RECTIFIER
SRS1120HE SENSITRON-SRS1120HE Datasheet
40Kb / 2P
   HIGH EFFICIENCY POWER RECTIFIER
logo
Diodes Incorporated
MBR2045LC DIODES-MBR2045LC Datasheet
323Kb / 6P
   HIGH EFFICIENCY POWER SCHOTTKY RECTIFIER
logo
BCD Semiconductor Manuf...
MBR3045C BCDSEMI-MBR3045C Datasheet
857Kb / 11P
   HIGH EFFICIENCY POWER SCHOTTKY RECTIFIER
logo
Diodes Incorporated
MBR3045C DIODES-MBR3045C Datasheet
434Kb / 7P
   HIGH EFFICIENCY POWER SCHOTTKY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com