Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AH3761-PG-B Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AH3761-PG-B
Description  AH3761 High sensitivity Hall effect latch sensor for BLDC fan and motor commutations
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AH3761-PG-B Datasheet(HTML) 3 Page - Diodes Incorporated

  AH3761-PG-B Datasheet HTML 1Page - Diodes Incorporated AH3761-PG-B Datasheet HTML 2Page - Diodes Incorporated AH3761-PG-B Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Announcement
New Product
AH3761
NPA Number 001
AH3761
AH3761 High sensitivity Hall effect latch sensor for
BLDC DC fan and motor commutations
Product portfolio
Part
Number
Operating
Voltage
(V)
Average
Output current
(mA)
Operating
Point Bop
(Gauss)
Release
Point Brp
(Gauss)
Operating
Temperature
(
°C)
Package
AH173
3 to 20
25
15/60
5/80
-60/-15
-80/-5
-40 to 125
SC59
SIP3
AH175
3.5 to 20
25
15/60
5/80
-60/-15
-80/-5
-40 to 150
SC59
SIP-3L
AH1751
3.5 to 20
50
5/70
-70/-5
-40 to 125
SIP3
AH266
4 to 28
400
10/70
-70/-10
-20 to 85
SIP4
AH276Q
3.5 to 20
400
10/50
5/70
-50/-10
-70/-5
-20 to 85
SIP4
AH342
4.5 to 28
3.4 to 7.4
40/120
-120/-40
-40 to 125
SIP4-L
Ordering information
AH373
2.5 to 20
25
5/60
-60/-5
-40 to 125
SC59, SIP3
AH375
2.5 to 20
25
5/60
-60/-5
-40 to 125
SC59, SIP3
ATS177
3.5 to 20
25
5/70
-70/-5
-20 to 85
SIP-3L
AH3761
3 to 28
50
5/60
-60/-5
-40 to 125
SC59, SIP3
Device
Packaging
(Note 2)
Pack mark
Reel size
Tape
width
Quantity
Ammo box
(Note 3)
Bulk
(Note 4)
Reel
AH3761-PG-A
SIP3
3761
Y WW X
NA
NA
4000
NA
NA
AH3761-PG-B
SIP3
3761
Y WW X
NA
NA
NA
1000
NA
AH3761-WG-7
SC59
P8 Y W X
7” 178mm
8mm
NA
NA
3000
All variants are in packages that are “Green” Molding Compound (No Br, Sb) with Lead Free Finish/RoHS Compliant (Note 1)
Notes:
1.
EU Directive 2002/95/EC (RoHS). All applicable RoHS exemptions applied. see EU
Directive 2002/95/EC Annex Notes.
Please visit our website at http://www.diodes.com/products/lead_free.html
2.
Pad layout as shown on Diodes Inc. suggested pad layout document AP02001,
which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf
www.diodes.com
3.
Ammo Box is for SIP3 - Spread Lead
4.
Bulk is for SIP3 - Straight Lead
Coding on part marks
Y Year 0~9
WW Week 01-52
W A~Z week 1~26 a~z week 27~53
X A~Z: Green


Similar Part No. - AH3761-PG-B

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AH3761-PG-B DIODES-AH3761-PG-B Datasheet
158Kb / 9P
   HIGH SENSITIVITY HALL EFFECT LATCH
AH3761 Rev. 1
More results

Similar Description - AH3761-PG-B

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AH3761 DIODES-AH3761_09 Datasheet
158Kb / 9P
   HIGH SENSITIVITY HALL EFFECT LATCH
AH3761 Rev. 1
logo
BCD Semiconductor Manuf...
AH920Z3-G1 BCDSEMI-AH920Z3-G1 Datasheet
444Kb / 14P
   HIGH SENSITIVITY CMOS HALL-EFFECT LATCH
AH921 BCDSEMI-AH921_11 Datasheet
427Kb / 14P
   HIGH SENSITIVITY CMOS HALL-EFFECT LATCH
logo
Taiwan Semiconductor Co...
TSH188 TSC-TSH188 Datasheet
420Kb / 8P
   Ultra High Sensitivity Hall Effect Latch
logo
Diodes Incorporated
AH920 DIODES-AH920 Datasheet
325Kb / 13P
   HIGH SENSITIVITY CMOS HALL-EFFECT LATCH
logo
BCD Semiconductor Manuf...
AH920 BCDSEMI-AH920 Datasheet
97Kb / 2P
   HIGH SENSITIVITY CMOS HALL-EFFECT LATCH
AH921 BCDSEMI-AH921 Datasheet
629Kb / 14P
   HIGH SENSITIVITY CMOS HALL-EFFECT LATCH
logo
Nanjing Ouzhuo Technolo...
OH921 OHHALLSENSOR-OH921 Datasheet
206Kb / 5P
   HIGH SENSITIVITY CMOS HALL-EFFECT LATCH
OH920 OHHALLSENSOR-OH920 Datasheet
192Kb / 4P
   HIGH SENSITIVITY CMOS HALL-EFFECT LATCH
logo
Diodes Incorporated
AH921 DIODES-AH921 Datasheet
427Kb / 14P
   HIGH SENSITIVITY CMOS HALL-EFFECT LATCH
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com