Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PPS-05A-50R0M Datasheet(PDF) 2 Page - American Accurate Components, Inc.

Part # PPS-05A-50R0M
Description  POWER SPLITTER - High Precision Power Chip Divider
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAC [American Accurate Components, Inc.]
Direct Link  http://www.aacix.com
Logo AAC - American Accurate Components, Inc.

PPS-05A-50R0M Datasheet(HTML) 2 Page - American Accurate Components, Inc.

  PPS-05A-50R0M Datasheet HTML 1Page - American Accurate Components, Inc. PPS-05A-50R0M Datasheet HTML 2Page - American Accurate Components, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
American Accurate Components, Inc.
POWER SPLITTER – High Precision Power Chip Divider
The content of this specification may change without notification 10/23/08
188 Technology Drive, Unit H, Irvine, CA 92618
TEL: 949-453-9888
FAX: 949-453-8889
2
*** Custom Designs Available
DERATING CURVE – Circuit A
DERATING CURVE – Circuit B
DIMENSIONS (mm)
Series
L
W
a
b
t
PPS-05A
1.00 ± 0.2
0.50 ± 0.2
0.4 ± 0.1
0.30 ± 0.1
0.4 ± 0.10
PPS-16A
1.60 ± 0.2
0.80 ± 0.2
0.4 ± 0.1
0.30 ± 0.1
0.4 ± 0.10
PPS-10A
2.00 ± 0.2
1.25±0.2
0.4 ± 0.1
0.30 ± 0.1
0.4 ± 0.10
PPS-18A
3.20 ± 0.2
1.60 ± 0.2
0.3 ± 0.1
0.35 ± 0.1
0.4 ± 0.10
PPS-12A
0.50 ± 0.2
2.5 ± 0.2
0.35 ± 0.1
0.65 ± 0.1
0.8 ± 0.15
SCHEMATIC LEGEND
SCHEMATIC – Circuit A
1. Thin Film Resistor
2. Overcoat Resin
3. Terminal (SnPb or Lead Free)
4. Marking (dot to indicate direction & bar)
5. Alumina Substrate
PERFORMANCE
Item
Test Condition
Tolerance
Short Time Overload
2.5 times of the rated voltage shall be applied for 5 seconds.
±0.1%
Rated Load Life
Apply rated voltage for 90 min followed by a pause of 30 min at 70±3°C for 1000 hours.
±0.25%
Moisture Load Life
The chip divider is applied rated voltage for 90 min at 60±2°C 90~95%RH for 1000 hours.
±0.25%
Temperature Cycle
[-55°C (30min)-R.T.(3min)-+125°C(30min)-R.T.(3min)] is repeated 5 cycles.
±0.1%
Soldering Heat Resistance
Leave NR in melt solder of 260±5°C for 10±1 seconds.
±0.1%
Strength Between Terminals
Distance between fulcrums : 90mm; Bending width : 3mm; Substrate: Glass epoxy t=1.6mm
±0.1%
Solderability
Leave NR in melted solder of 235±5°C for 3±0.5 seconds.
≥95% of the surface should be wet
Insulation Resistance
A minute after 500 DC
≥ 1000M Ω


Similar Part No. - PPS-05A-50R0M

ManufacturerPart #DatasheetDescription
logo
VIGO Photonics S.A.
PPS-03 VIGO-PPS-03 Datasheet
634Kb / 1P
   PPS-03 preamplifier power supplies
14/09/2020
PPS-03-09 VIGO-PPS-03-09 Datasheet
634Kb / 1P
   PPS-03 preamplifier power supplies
14/09/2020
PPS-03-12 VIGO-PPS-03-12 Datasheet
634Kb / 1P
   PPS-03 preamplifier power supplies
14/09/2020
More results

Similar Description - PPS-05A-50R0M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PS1608 ETC2-PS1608 Datasheet
44Kb / 1P
   High Precision Power Splitter
logo
M/A-COM Technology Solu...
MAPD-009492-C2W180 MA-COM-MAPD-009492-C2W180_15 Datasheet
625Kb / 3P
   Power divider, 2 Way 180 degree Splitter
logo
Mini-Circuits
SYPJ-2-5W-52 MINI-SYPJ-2-5W-52 Datasheet
423Kb / 1P
   High Power Splitter
logo
IRC - a TT electronics ...
PFC-D1206-01-1003-3301-FF IRCTT-PFC-D1206-01-1003-3301-FF Datasheet
268Kb / 3P
   TaNFilm Precision Chip Voltage Divider
logo
Soshin electric Co., Lt...
HMD820F SOSHIN-HMD820F Datasheet
21Kb / 1P
   900MHz Band Chip Power Divider
ARP-482000E SOSHIN-ARP-482000E Datasheet
21Kb / 1P
   900MHz Band Chip Power Divider
ARP-482100C SOSHIN-ARP-482100C Datasheet
21Kb / 1P
   1950MHz Band Chip Power Divider
logo
List of Unclassifed Man...
RN1632E ETC-RN1632E Datasheet
69Kb / 1P
   Thin Film Chip Power Splitter
logo
Soshin electric Co., Lt...
ARP-482200C SOSHIN-ARP-482200C Datasheet
21Kb / 1P
   2550MHz Band Chip Power Divider
HMD821F SOSHIN-HMD821F Datasheet
21Kb / 1P
   1950MHz Band Chip Power Divider
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com