Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PPS-16A-50R0O Datasheet(PDF) 1 Page - American Accurate Components, Inc.

Part # PPS-16A-50R0O
Description  POWER SPLITTER - High Precision Power Chip Divider
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAC [American Accurate Components, Inc.]
Direct Link  http://www.aacix.com
Logo AAC - American Accurate Components, Inc.

PPS-16A-50R0O Datasheet(HTML) 1 Page - American Accurate Components, Inc.

  PPS-16A-50R0O Datasheet HTML 1Page - American Accurate Components, Inc. PPS-16A-50R0O Datasheet HTML 2Page - American Accurate Components, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
American Accurate Components, Inc.
POWER SPLITTER – High Precision Power Chip Divider
The content of this specification may change without notification 10/23/08
188 Technology Drive, Unit H, Irvine, CA 92618
TEL: 949-453-9888
FAX: 949-453-8889
1
HOW TO ORDER
PPS
-10
A-
50R0
M
LF
Terminal Material
SnPb = Leave Blank
Lead Free = LF
Packaging
M = tape/reel 5,000 pcs
O = tape/reel 1,000 pcs
Impedance
50
Circuit Configuration
A or B
Size
0402 = 05
0603 = 16
0805 = 10
1206 = 18
2010 = 12
Series
Precision Power Splitter
FEATURES
High Frequency Splitter is constructed
of thin film resistive material
Power splitter with excellent high
frequency characteristics for
applications from DC~20GHz
This product has a small reflection
feature, allowing for superior in high
frequency applications
Allows for high density mounting
Bit error is restrained by keeping high
frequency digital signal stable
PPS-A ELECTRICAL CHARACTERISTICS
Item
PPS-16A
PPS-10
PPS-18A
PPS-12A
Size
0603
0805
1206
2010
Circuit Configuration
A
A
A
A
Operating Frequency
DC~20GHz
DC~17.5GHz
DC~15GHz
DC~10GHz
6
± 0.5dB
DC~10GHz
DC~10GHz
DC~10GHz
DC~7.5GHz
Insertion Loss
6
± 1.0dB
10~20GHz
10~17.5GHz
10~15GHz
7.5~10GHz
Split Deviation
0.3dB max
0.3dB max
0.3dB max
0.3dB max
1.3
DC~10GHz
DC~10GHz
DC~10GHz
DC~7.5GHz
VSWR
1.5
10~20GHz
10~17.5GHz
10~15GHz
7.5~10GHz
Input Power at 70°C
100mW
125mW
250mW
500mW
Max Overload Power
200mW
250mW
500mW
1000mW
Resistance
R1 = R2 = R3 = 50
Ω typical
Operating Temperature
-40°C ~ +125°C
Packaging
1,000/Reel or 5,000/Reel
PPS-B ELECTRICAL CHARACTERISTICS
CIRCUIT
Item
PPS-10B
PPS-18B
Configuration A
Configuration B
Size
0805
1206
Circuit Configuration
B
B
Resistance Tolerance
±0.1%, ±0.5%, ±1%
TCR
±50ppm/°C
±50ppm/°C
Power Rating per Element
33 mW
42 mW
Power Rating per Package
100 mW
125 mW
Rated Operating Temp
70°C
Resistance
R1 = R2 = R3 = 50
Ω typical
Operating Temp. Range
-55°C ~ +125°C
Package Quantity
1,000/Reel or 5,000/Reel


Similar Part No. - PPS-16A-50R0O

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
PPS-1 WELWYN-PPS-1 Datasheet
67Kb / 2P
   Metal Glaze??Power Pack Surface Mount High Power Density Ceramic Package
logo
TT Electronics.
PPS-1 TTELEC-PPS-1 Datasheet
473Kb / 3P
   Superior surge handling capability
logo
Total Power Internation...
PPS-125 TOTAL-POWER-PPS-125 Datasheet
392Kb / 2P
   125W Single Output with PFC Function
logo
Astrodyne Corporation
PPS-125 ASTRODYNE-PPS-125 Datasheet
635Kb / 4P
   125W Single Output with PFC Function
logo
Mean Well Enterprises C...
PPS-125 MEANWELL-PPS-125 Datasheet
277Kb / 2P
   125W Single Output with PFC Function
More results

Similar Description - PPS-16A-50R0O

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PS1608 ETC2-PS1608 Datasheet
44Kb / 1P
   High Precision Power Splitter
logo
M/A-COM Technology Solu...
MAPD-009492-C2W180 MA-COM-MAPD-009492-C2W180_15 Datasheet
625Kb / 3P
   Power divider, 2 Way 180 degree Splitter
logo
Mini-Circuits
SYPJ-2-5W-52 MINI-SYPJ-2-5W-52 Datasheet
423Kb / 1P
   High Power Splitter
logo
IRC - a TT electronics ...
PFC-D1206-01-1003-3301-FF IRCTT-PFC-D1206-01-1003-3301-FF Datasheet
268Kb / 3P
   TaNFilm Precision Chip Voltage Divider
logo
Soshin electric Co., Lt...
HMD820F SOSHIN-HMD820F Datasheet
21Kb / 1P
   900MHz Band Chip Power Divider
ARP-482000E SOSHIN-ARP-482000E Datasheet
21Kb / 1P
   900MHz Band Chip Power Divider
ARP-482100C SOSHIN-ARP-482100C Datasheet
21Kb / 1P
   1950MHz Band Chip Power Divider
logo
List of Unclassifed Man...
RN1632E ETC-RN1632E Datasheet
69Kb / 1P
   Thin Film Chip Power Splitter
logo
Soshin electric Co., Lt...
ARP-482200C SOSHIN-ARP-482200C Datasheet
21Kb / 1P
   2550MHz Band Chip Power Divider
HMD821F SOSHIN-HMD821F Datasheet
21Kb / 1P
   1950MHz Band Chip Power Divider
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com