Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BS806C Datasheet(PDF) 4 Page - Holtek Semiconductor Inc

Part # BS806C
Description  Touch Key
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

BS806C Datasheet(HTML) 4 Page - Holtek Semiconductor Inc

  BS806C Datasheet HTML 1Page - Holtek Semiconductor Inc BS806C Datasheet HTML 2Page - Holtek Semiconductor Inc BS806C Datasheet HTML 3Page - Holtek Semiconductor Inc BS806C Datasheet HTML 4Page - Holtek Semiconductor Inc BS806C Datasheet HTML 5Page - Holtek Semiconductor Inc BS806C Datasheet HTML 6Page - Holtek Semiconductor Inc BS806C Datasheet HTML 7Page - Holtek Semiconductor Inc BS806C Datasheet HTML 8Page - Holtek Semiconductor Inc BS806C Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
BS804C
Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VDD
Operating Voltage
¾¾
2.2
¾
5.5
V
IDD1
Operating Current -
One-key State
3V
No load
¾
3.0
6.0
mA
IDD2
Operating Current -
Any-Key State
3V
No load
8.0
16.0
mA
VIH
Input High Voltage
¾¾
0.7VDD
¾
VDD
V
VIL
Input Low Voltage
¾¾
0
¾
0.3VDD
V
IOL
Sink Current
3V
VOL=0.1VDD
48
¾
mA
RPH
Pull-high Resistance
3V
¾
20
60
100
k
W
BS806C
Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VDD
Operating Voltage
¾¾
2.2
¾
5.5
V
IDD1
Operating Current -
One-key State
3V
No load
¾
3.0
6.0
mA
IDD2
Operating Current -
Any-Key State
3V
No load
14.0
28.0
mA
VIH
Input High Voltage
¾¾
0.7VDD
¾
VDD
V
VIL
Input Low Voltage
¾¾
0
¾
0.3VDD
V
IOL
Sink Current
3V
VOL=0.1VDD
48
¾
mA
RPH
Pull-high Resistance
3V
¾
20
60
100
k
W
BS808C
Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VDD
Operating Voltage
¾¾
2.2
¾
5.5
V
IDD1
Operating Current -
One-key State
3V
No load
¾
3.0
6.0
mA
IDD2
Operating Current -
Any-Key State
3V
No load
18.0
36.0
mA
VIH
Input High Voltage
¾¾
0.7VDD
¾
VDD
V
VIL
Input Low Voltage
¾¾
0
¾
0.3VDD
V
IOL
Sink Current
3V
VOL=0.1VDD
48
¾
mA
RPH
Pull-high Resistance
3V
¾
20
60
100
k
W
BS801C/02C/04C/06C/08C
Rev. 1.00
4
December 2, 2009


Similar Part No. - BS806C

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
BS806B HOLTEK-BS806B Datasheet
167Kb / 21P
   Touch Key
More results

Similar Description - BS806C

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
BS801B HOLTEK-BS801B Datasheet
167Kb / 21P
   Touch Key
logo
Avia Semiconductor Co.,...
HX610 AVIA-HX610 Datasheet
56Kb / 1P
   6-Key Capacitive Touch Key Controller
logo
Holtek Semiconductor In...
HT7700 HOLTEK-HT7700 Datasheet
219Kb / 6P
   Key & Touch Linear Dimmer
logo
Shanghai awinic technol...
AW9203 AWINIC-AW9203 Datasheet
1Mb / 30P
   3-Key Capacitive Touch Controller
logo
Generalplus Technology ...
GPM8F377A GENERALPLUS-GPM8F377A Datasheet
376Kb / 16P
   Capacitive Touch M-KEY Sensor
logo
Shenzhen Huazhimei Semi...
HM226 HMSEMI-HM226 Datasheet
430Kb / 5P
   6-key touch detection IC
logo
List of Unclassifed Man...
NT1160 ETC2-NT1160 Datasheet
714Kb / 22P
   The Nuvoton touch key series
logo
STMicroelectronics
STMPE1208S STMICROELECTRONICS-STMPE1208S Datasheet
156Kb / 12P
   12 channel touch key controller
logo
Holtek Semiconductor In...
BS83B04C HOLTEK-BS83B04C Datasheet
6Mb / 123P
   4 Key Touch Flash MCU
logo
Tontek Design Technolog...
TTP224N-BSB TONTEK-TTP224N-BSB Datasheet
281Kb / 9P
   4 KEY TOUCH PAD DETECTOR IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com