Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BS808C Datasheet(PDF) 3 Page - Holtek Semiconductor Inc

Part # BS808C
Description  Touch Key
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

BS808C Datasheet(HTML) 3 Page - Holtek Semiconductor Inc

  BS808C Datasheet HTML 1Page - Holtek Semiconductor Inc BS808C Datasheet HTML 2Page - Holtek Semiconductor Inc BS808C Datasheet HTML 3Page - Holtek Semiconductor Inc BS808C Datasheet HTML 4Page - Holtek Semiconductor Inc BS808C Datasheet HTML 5Page - Holtek Semiconductor Inc BS808C Datasheet HTML 6Page - Holtek Semiconductor Inc BS808C Datasheet HTML 7Page - Holtek Semiconductor Inc BS808C Datasheet HTML 8Page - Holtek Semiconductor Inc BS808C Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
Absolute Maximum Ratings
Supply Voltage ..........................VSS
-0.3V to VSS+6.0V
Storage Temperature ...........................
-50°Cto125°C
Input Voltage .............................VSS
-0.3V to VDD+0.3V
Operating Temperature ..........................
-40°Cto85°C
IOL Total ................................................................80mA
IOH Total..............................................................
-80mA
Total Power Dissipation .....................................500mW
Note: These are stress ratings only. Stresses exceeding the range specified under
²Absolute Maximum Ratings² may
cause substantial damage to the device. Functional operation of this device at other conditions beyond those listed
in the specification is not implied and prolonged exposure to extreme conditions may affect device reliability.
D.C. Characteristics
BS801C
Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VDD
Operating Voltage
¾¾
2.2
¾
5.5
V
IDD
Operating Current
3V
No load
¾
36
mA
VIH
Input High Voltage
¾¾
0.7VDD
¾
VDD
V
VIL
Input Low Voltage
¾¾
0
¾
0.3VDD
V
IOL
Sink Current
3V
VOL=0.1VDD
48
¾
mA
RPH
Pull-high Resistance
3V
¾
20
60
100
k
W
BS802C
Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VDD
Operating Voltage
¾¾
2.2
¾
5.5
V
IDD
Operating Current
3V
No load
¾
510
mA
VIH
Input High Voltage
¾¾
0.7VDD
¾
VDD
V
VIL
Input Low Voltage
¾¾
0
¾
0.3VDD
V
IOL
Sink Current
3V
VOL=0.1VDD
48
¾
mA
RPH
Pull-high Resistance
3V
¾
20
60
100
k
W
BS801C/02C/04C/06C/08C
Rev. 1.00
3
December 2, 2009


Similar Part No. - BS808C

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
BS808B HOLTEK-BS808B Datasheet
167Kb / 21P
   Touch Key
More results

Similar Description - BS808C

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
BS801B HOLTEK-BS801B Datasheet
167Kb / 21P
   Touch Key
logo
Avia Semiconductor Co.,...
HX610 AVIA-HX610 Datasheet
56Kb / 1P
   6-Key Capacitive Touch Key Controller
logo
Holtek Semiconductor In...
HT7700 HOLTEK-HT7700 Datasheet
219Kb / 6P
   Key & Touch Linear Dimmer
logo
Shanghai awinic technol...
AW9203 AWINIC-AW9203 Datasheet
1Mb / 30P
   3-Key Capacitive Touch Controller
logo
Generalplus Technology ...
GPM8F377A GENERALPLUS-GPM8F377A Datasheet
376Kb / 16P
   Capacitive Touch M-KEY Sensor
logo
Shenzhen Huazhimei Semi...
HM226 HMSEMI-HM226 Datasheet
430Kb / 5P
   6-key touch detection IC
logo
List of Unclassifed Man...
NT1160 ETC2-NT1160 Datasheet
714Kb / 22P
   The Nuvoton touch key series
logo
STMicroelectronics
STMPE1208S STMICROELECTRONICS-STMPE1208S Datasheet
156Kb / 12P
   12 channel touch key controller
logo
Holtek Semiconductor In...
BS83B04C HOLTEK-BS83B04C Datasheet
6Mb / 123P
   4 Key Touch Flash MCU
logo
Tontek Design Technolog...
TTP224N-BSB TONTEK-TTP224N-BSB Datasheet
281Kb / 9P
   4 KEY TOUCH PAD DETECTOR IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com