Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TA8132AF Datasheet(PDF) 11 Page - Toshiba Semiconductor

Part # TA8132AF
Description  3V AM/FM IFMPX (FOR DIGITAL TUNING SYSTEM)
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA8132AF Datasheet(HTML) 11 Page - Toshiba Semiconductor

Back Button TA8132AF Datasheet HTML 7Page - Toshiba Semiconductor TA8132AF Datasheet HTML 8Page - Toshiba Semiconductor TA8132AF Datasheet HTML 9Page - Toshiba Semiconductor TA8132AF Datasheet HTML 10Page - Toshiba Semiconductor TA8132AF Datasheet HTML 11Page - Toshiba Semiconductor TA8132AF Datasheet HTML 12Page - Toshiba Semiconductor TA8132AF Datasheet HTML 13Page - Toshiba Semiconductor TA8132AF Datasheet HTML 14Page - Toshiba Semiconductor TA8132AF Datasheet HTML 15Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
TA8132AN / AF , TA2012N / F
2002-10-30
11
Electrical characteristics
Unless Otherwise Specified, Ta = 25°C, VCC1 = 3V, SW1→10kΩ, SW3→OFF
FM IF: f = 10.7MHz, ∆f = ±22.5kHz, fm = 1kHz
AM: f = 1MHz, MOD = 30%, fm = 1kHz
MPX: fm = 1kHz
Characteristic
Symbol
Test
Cir
-
cuit
Test Condition
Min.
Typ.
Max.
Unit
ICC (FM)
1
FM mode, Vin = 0
11.0
14.0
Supply current
ICC (AM)
1
AM mode, Vin = 0
10.5
13.5
mA
Input limiting
voltage
Vin (lim.)
1
-3dB limiting point
41
46
51
dBµV
EMF
Recovered output
voltage
VOD
1
Vin = 80dBµV EMF
50
75
100
mVrms
Signal to noise
ratio
S / N
1
Vin = 80dBµV EMF
65
dB
Total harmonic
distortion
THD
1
Vin = 80dBµV EMF
0.2
%
AM rejection ratio
AMR
1
Vin = 80dBµV EMF
38
dB
LED on sensitivity
VL
1
IL = 1mA
48
53
58
dBµV
EMF
IF
fIF (FM)
1
Vin = 80dBµV EMF,
SW2→VCC, SW3→ON
10.7
IF count
output
frequency
1 / 8 IF
f1 / 8 IF (FM)
1
Vin = 80dBµV EMF,
SW2→GND, SW3→ON
1.3374 1.3375 1.3376
MHz
IF
VIF (FM)
1
Vin = 61dBµV EMF,
SW2→VCC, SW3→ON
350
500
IF count
output
voltage
1 / 8 IF
V1 / 8 IF (FM)
1
Vin = 61dBµV EMF,
SW2→GND, SW3→ON
350
500
mVp-p
SW1→0, SW2→GND,
SW3→ON
76
SW1→510Ω, SW2→GND,
SW3→ON
68
SW1→0, SW2→,VCC,
SW3→ON
77
FM
IF
IF count output
sensitivity
IFsens. (FM)
1
SW1→510Ω, SW2→,VCC,
SW3→ON
69
dBµV
EMF


Similar Part No. - TA8132AF

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA8132AF TOSHIBA-TA8132AF Datasheet
1Mb / 21P
   3V AM / FM IF MPX (For Digital Tuning System)
More results

Similar Description - TA8132AF

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA8132AN TOSHIBA-TA8132AN Datasheet
1Mb / 21P
   3V AM / FM IF MPX (For Digital Tuning System)
logo
Silan Microelectronics ...
SA2104 SILAN-SA2104 Datasheet
422Kb / 12P
   3V AM/FMMPX TUNER IC(FOR DIGITAL TUNING SYSTEM)
logo
KEC(Korea Electronics)
KIA2057N KEC-KIA2057N Datasheet
170Kb / 7P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (AM/FM IF MPX FOR DIGITAL TUNING SYSTEM)
logo
Toshiba Semiconductor
TA2057N TOSHIBA-TA2057N Datasheet
602Kb / 18P
   AM/FM IFFM ST DET (FOR DIGITAL TUNING SYSTEM)
TA2099N TOSHIBA-TA2099N Datasheet
697Kb / 19P
   AM/FM IFFM STEREO DETECTOR (FOR DIGITAL TUNING SYSTEM)
logo
Silan Microelectronics ...
SA2111C SILAN-SA2111C Datasheet
339Kb / 9P
   3V AM/FM MPX TUNER IC(FOR MECHANICAL TUNING)
logo
Toshiba Semiconductor
TA8186P TOSHIBA-TA8186P Datasheet
274Kb / 8P
   AM/FM IFMPX
TA7757P TOSHIBA-TA7757P Datasheet
607Kb / 9P
   FM/AM IF SYSTEM (3V USE)
TA2029FN TOSHIBA-TA2029FN Datasheet
546Kb / 14P
   FM F/EAM/FM IFPW IC FOR DIGITAL TUNING SYSTEM
TA2104BN TOSHIBA-TA2104BN Datasheet
629Kb / 16P
   3V AM/FM 1 CHIP TUNER IC (FOR DIGITAL TUNING SYSTEM)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com