Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6248 Datasheet(PDF) 1 Page - Pomona Electronics

Part # 6248
Description  Test Clip to Sheathed Banana Jack
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POMONA [Pomona Electronics]
Direct Link  http://www.pomonaelectronics.com
Logo POMONA - Pomona Electronics

6248 Datasheet(HTML) 1 Page - Pomona Electronics

  6248 Datasheet HTML 1Page - Pomona Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
USA:
Sales: 800-490-2361
Technical Support: technicalsupport@pomonatest.com
Fax: 425-446-5844
Europe: 31-(0) 40 2675 150
International: 425-446-5500
Where to Buy: www.pomonaelectronics.com
All dimensions are in inches. Tolerances (except noted): .xx = ±.02” (,51 mm),
.xxx = ± .005” (,127 mm). All specifications are to the latest revisions.
Specifications are subject to change without notice. Registered trademarks are
the property of their respective companies.
Copyright © 2009
D1094497 Rev. 102
Page 1 of 1
Model 6248
Minigrabber® Test Clip to Sheathed Banana Jack
Features
Newly designed Minigrabber® Test Clip Patch Cord complies with IEC 61010-2-31, which is the latest
international safety standard for test accessories.
Grabber width is a slim .36” (9,14 mm) for easier access to test terminals.
Grabber hook is gold plated beryllium copper to ensure signal integrity & attaches onto component leads up to
.060” (1,5 mm) O.D.
Grabber patch cord can connect directly to Pomona’s sheathed type flexible tests leads for added patch cord
length.
Banana jack is molded directly to the cable for a long lasting connection.
High strand count silicone insulated wire offers excellent flexibility and high temperature resistance.
Materials
Grabber:
Body: Polypropylene, Color per Part Number
Hook: Beryllium Copper, Gold Plated, compression Spring: Music Wire
Wire: 18 AWG, 65 x 36 Tinned Copper, Insulation – Silicone, .144” (3,66 mm) O.D., Color per P/N
Banana Jack:
Body – Brass, Nickel Plated
Insulation – Polypropylene, Color per P/N
Ratings
IEC 61010 2-031, Category II, P2 Compliant
Operating Voltage: 300 VRMS/DC Max.
Current: 5 Amperes Max.
Ordering Information
Model 6248-XX-*
XX = Lead Length in Inches, Standard Length: 12” (30,48 cm)
* = Color Code, –0 Black and –2 Red
Additional lengths can be quoted upon request.


Similar Part No. - 6248

ManufacturerPart #DatasheetDescription
logo
ebm-papst
6248N EBMPAPST-6248N Datasheet
264Kb / 4P
   DC axial compact fan
6248N EBMPAPST-6248N Datasheet
485Kb / 1P
   Tubeaxial
6248N12 EBMPAPST-6248N12 Datasheet
485Kb / 1P
   Tubeaxial
6248N2 EBMPAPST-6248N2 Datasheet
485Kb / 1P
   Tubeaxial
6248NH EBMPAPST-6248NH Datasheet
264Kb / 4P
   DC axial compact fan
More results

Similar Description - 6248

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
6245 POMONA-6245 Datasheet
73Kb / 1P
   Test Clip to Straight Sheathed Banana Plug
6244 POMONA-6244 Datasheet
71Kb / 1P
   Test Clip to Right Angle Sheathed Banana Plug
6570 POMONA-6570 Datasheet
38Kb / 1P
   Extra Large Alligator Test Clip To Sheathed Banana Plug Patch Cord
72917 POMONA-72917 Datasheet
70Kb / 1P
   4mm Banana Plug to 2mm Sheathed Banana Jack Adapter
6387 POMONA-6387 Datasheet
147Kb / 1P
   Banana Jack, Panel Mount, 4mm For Sheathed Banana Plugs
5053-60-0 POMONA-5053-60-0 Datasheet
45Kb / 1P
   Micrograbber짰 Test Clip To Stacking Banana Plug
3782 POMONA-3782 Datasheet
57Kb / 1P
   Minigrabber Test Clip To Stacking Banana Plug
4996 POMONA-4996 Datasheet
45Kb / 1P
   Maxigrabber Test Clip To Stacking Banana Plug
5053 POMONA-5053 Datasheet
45Kb / 1P
   Micrograbber Test Clip To Stacking Banana Plug
6249 POMONA-6249 Datasheet
28Kb / 1P
   Test Clip To Multi-Stacking Banana Plug Test Lead
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com