Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6490-9 Datasheet(PDF) 2 Page - Pomona Electronics

Part # 6490-9
Description  20mm Tip Reach, SMD Grabber Test Clip
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POMONA [Pomona Electronics]
Direct Link  http://www.pomonaelectronics.com
Logo POMONA - Pomona Electronics

6490-9 Datasheet(HTML) 2 Page - Pomona Electronics

  6490-9 Datasheet HTML 1Page - Pomona Electronics 6490-9 Datasheet HTML 2Page - Pomona Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
All dimensions are in inches. Tolerances (except noted): .xx = ±.02” (,51 mm), .xxx = ± .005” (,127 mm).
All specifications are to the latest revisions. Specifications are subject to change without notice.
Registered trademarks are the property of their respective companies.
Model 6490
20mm Tip Reach, SMD
Grabber Test Clip
Sales: 800-490-2361 Fax: 888-403-3360 Technical Support: 800-241-2060 (technicalsupport@pomonatest.com)
For “Where to Buy” information, visit the Pomona web site at www.pomonaelectronics.com
Rev: 100
D1094898
Page 2 of 2


Similar Part No. - 6490-9

ManufacturerPart #DatasheetDescription
logo
Littelfuse
64900001039 LITTELFUSE-64900001039 Datasheet
410Kb / 1P
   649 Series Molded Fuse Block, PC Mount for 5횞20mm Fuses
Revised: 01/31/18
64900003039 LITTELFUSE-64900003039 Datasheet
410Kb / 1P
   649 Series Molded Fuse Block, PC Mount for 5횞20mm Fuses
Revised: 01/31/18
logo
Wurth Elektronik GmbH &...
649010227222 WURTH-649010227222 Datasheet
779Kb / 3P
   WR-MPC4 - 4.20MM MALE DUAL ROW RIGHT ANGLE HEADER WITH MOUNTING PEGS
649012227222 WURTH-649012227222 Datasheet
779Kb / 3P
   WR-MPC4 - 4.20MM MALE DUAL ROW RIGHT ANGLE HEADER WITH MOUNTING PEGS
649014227222 WURTH-649014227222 Datasheet
779Kb / 3P
   WR-MPC4 - 4.20MM MALE DUAL ROW RIGHT ANGLE HEADER WITH MOUNTING PEGS
More results

Similar Description - 6490-9

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
6442 POMONA-6442 Datasheet
161Kb / 2P
   13mm Tip Reach, SMD Micro Grabber Test Clip
6352 POMONA-6352 Datasheet
481Kb / 2P
   13mm Tip Reach, SMD Micro Grabber Test Clip
6351 POMONA-6351 Datasheet
361Kb / 2P
   8mm Tip Reach, SMD Micro Grabber Test Clip
6353 POMONA-6353 Datasheet
367Kb / 2P
   2mm Tip Reach, SMD Micro Grabber Test Clip
5360 POMONA-5360 Datasheet
34Kb / 1P
   SMD Grabber Test Clip
5301 POMONA-5301 Datasheet
54Kb / 1P
   SMD Grabber Test Clip Patch Cord
5302 POMONA-5302 Datasheet
24Kb / 1P
   SMD Grabber Test Clip To Stacking Banana Plug
72929 POMONA-72929 Datasheet
86Kb / 1P
   Mini SMD Grabber Test Clip Lead with 4mm Jack
72907 POMONA-72907 Datasheet
144Kb / 1P
   Mini SMD Grabber Test Clip with Lead and 2mm Jack
72906 POMONA-72906 Datasheet
138Kb / 1P
   Mini SMD Grabber Test Clips
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com