Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL80102 Datasheet(PDF) 10 Page - Intersil Corporation

Part # ISL80102
Description  High Performance 2A and 3A LDOs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL80102 Datasheet(HTML) 10 Page - Intersil Corporation

Back Button ISL80102 Datasheet HTML 6Page - Intersil Corporation ISL80102 Datasheet HTML 7Page - Intersil Corporation ISL80102 Datasheet HTML 8Page - Intersil Corporation ISL80102 Datasheet HTML 9Page - Intersil Corporation ISL80102 Datasheet HTML 10Page - Intersil Corporation ISL80102 Datasheet HTML 11Page - Intersil Corporation ISL80102 Datasheet HTML 12Page - Intersil Corporation ISL80102 Datasheet HTML 13Page - Intersil Corporation ISL80102 Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
FN6660.0
September 30, 2009
FIGURE 11. SHUTDOWN CURRENT vs TEMPERATURE
FIGURE 12. SHUTDOWN CURRENT vs TEMPERATURE
FIGURE 13. DROPOUT VOLTAGE vs TEMPERATURE
FIGURE 14. DROPOUT VOLTAGE vs OUTPUT CURRENT
FIGURE 15. ENABLE THRESHOLD VOLTAGE vs
TEMPERATURE
FIGURE 16. POWER-UP (VIN = 2.2V)
Typical Operating Performance
Unless otherwise noted: VIN = 2.2V, VOUT = 1.8V, CIN = COUT = 10µF, TJ = +25°C, IL = 0A. (Continued)
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
-40 -25 -10 5
20 35 50 65 80 95 110 125
TEMPERATURE (°C)
VIN = 5V
0
1
2
3
4
5
6
7
8
9
10
11
12
-40 -25 -10 5
20 35 50 65 80 95 110 125
TEMPERATURE (°C)
VIN = 6V
0
10
20
30
40
50
60
70
80
90
100
110
120
130
140
150
-40 -25 -10 5
20 35 50 65 80 95 110 125
TEMPERATURE (°C)
1A
2A
3A
0
10
20
30
40
50
60
70
80
90
100
110
120
130
140
150
0
0.5
1.0
1.5
2.0
2.5
3.0
OUTPUT CURRENT (A)
0.30
0.35
0.40
0.45
0.50
0.55
0.60
0.65
0.70
0.75
0.80
0.85
0.90
-40 -25 -10 5
20 35 50 65 80 95 110 125
JUNCTION TEMPERATURE (°C)
VIN (1V/DIV)
SS (1V/DIV)
VOUT (1V/DIV)
TIME (10ms/DIV)
PG (1V/DIV)
ISL80102, ISL80103


Similar Part No. - ISL80102

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL80102 INTERSIL-ISL80102 Datasheet
621Kb / 15P
   High Performance 2A and 3A Linear Regulators
ISL80102 INTERSIL-ISL80102 Datasheet
850Kb / 15P
   High Performance 2A and 3A Linear Regulators
ISL80102 INTERSIL-ISL80102 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
ISL80102 INTERSIL-ISL80102 Datasheet
729Kb / 16P
   High Performance 2A and 3A Linear Regulators
logo
Renesas Technology Corp
ISL80102 RENESAS-ISL80102 Datasheet
1Mb / 17P
   High Performance 2A and 3A Linear Regulators
More results

Similar Description - ISL80102

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL80102IRAJZ INTERSIL-ISL80102IRAJZ Datasheet
746Kb / 16P
   High Performance 2A and 3A Linear Regulators
June 14, 2013
logo
Renesas Technology Corp
ISL80102 RENESAS-ISL80102 Datasheet
1Mb / 17P
   High Performance 2A and 3A Linear Regulators
logo
Intersil Corporation
ISL80102 INTERSIL-ISL80102_10 Datasheet
621Kb / 15P
   High Performance 2A and 3A Linear Regulators
ISL80102 INTERSIL-ISL80102_13 Datasheet
729Kb / 16P
   High Performance 2A and 3A Linear Regulators
ISL80102 INTERSIL-ISL80102_11 Datasheet
850Kb / 15P
   High Performance 2A and 3A Linear Regulators
ISL80111IRAJZ INTERSIL-ISL80111IRAJZ Datasheet
761Kb / 17P
   Ultra Low Dropout 1A, 2A, 3A Low Input Voltage NMOS LDOs
November 1, 2013
ISL80112IRAJZ INTERSIL-ISL80112IRAJZ Datasheet
756Kb / 17P
   Ultra Low Dropout 1A, 2A, 3A Low Input Voltage NMOS LDOs
logo
Renesas Technology Corp
ISL80111 RENESAS-ISL80111 Datasheet
972Kb / 16P
   Ultra Low Dropout 1A, 2A, 3A Low Input Voltage NMOS LDOs
logo
Micrel Semiconductor
MIC37110 MICREL-MIC37110 Datasheet
1Mb / 20P
   High-Performance, Low-Noise, 1A LDOs
logo
Texas Instruments
LM5100AM_NOPB TI1-LM5100AM_NOPB Datasheet
1Mb / 28P
[Old version datasheet]   3A, 2A and 1A High Voltage High-Side and Low-Side Gate Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com