Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS150TC25110 Datasheet(PDF) 1 Page - IXYS Corporation

Part # GS150TC25110
Description  Gallium Arsenide Schottky Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

GS150TC25110 Datasheet(HTML) 1 Page - IXYS Corporation

  GS150TC25110 Datasheet HTML 1Page - IXYS Corporation GS150TC25110 Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
IXYS Semiconductor GmbH
Edisonstr. 15, D-68623 Lampertheim, Germany
Phone: +49-6206-503-0, Fax: +49-6206-503627
IXYSRF/Directed Energy, Inc.
2401 Research Blvd. Ste 108, Fort Collins, CO 80526
Phone: (970) 493-1901, Fax: 970-493-1903, www.directedenergy.com
© 2003 IXYSRF/Directed Energy, Inc.
GS150TA25110
GS150TI25110
GS150TC25110
IXYSRF reserves the right to change limits, conditions and dimensions
A = Anode, C = Cathode
I
DC
= 10 A
V
RRM
= 250 V
C
Junction = 18 pF
Gallium Arsenide Schottky Rectifier
Preliminary Data
Symbol
Conditions
Maximum Ratings
I
FAV
T
C = 25°C; DC
10
A
I
FAV
T
C = 90°C; DC
9
A
I
FSM
T
VJ = 45°C; tp = 10 ms (50 Hz), sine
20
A
T
VJ
-55...+175
°C
T
stg
-55...+150
°C
P
tot
T
C = 25°C (20W/device)
25
W
Isolation
(Substrate to Case)
>2500
V
Isolation
(Diode to Diode)
>600
V
Pulse test:
Pulse Width = 5 ms, Duty Cycle < 2.0 %
Data per diode unless otherwise specified
Symbol
Conditions
Characteristic Values
typ.
max.
I
R
T
VJ =
25°C V
R = VRRM
1.3
mA
T
VJ = 125°C VR = VRRM
1.3
mA
V
F
I
F = 5 A;
T
VJ = 125°C
1.3
V
I
F = 5 A;
T
VJ =
25°C
1.2
1.5
V
C
J
V
R = 100 V;
T
VJ = 125°C
18
pF
R
thJC
6
K/W
Weight
2
g
Features
Low forward voltage
Very high switching speed
Trr <15ns
Low junction capacity of GaAs
- low reverse current peak at turn off
Soft turn off
Temperature independent switching
behaviour
High temperature operation capability
Epoxy meets UL 94V-0
Applications
MHz switched mode power supplies
(SMPS)
High frequency converters
Resonant converters
TR IPLE
IN DE P E ND E N T
(T I)
TRIPLE
COMMON
CATHODE
(TC)
TRIPLE
COMMON
ANODE
(TA)
V
RSM
V
RRM
Type
Part
Configuration
V
V
Number
250 250
GS150
TI25110
250 250
GS150
TC25110
250 250
GS150
TA25110
Triple
Common cathode
Triple
Common anode
Triple
Independent
Isolated Surface Mount Package
A
1
A
2
A
3
C
1
C
2
C
3
A
1
A
2
A
3
C
1
C
2
C
3
A
1
A
2
A
3
C
1
C
2
C
3


Similar Part No. - GS150TC25110

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
GS150TC25104 IXYS-GS150TC25104 Datasheet
115Kb / 2P
   Gallium Arsenide Schottky Rectifier
GS150TC25120 IXYS-GS150TC25120 Datasheet
159Kb / 2P
   Gallium Arsenide Schottky Rectifier
More results

Similar Description - GS150TC25110

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
DGS9-03AS IXYS-DGS9-03AS Datasheet
56Kb / 2P
   Gallium Arsenide Schottky Rectifier
DGSS10-06CC IXYS-DGSS10-06CC Datasheet
60Kb / 3P
   Gallium Arsenide Schottky Rectifier
DGS3-01AS IXYS-DGS3-01AS Datasheet
37Kb / 2P
   Gallium Arsenide Schottky Rectifier
L680 IXYS-L680 Datasheet
60Kb / 2P
   Gallium Arsenide Schottky Rectifier
DGS19-025AS IXYS-DGS19-025AS Datasheet
165Kb / 3P
   Gallium Arsenide Schottky Rectifier
DGS20-022A IXYS-DGS20-022A Datasheet
71Kb / 2P
   Gallium Arsenide Schottky Rectifier
DGS17-03CS IXYS-DGS17-03CS Datasheet
55Kb / 2P
   Gallium Arsenide Schottky Rectifier
GS8DI25104 IXYS-GS8DI25104 Datasheet
52Kb / 2P
   Gallium Arsenide Schottky Rectifier
DGS10-022AS IXYS-DGS10-022AS Datasheet
26Kb / 1P
   Gallium Arsenide Schottky Rectifier
GS150TA25104 IXYS-GS150TA25104 Datasheet
115Kb / 2P
   Gallium Arsenide Schottky Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com