Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL28213 Datasheet(PDF) 5 Page - Intersil Corporation

Part # ISL28213
Description  Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifier
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28213 Datasheet(HTML) 5 Page - Intersil Corporation

  ISL28213 Datasheet HTML 1Page - Intersil Corporation ISL28213 Datasheet HTML 2Page - Intersil Corporation ISL28213 Datasheet HTML 3Page - Intersil Corporation ISL28213 Datasheet HTML 4Page - Intersil Corporation ISL28213 Datasheet HTML 5Page - Intersil Corporation ISL28213 Datasheet HTML 6Page - Intersil Corporation ISL28213 Datasheet HTML 7Page - Intersil Corporation ISL28213 Datasheet HTML 8Page - Intersil Corporation ISL28213 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
5
FN6728.3
December 22, 2009
IS
Supply Current per Amplifier
RL = OPEN
90
130
µA
170
µA
ISC+
Output Source Short Circuit
Current
RL = 10Ω to V-
-22
mA
ISC-
Output Sink Short Circuit
Current
RL = 10Ω to V+
16
mA
AC SPECIFICATIONS
GBWP
Gain Bandwidth Product
VS = ±2.5V
AV = 100, RF = 100kΩ,
RG =1kΩ, RL = 10kΩ to
VCM
2MHz
eN VP-P
Peak-to-Peak Input Noise
Voltage
VS = ±2.5V
f = 0.1Hz to 10Hz
14
µVP-P
eN
Input Noise Voltage Density
VS = ±2.5V
f = 1kHz
55
nV/
(Hz)
iN
Input Noise Current Density
VS = ±2.5V
f = 1kHz
5fA/
(Hz)
Cin
Differential Input Capacitance VS = ±2.5V
f = 1MHz
1.0
pF
Common Mode Input
Capacitance
1.3
pF
TRANSIENT RESPONSE
SR
Slew Rate 20% to 80% VOUT VOUT = 0.5V to 4.5V
1
V/µs
tr, tf, Small Signal
Rise Time, tr 10% to 90%
VS = ±2.5V
AV = +1, VOUT = 0.05VP-P,
RF =0Ω, RL = 10kΩ,
CL = 15pF
100
ns
Fall Time, tf 10% to 90%
115
ns
ts
Settling Time to 0.1%, 4VP-P
Step
VS = ±2.5V
AV = +1, RF = 0Ω,
RL = 10kΩ, CL = 1.2pF
7.5
µs
NOTE:
6. Parameters with MIN and/or MAX limits are 100% tested at +25°C, unless otherwise specified. Temperature limits established
by characterization and are not production tested.
Electrical Specifications VS+ = 5V, VS- = 0V, RL = Open, VCM = VS/2, TA = +25°C, unless otherwise specified.
Boldface limits apply over the operating temperature range, -40°C to +125°C,
unless otherwise specified.
PARAMETER
DESCRIPTION
CONDITIONS
MIN
(Note 6)
TYP
MAX
(Note 6)
UNIT
ISL28113, ISL28213, ISL28413


Similar Part No. - ISL28213

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL28213 INTERSIL-ISL28213 Datasheet
1Mb / 22P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifier
ISL28213 INTERSIL-ISL28213 Datasheet
1Mb / 21P
   Single, Dual, Quad General Purpose Micropower,RRIO Operational Amplifier
ISL28213 INTERSIL-ISL28213 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ISL28213 RENESAS-ISL28213 Datasheet
1Mb / 23P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifier
logo
Intersil Corporation
ISL28213FBZ INTERSIL-ISL28213FBZ Datasheet
1Mb / 22P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifier
More results

Similar Description - ISL28213

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL28113 RENESAS-ISL28113 Datasheet
1Mb / 23P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifier
logo
Intersil Corporation
ISL28113 INTERSIL-ISL28113_11 Datasheet
1Mb / 22P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifier
ISL28113 INTERSIL-ISL28113_10 Datasheet
1Mb / 21P
   Single, Dual, Quad General Purpose Micropower,RRIO Operational Amplifier
ISL28114 INTERSIL-ISL28114 Datasheet
1Mb / 21P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifiers
ISL28114 INTERSIL-ISL28114_11 Datasheet
1Mb / 22P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifiers
logo
Renesas Technology Corp
ISL28114 RENESAS-ISL28114 Datasheet
1Mb / 23P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifiers
logo
Analog Devices
ADA4092-4 AD-ADA4092-4_16 Datasheet
690Kb / 21P
   Micropower RRIO Operational Amplifier
logo
Intersil Corporation
ISL28133 INTERSIL-ISL28133 Datasheet
1Mb / 20P
   Single, Dual, and Quad Micropower, Zero-Drift, RRIO Operational Amplifiers
ISL28130CHZ-T7 INTERSIL-ISL28130CHZ-T7 Datasheet
864Kb / 19P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
February 13, 2014
ISL28130 INTERSIL-ISL28130_11 Datasheet
1Mb / 19P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com