Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL80102IR15Z Datasheet(PDF) 7 Page - Intersil Corporation

Part # ISL80102IR15Z
Description  High Performance 2A and 3A LDOs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL80102IR15Z Datasheet(HTML) 7 Page - Intersil Corporation

Back Button ISL80102IR15Z Datasheet HTML 3Page - Intersil Corporation ISL80102IR15Z Datasheet HTML 4Page - Intersil Corporation ISL80102IR15Z Datasheet HTML 5Page - Intersil Corporation ISL80102IR15Z Datasheet HTML 6Page - Intersil Corporation ISL80102IR15Z Datasheet HTML 7Page - Intersil Corporation ISL80102IR15Z Datasheet HTML 8Page - Intersil Corporation ISL80102IR15Z Datasheet HTML 9Page - Intersil Corporation ISL80102IR15Z Datasheet HTML 10Page - Intersil Corporation ISL80102IR15Z Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
FN6660.0
September 30, 2009
Application Section
Input Voltage Requirements
Despite other output voltages offered, this family of LDOs
is optimized for a true 2.5V to 1.8V conversion where the
input supply can have a tolerance of as much as ±10%
for conditions noted in the “Electrical Specifications” table
on page 5. Minimum guaranteed input voltage is 2.2V.
However, due to the nature of an LDO, VIN must be some
margin higher than the output voltage plus dropout at
the maximum rated current of the application if active
filtering (PSRR) is expected from VIN to VOUT. The
Dropout spec of this family of LDOs has been generously
specified in order to allow applications to design for a
level of efficiency that can accommodate the smaller
outline package for those applications that cannot
accommodate the profile of the TO220/263.
External Capacitor Requirements
GENERAL GUIDELINE
External capacitors are required for proper operation.
Careful attention must be paid to layout guidelines and
selection of capacitor type and value to ensure optimal
performance.
OUTPUT CAPACITOR
The required minimum output capacitor is 10µF X5R/X7R
to ensure stable operation. Lower cost Y5V and Z5U type
ceramic capacitors are acceptable if the size of the
capacitor is larger to compensate for the significantly
lower tolerance over X5R/X7R types (approximately 2x).
Additional capacitors of any value in Ceramic, POSCAP or
Alum/Tantalum Electrolytic types may be placed in
parallel to improve PSRR at higher frequencies and/or
load transient AC output voltage tolerances. This
minimum capacitor must be connected to VOUT and
Ground pins of the LDO with PCB traces no longer than
0.5cm.
INPUT CAPACITOR
The minimum input capacitor required for proper
operation is 10µF having a ceramic dielectric. This
minimum capacitor must be connected to VOUT and
Ground pins of the LDO with PCB traces no longer than
0.5cm.
Thermal Fault Protection
In the event the die temperature exceeds typically
+160°C, then the output of the LDO will shut down until
the die temperature can cool down to typically +145°C.
The level of power combined with the thermal impedance
of the package (+50°C/W for DFN) will determine if the
junction temperature exceeds the thermal shutdown
temperature specified in the “Electrical Specifications”
table on page 5 (see thermal packaging guidelines).
Current Limit Protection
The ISL80102/3 family of LDOs incorporates protection
against overcurrent due to any short or overload
condition applied to the output pin. The current limit
circuit performs as a constant current source when the
output current exceeds the current limit threshold noted
in the “Electrical Specifications” table on page 5. If the
short or overload condition is removed from VOUT, then
the output returns to normal voltage mode regulation. In
the event of an overload condition on the DFN package
the LDO will begin to cycle on and off due to the die
temperature exceeding thermal fault condition. The
TO220/263 package will tolerate higher levels of power
dissipation on the die which may never thermal cycle if
the heatsink of this larger package can keep the die
temperature below the specified typical thermal
shutdown temperature.
Functional Description
Enable Operation
The Enable turn-on threshold is typically 770mV with a
hysteresis of 135mV. The Enable pin doesn't have an
internal pull-up or pull-down resistor. As a result, this pin
must not be left floating. This pin must be tied to VIN if it
is not used. A 1kΩ to 10kΩ pull-up resistor will be
required for applications that use open collector or open
drain outputs to control the Enable pin. The Enable pin
may be connected directly to VIN for applications that are
always on.
Soft-Start Operation
The soft start circuit controls the rate at which the output
voltage comes up to regulation at power-up or coming
out of a chip disable. A constant current charges an
external soft start capacitor. The external capacitor
always gets discharged to 0V at start-up of after coming
out of a chip disable. The discharge rate is the RC time
constant of RPD and CSS. The soft-start function
effectively limits the amount of in-rush current below the
programmed current limit during start-up or an enable
sequence to avoid an overcurrent fault condition. This
can be an issue for applications that require large,
external bulk capacitances on VOUT where high levels of
charging current can be seen for a significant period of
time. High in-rush currents can cause VIN to drop below
minimum which could cause VOUT to shutdown. Figure 3
shows the relationship between in-rush current and CSS
with a COUT of 1000µF.
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0
204060
80
100
Css (nF)
FIGURE 3. IN-RUSH CURRENT vs SOFT-START
CAPACITANCE
ISL80102, ISL80103


Similar Part No. - ISL80102IR15Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL80102IR15Z INTERSIL-ISL80102IR15Z Datasheet
621Kb / 15P
   High Performance 2A and 3A Linear Regulators
More results

Similar Description - ISL80102IR15Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL80102IRAJZ INTERSIL-ISL80102IRAJZ Datasheet
746Kb / 16P
   High Performance 2A and 3A Linear Regulators
June 14, 2013
logo
Renesas Technology Corp
ISL80102 RENESAS-ISL80102 Datasheet
1Mb / 17P
   High Performance 2A and 3A Linear Regulators
logo
Intersil Corporation
ISL80102 INTERSIL-ISL80102_10 Datasheet
621Kb / 15P
   High Performance 2A and 3A Linear Regulators
ISL80102 INTERSIL-ISL80102_13 Datasheet
729Kb / 16P
   High Performance 2A and 3A Linear Regulators
ISL80102 INTERSIL-ISL80102_11 Datasheet
850Kb / 15P
   High Performance 2A and 3A Linear Regulators
ISL80111IRAJZ INTERSIL-ISL80111IRAJZ Datasheet
761Kb / 17P
   Ultra Low Dropout 1A, 2A, 3A Low Input Voltage NMOS LDOs
November 1, 2013
ISL80112IRAJZ INTERSIL-ISL80112IRAJZ Datasheet
756Kb / 17P
   Ultra Low Dropout 1A, 2A, 3A Low Input Voltage NMOS LDOs
logo
Renesas Technology Corp
ISL80111 RENESAS-ISL80111 Datasheet
972Kb / 16P
   Ultra Low Dropout 1A, 2A, 3A Low Input Voltage NMOS LDOs
logo
Micrel Semiconductor
MIC37110 MICREL-MIC37110 Datasheet
1Mb / 20P
   High-Performance, Low-Noise, 1A LDOs
logo
Texas Instruments
LM5100AM_NOPB TI1-LM5100AM_NOPB Datasheet
1Mb / 28P
[Old version datasheet]   3A, 2A and 1A High Voltage High-Side and Low-Side Gate Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com