Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL80102IR15Z Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL80102IR15Z
Description  High Performance 2A and 3A LDOs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL80102IR15Z Datasheet(HTML) 1 Page - Intersil Corporation

  ISL80102IR15Z Datasheet HTML 1Page - Intersil Corporation ISL80102IR15Z Datasheet HTML 2Page - Intersil Corporation ISL80102IR15Z Datasheet HTML 3Page - Intersil Corporation ISL80102IR15Z Datasheet HTML 4Page - Intersil Corporation ISL80102IR15Z Datasheet HTML 5Page - Intersil Corporation ISL80102IR15Z Datasheet HTML 6Page - Intersil Corporation ISL80102IR15Z Datasheet HTML 7Page - Intersil Corporation ISL80102IR15Z Datasheet HTML 8Page - Intersil Corporation ISL80102IR15Z Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
High Performance 2A and 3A LDOs
ISL80102, ISL80103
The ISL80102 and ISL80103 are low voltage,
high-current, single output LDOs specified for 2A and 3A
output current, respectively. These parts operate from
input voltages of 2.2V to 6V and are capable of providing
output voltages of 0.8V to 5V on the adjustable VOUT
versions. Fixed output voltage options available in 0.8V,
1.2V, 1.5V, 1.8V, 2.5V, 3.3V and 5V. Other custom
voltage options available upon request.
For applications that demand in-rush current less than
current limit, an external capacitor on the in-rush set pin
provides adjustment. The ENABLE feature allows the part
to be placed into a low quiescent current shutdown
mode. Sub-micron CMOS process is utilized for this
product family to deliver the best in class analog
performance and overall value.
These CMOS LDOs will consume significantly lower
quiescent current as a function of load over bipolar LDOs,
which translates into higher efficiency and the ability to
consider packages with smaller footprints. Quiescent
current is modestly compromised to enable a leading
class fast load transient response, and hence a lower
total AC regulation band for an LDO in this category.
Pin Configuration
ISL80102, ISL80103
(10 LD 3X3 DFN)
TOP VIEW
Features
• 0.5% initial VOUT Accuracy
• Designed for 2.2V to 6V Input Supply
• ±1.8% Guaranteed VOUT Accuracy for Junction
Temperature Range from -40°C to +125°C
• 185mV Dropout @ 3A, 125mV Dropout @ 2A
• Fast Load Transient Response
• Rated Output Current Options of 2A and 3A
• Adjustable In-Rush Current Limiting
• Fixed and Adjustable VOUT Options Available
• 65dB Typical PSRR
• Output Noise of 100µVRMS between 300Hz to
300kHz
•PG Feature
•900mV Enable Input Threshold
• Short-Circuit Current Protection
• 1A Peak Reverse Current
• Over-Temperature Shutdown
• Any Cap Stable with Minimum 10µF Ceramic
• Available in a 10 Ld DFN Package and soon to follow
TO220-5, TO263-5 and SOT223-5 (1A and 2A
versions)
• Pb-Free (RoHS Compliant)
Applications*(see page 15)
• DSP, FPGA and µP Core Power Supplies
• Noise-Sensitive Instrumentation Systems
• Post Regulation of Switched Mode Power Supplies
• Industrial Systems
•Medical Equipment
• Telecommunications and Networking Equipment
•Servers
• Hard Disk Drives (HD/HDD)
2
3
4
1
5
9
8
7
10
6
VOUT
VOUT
SENSE/ADJ
PG
GND
VIN
VIN
DNC
ENABLE
SS
September 30, 2009
FN6660.0
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2009. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.


Similar Part No. - ISL80102IR15Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL80102IR15Z INTERSIL-ISL80102IR15Z Datasheet
621Kb / 15P
   High Performance 2A and 3A Linear Regulators
More results

Similar Description - ISL80102IR15Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL80102IRAJZ INTERSIL-ISL80102IRAJZ Datasheet
746Kb / 16P
   High Performance 2A and 3A Linear Regulators
June 14, 2013
logo
Renesas Technology Corp
ISL80102 RENESAS-ISL80102 Datasheet
1Mb / 17P
   High Performance 2A and 3A Linear Regulators
logo
Intersil Corporation
ISL80102 INTERSIL-ISL80102_10 Datasheet
621Kb / 15P
   High Performance 2A and 3A Linear Regulators
ISL80102 INTERSIL-ISL80102_13 Datasheet
729Kb / 16P
   High Performance 2A and 3A Linear Regulators
ISL80102 INTERSIL-ISL80102_11 Datasheet
850Kb / 15P
   High Performance 2A and 3A Linear Regulators
ISL80111IRAJZ INTERSIL-ISL80111IRAJZ Datasheet
761Kb / 17P
   Ultra Low Dropout 1A, 2A, 3A Low Input Voltage NMOS LDOs
November 1, 2013
ISL80112IRAJZ INTERSIL-ISL80112IRAJZ Datasheet
756Kb / 17P
   Ultra Low Dropout 1A, 2A, 3A Low Input Voltage NMOS LDOs
logo
Renesas Technology Corp
ISL80111 RENESAS-ISL80111 Datasheet
972Kb / 16P
   Ultra Low Dropout 1A, 2A, 3A Low Input Voltage NMOS LDOs
logo
Micrel Semiconductor
MIC37110 MICREL-MIC37110 Datasheet
1Mb / 20P
   High-Performance, Low-Noise, 1A LDOs
logo
Texas Instruments
LM5100AM_NOPB TI1-LM5100AM_NOPB Datasheet
1Mb / 28P
[Old version datasheet]   3A, 2A and 1A High Voltage High-Side and Low-Side Gate Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com