Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL80103IRAJZ Datasheet(PDF) 8 Page - Intersil Corporation

Part # ISL80103IRAJZ
Description  High Performance 2A and 3A LDOs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL80103IRAJZ Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ISL80103IRAJZ Datasheet HTML 4Page - Intersil Corporation ISL80103IRAJZ Datasheet HTML 5Page - Intersil Corporation ISL80103IRAJZ Datasheet HTML 6Page - Intersil Corporation ISL80103IRAJZ Datasheet HTML 7Page - Intersil Corporation ISL80103IRAJZ Datasheet HTML 8Page - Intersil Corporation ISL80103IRAJZ Datasheet HTML 9Page - Intersil Corporation ISL80103IRAJZ Datasheet HTML 10Page - Intersil Corporation ISL80103IRAJZ Datasheet HTML 11Page - Intersil Corporation ISL80103IRAJZ Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
FN6660.0
September 30, 2009
Power-Good Operation
The PGOOD circuit monitors VOUT and signals a fault
condition when VOUT is below 84% of the nominal output
voltage. The PGOOD flag is an open-drain NMOS that can
sink 10mA during a fault condition. The PGOOD pin
requires an external pull up resistor which is typically
connected to the VOUT pin. The PGOOD pin should not
be pulled up to a voltage source greater than VIN. During
a fault condition, the PGOOD output is pulled low. The
PGOOD fault can be caused by the current limit fault or
low input voltage. The PGOOD does not function during
thermal shutdown and when the part is disabled.
Output Voltage Selection
An external resistor divider is used to scale the output
voltage relative to the internal reference voltage. This
voltage is then fed back to the error amplifier. The output
voltage can be programmed to any level between 0.8V
and 5V. An external resistor divider, R1 and R2, is used to
set the output voltage as shown in Equation 1. The
recommended value for R2 is 500Ω to 1kΩ. R1 is then
chosen according to Equation 2:
Power Dissipation
The junction temperature must not exceed the range
specified in the Recommended Operating Conditions. The
power dissipation can be calculated by using Equation 3:
The maximum allowed junction temperature, TJ(MAX)
and the maximum expected ambient temperature,
TA(MAX) will determine the maximum allowed junction
temperature rise (ΔTJ) as shown in Equation 4:
To calculate the maximum ambient operating
temperature, use the junction-to-ambient thermal
resistance (θJA) for the DFN package with Equation 5:
Substitute PD for PD(MAX) and the maximum ambient
operating temperature can be found by solving for TA
using Equation 6:
Heatsinking The DFN Package
The DFN package uses the copper area on the PCB as a
heat-sink. The EPAD of this package must be soldered to
the copper plane (GND plane) for heat sinking. Figure 4
shows a curve for the θJA of the DFN package for
different copper area sizes.
V
OUT
0.5V
R
1
R
2
-------
1
+
⎝⎠
⎜⎟
⎛⎞
×
=
(EQ. 1)
R
1
R
2
V
OUT
0.5V
----------------
1
⎝⎠
⎛⎞
×
=
(EQ. 2)
P
D
V
IN
V
OUT
() I
OUT
V
IN
I
GND
×
+
×
=
(EQ. 3)
ΔT
J
T
JMAX
() TAMAX
()
=
(EQ. 4)
P
DMAX
()
T
JMAX
() TA
() θ
JA
=
(EQ. 5)
T
A
T
JMAX
P
DMAX
() θJA
×
=
(EQ. 6)
FIGURE 4. 3mmx3mm-10 Pin DFN ON 4-LAYER PCB
WITH THERMAL VIAS θJA vs EPAD-MOUNT
COPPER LAND AREA ON PCB
46
44
42
40
38
36
34
2468
10
12
14
16
18
20
22
24
EPAD-MOUNT COPPER LAND AREA ON PCB, mm
2
ISL80102, ISL80103


Similar Part No. - ISL80103IRAJZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL80103IRAJZ INTERSIL-ISL80103IRAJZ Datasheet
621Kb / 15P
   High Performance 2A and 3A Linear Regulators
ISL80103IRAJZ INTERSIL-ISL80103IRAJZ Datasheet
729Kb / 16P
   High Performance 2A and 3A Linear Regulators
ISL80103IRAJZ INTERSIL-ISL80103IRAJZ Datasheet
746Kb / 16P
   High Performance 2A and 3A Linear Regulators
June 14, 2013
logo
Renesas Technology Corp
ISL80103IRAJZ RENESAS-ISL80103IRAJZ Datasheet
1Mb / 17P
   High Performance 2A and 3A Linear Regulators
More results

Similar Description - ISL80103IRAJZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL80102IRAJZ INTERSIL-ISL80102IRAJZ Datasheet
746Kb / 16P
   High Performance 2A and 3A Linear Regulators
June 14, 2013
logo
Renesas Technology Corp
ISL80102 RENESAS-ISL80102 Datasheet
1Mb / 17P
   High Performance 2A and 3A Linear Regulators
logo
Intersil Corporation
ISL80102 INTERSIL-ISL80102_10 Datasheet
621Kb / 15P
   High Performance 2A and 3A Linear Regulators
ISL80102 INTERSIL-ISL80102_13 Datasheet
729Kb / 16P
   High Performance 2A and 3A Linear Regulators
ISL80102 INTERSIL-ISL80102_11 Datasheet
850Kb / 15P
   High Performance 2A and 3A Linear Regulators
ISL80111IRAJZ INTERSIL-ISL80111IRAJZ Datasheet
761Kb / 17P
   Ultra Low Dropout 1A, 2A, 3A Low Input Voltage NMOS LDOs
November 1, 2013
ISL80112IRAJZ INTERSIL-ISL80112IRAJZ Datasheet
756Kb / 17P
   Ultra Low Dropout 1A, 2A, 3A Low Input Voltage NMOS LDOs
logo
Renesas Technology Corp
ISL80111 RENESAS-ISL80111 Datasheet
972Kb / 16P
   Ultra Low Dropout 1A, 2A, 3A Low Input Voltage NMOS LDOs
logo
Micrel Semiconductor
MIC37110 MICREL-MIC37110 Datasheet
1Mb / 20P
   High-Performance, Low-Noise, 1A LDOs
logo
Texas Instruments
LM5100AM_NOPB TI1-LM5100AM_NOPB Datasheet
1Mb / 28P
[Old version datasheet]   3A, 2A and 1A High Voltage High-Side and Low-Side Gate Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com