Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL28214FBZ-T7 Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL28214FBZ-T7
Description  Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifiers
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28214FBZ-T7 Datasheet(HTML) 1 Page - Intersil Corporation

  ISL28214FBZ-T7 Datasheet HTML 1Page - Intersil Corporation ISL28214FBZ-T7 Datasheet HTML 2Page - Intersil Corporation ISL28214FBZ-T7 Datasheet HTML 3Page - Intersil Corporation ISL28214FBZ-T7 Datasheet HTML 4Page - Intersil Corporation ISL28214FBZ-T7 Datasheet HTML 5Page - Intersil Corporation ISL28214FBZ-T7 Datasheet HTML 6Page - Intersil Corporation ISL28214FBZ-T7 Datasheet HTML 7Page - Intersil Corporation ISL28214FBZ-T7 Datasheet HTML 8Page - Intersil Corporation ISL28214FBZ-T7 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2009. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
Single, Dual, Quad General Purpose Micropower,
RRIO Operational Amplifiers
ISL28114, ISL28214, ISL28414
The ISL28114, ISL28214, and ISL28414 are single,
dual, and quad channel general purpose micropower,
rail-to-rail input and output operational amplifiers with
supply voltage range of 1.8V to 5.5V. Key features are
a low supply current of 360µA maximum per channel
at room temperature, a low bias current and a wide
input voltage range, which enables the ISL28x14
devices to be excellent general purpose op-amps for a
wide range of applications.
The ISL28114 is available in the SC70-5 and SOT23-5
packages, the ISL28214 is in the MSOP8, SO8
packages, and the ISL28414 is in the TSSOP14,
SOIC14 packages. All devices operate over the
extended temperature range of -40°C to +125°C.
Features
• Low Current Consumption . . . . . . . . . . . . . 360µA
• Wide Supply Range. . . . . . . . . . . . . 1.8V to 5.5V
• Gain Bandwidth Product . . . . . . . . . . . . . . 5MHz
• Input Bias Current . . . . . . . . . . . . . . 20pA, Max.
• Operating Temperature Range . . .-40°C to +125°C
•Packages
- ISL28114 (Single) . . . . . . . . . SC70-5, SOT23-5
- ISL28214 (Dual) . . . . . . . . . . . . . MSOP8, SO8
- ISL28414 (Quad). . . . . . . . . SOIC14, TSSOP14
Applications*(see page 15)
• Power Supply Control/Regulation
• Process Control
• Signal Ban/Buffers
• Active Filters
• Current Shunt Sensing
•Trans-impedance Amp
Typical Application
IN-
IN+
RF
RREF+
ISL28x14
+5V
V-
V+
RIN-
10kΩ
RIN+
10kΩ
-
+
100kΩ
VREF
100kΩ
VOUT
LOAD
RSENSE
SINGLE-SUPPLY, LOW-SIDE CURRENT SENSE AMPLIFIER
GAIN = 10
December 22, 2009
FN6800.3


Similar Part No. - ISL28214FBZ-T7

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL28214FBZ-T7 RENESAS-ISL28214FBZ-T7 Datasheet
1Mb / 23P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifiers
More results

Similar Description - ISL28214FBZ-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL28114 INTERSIL-ISL28114_11 Datasheet
1Mb / 22P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifiers
logo
Renesas Technology Corp
ISL28114 RENESAS-ISL28114 Datasheet
1Mb / 23P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifiers
ISL28113 RENESAS-ISL28113 Datasheet
1Mb / 23P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifier
logo
Intersil Corporation
ISL28113 INTERSIL-ISL28113 Datasheet
1Mb / 21P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifier
ISL28113 INTERSIL-ISL28113_11 Datasheet
1Mb / 22P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifier
ISL28113 INTERSIL-ISL28113_10 Datasheet
1Mb / 21P
   Single, Dual, Quad General Purpose Micropower,RRIO Operational Amplifier
ISL28133 INTERSIL-ISL28133 Datasheet
1Mb / 20P
   Single, Dual, and Quad Micropower, Zero-Drift, RRIO Operational Amplifiers
ISL28130CHZ-T7 INTERSIL-ISL28130CHZ-T7 Datasheet
864Kb / 19P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
February 13, 2014
ISL28130 INTERSIL-ISL28130_11 Datasheet
1Mb / 19P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
ISL28130_1012 INTERSIL-ISL28130_1012 Datasheet
1Mb / 19P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com