Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HCT32 Datasheet(PDF) 1 Page - ON Semiconductor

Part # 74HCT32
Description  Quad 2?묲nput OR Gate with LSTTL?묬ompatible Inputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74HCT32 Datasheet(HTML) 1 Page - ON Semiconductor

  74HCT32 Datasheet HTML 1Page - ON Semiconductor 74HCT32 Datasheet HTML 2Page - ON Semiconductor 74HCT32 Datasheet HTML 3Page - ON Semiconductor 74HCT32 Datasheet HTML 4Page - ON Semiconductor 74HCT32 Datasheet HTML 5Page - ON Semiconductor 74HCT32 Datasheet HTML 6Page - ON Semiconductor 74HCT32 Datasheet HTML 7Page - ON Semiconductor 74HCT32 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2007
March, 2007 − Rev. 0
1
Publication Order Number:
74HCT32/D
74HCT32
Quad 2−Input OR Gate with
LSTTL−Compatible Inputs
High−Performance Silicon−Gate CMOS
The 74HCT32 is identical in pinout to the LS32. The device has
TTL−compatible inputs.
Features
Output Drive Capability: 10 LSTTL Loads
TTL/NMOS−Compatible Input Levels
Outputs Directly Interface to CMOS, NMOS and TTL
Operating Voltage Range: 4.5 to 5.5 V
Low Input Current: 1.0 mA
High Noise Immunity Characteristic of CMOS Devices
In Compliance With the JEDEC Standard No. 7A Requirements
ESD Performance: HBM > 2000 V; Machine Model > 200 V
Chip Complexity: 48 FETs or 12 Equivalent Gates
These are Pb−Free Devices
http://onsemi.com
MARKING
DIAGRAMS
HCT32
= Device Code
A
= Assembly Location
L, WL
= Wafer Lot
Y
= Year
W, WW = Work Week
G or G
= Pb−Free Package
TSSOP−14
DT SUFFIX
CASE 948G
14
1
SOIC−14
D SUFFIX
CASE 751A
14
1
HCT32G
AWLYWW
1
14
HCT
32
ALYWG
G
1
14
See detailed ordering and shipping information in the package
dimensions section on page 2 of this data sheet.
ORDERING INFORMATION
(Note: Microdot may be in either location)


Similar Part No. - 74HCT32

ManufacturerPart #DatasheetDescription
logo
System Logic Semiconduc...
74HCT32 SLS-74HCT32 Datasheet
35Kb / 4P
   Quad 2-Input OR Gate(High-Performance Silicon-Gate CMOS)
logo
NXP Semiconductors
74HCT32 PHILIPS-74HCT32 Datasheet
35Kb / 6P
   Quad 2-input OR gate
December 1990
74HCT32 NXP-74HCT32 Datasheet
138Kb / 17P
   Quad 2-input OR gate
Rev. 5-4 September 2012
logo
Diodes Incorporated
74HCT32 DIODES-74HCT32 Datasheet
296Kb / 8P
   QUADRUPLE 2-INPUT OR GATES
logo
NXP Semiconductors
74HCT32 PHILIPS-74HCT32 Datasheet
138Kb / 17P
   Quad 2-input OR gate
Rev. 5-4 September 2012
More results

Similar Description - 74HCT32

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74VHC1GT86 ONSEMI-MC74VHC1GT86_07 Datasheet
80Kb / 6P
   2?묲nput Exclusive OR Gate / CMOS Logic Level Shifter with LSTTL?묬ompatible Inputs
February, 2007 ??Rev. 15
MC74VHCT86A ONSEMI-MC74VHCT86A Datasheet
170Kb / 8P
   Quad 2?묲nput XOR Gate / CMOS Logic Level Shifter with LSTTL?묬ompatible Inputs
March, 2006 ??Rev. 1
MC74VHC1GT02 ONSEMI-MC74VHC1GT02_07 Datasheet
73Kb / 6P
   Single 2?묲nput NOR Gate/CMOS Logic Level Shifter LSTTL?묬ompatible Inputs
February, 2007 ??Rev. 11
MC74VHC1GT00 ONSEMI-MC74VHC1GT00_07 Datasheet
73Kb / 6P
   Single 2?묲nput NAND Gate/CMOS Logic Level Shifter LSTTL?묬ompatible Inputs
February, 2007 ??Rev. 11
MC74HCT32A ONSEMI-MC74HCT32A Datasheet
163Kb / 8P
   Quad 2-Input OR Gate with LSTTL Compatible Inputs
November, 2009 ??Rev. 8
MC74HCT86A ONSEMI-MC74HCT86A Datasheet
166Kb / 8P
   Quad 2-Input Exclusive OR Gate with LSTTL Compatible Inputs
November, 2009 ??Rev. 1
74HCT08 ONSEMI-74HCT08 Datasheet
148Kb / 7P
   Quad 2-Input AND Gate With LSTTL?묬ompatible Inputs High?뭁erformance Silicon?묰ate CMOS
May, 2009 ??Rev. 2
MC10H103 ONSEMI-MC10H103 Datasheet
150Kb / 6P
   Quad 2?묲nput OR Gate
February, 2006 ??Rev. 7
logo
Leshan Radio Company
L74VHC1GT32 LRC-L74VHC1GT32 Datasheet
196Kb / 6P
   2-Input OR Gate with LSTTL-Compatible Inputs
logo
ON Semiconductor
MC74HCT08A ONSEMI-MC74HCT08A Datasheet
151Kb / 7P
   Quad 2-Input AND Gate with LSTTL Compatible Inputs
November, 2009 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com