Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP3208C Datasheet(PDF) 1 Page - ON Semiconductor

Part # ADP3208C
Description  7-Bit,Programmable,Dual- Phase,Mobile,CPU,Synchronous Buck Controller
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADP3208C Datasheet(HTML) 1 Page - ON Semiconductor

  ADP3208C Datasheet HTML 1Page - ON Semiconductor ADP3208C Datasheet HTML 2Page - ON Semiconductor ADP3208C Datasheet HTML 3Page - ON Semiconductor ADP3208C Datasheet HTML 4Page - ON Semiconductor ADP3208C Datasheet HTML 5Page - ON Semiconductor ADP3208C Datasheet HTML 6Page - ON Semiconductor ADP3208C Datasheet HTML 7Page - ON Semiconductor ADP3208C Datasheet HTML 8Page - ON Semiconductor ADP3208C Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 41 page
background image
7-Bit,Programmable,Dual-
Phase,Mobile,CPU,Synchronous
Buck Controller
Preliminary
ADP3208C
May 2008– Rev. 1
FEATURES
Single-chip solution
Fully compatible with the Intel® IMVP-6+™ specifications
Integrated MOSFET drivers
Input Voltage Range of 3.3 V to 22 V
Selectable 1- or 2-phase operation with up to 1 MHz per
phase switching frequency
Guaranteed ±8 mV worst-case differentially sensed core
voltage error over temperature
Automatic power-saving mode maximizes efficiency with
light load during deeper sleep operation
Soft transient control reduces inrush current and audio noise
Active current balancing between output phases
Independent current limit and load line setting inputs for
additional design flexibility
Built-in power-good blanking supports
voltage identification (VID) on-the-fly transients
7-bit, digitally programmable DAC with 0.3 V to 1.5 V output
Short-circuit protection with latch-off delay
Clock enable output delays the CPU clock until the core
voltage is stable
Output load current monitor
48-lead LFCSP
APPLICATIONS
Notebook power supplies for next-generation Intel processors
GENERAL DESCRIPTION
The ADP3208C is a highly efficient, multiphase, synchronous
buck switching regulator controller. With its integrated drivers,
the ADP3208C is optimized for converting the notebook
battery voltage into the core supply voltage required by high
performance Intel processors. An internal 7-bit DAC is used to
read a VID code directly from the processor and to set the CPU
core voltage to a value within the range of 0.3 V to 1.5 V. The
phase relationship of the output signals ensures interleaved 2-
phase operation.
The ADP3208C uses a multimode architecture run at a
programmable switching frequency and optimized for efficiency
depending on the output current requirement. The ADP3208C
switches between single- and dual-phase operation to maximize
efficiency with all load conditions. The chip includes a
programmable load line slope function to adjust the output voltage
as a function of the load current so that the core voltage is always
optimally positioned for a load transient. The ADP3208C also
provides accurate and reliable short-circuit protection,
adjustable current limiting, and a delayed power-good output.
The IC supports on-the-fly output voltage changes requested by
the CPU.
The ADP3208C is specified over the extended commercial
temperature range of -10°C to 100°C and is available in a 48-lead
LFCSP.


Similar Part No. - ADP3208C

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3208A AD-ADP3208A Datasheet
784Kb / 38P
   7-Bit, Programmable, Dual-Phase, Mobile, CPU, Synchronous Buck Controller
January 2008 ??Rev. 2
ADP3208AJCPZ-RL AD-ADP3208AJCPZ-RL Datasheet
784Kb / 38P
   7-Bit, Programmable, Dual-Phase, Mobile, CPU, Synchronous Buck Controller
January 2008 ??Rev. 2
logo
ON Semiconductor
ADP3208D ONSEMI-ADP3208D Datasheet
823Kb / 37P
   7-Bit, Programmable, Dual-Phase, Mobile, CPU, Synchronous Buck Controller
February, 2010 ??Rev. 0
ADP3208DJCPZ-RL ONSEMI-ADP3208DJCPZ-RL Datasheet
823Kb / 37P
   7-Bit, Programmable, Dual-Phase, Mobile, CPU, Synchronous Buck Controller
February, 2010 ??Rev. 0
More results

Similar Description - ADP3208C

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ADP3208D ONSEMI-ADP3208D Datasheet
823Kb / 37P
   7-Bit, Programmable, Dual-Phase, Mobile, CPU, Synchronous Buck Controller
February, 2010 ??Rev. 0
logo
Analog Devices
ADP3208AJCPZ-RL AD-ADP3208AJCPZ-RL Datasheet
784Kb / 38P
   7-Bit, Programmable, Dual-Phase, Mobile, CPU, Synchronous Buck Controller
January 2008 ??Rev. 2
logo
ON Semiconductor
ADP3212 ONSEMI-ADP3212 Datasheet
1Mb / 43P
   7-Bit Programmable, 3-Phase, Mobile CPU Synchronous Buck Controller
Rev. SpA
ADP3207C ONSEMI-ADP3207C Datasheet
531Kb / 32P
   7-Bit Programmable, Multi-Phase Mobile, CPU Synchronous Buck Controller
December, 2009 ??Rev. 0
ADP3212A ONSEMI-ADP3212A Datasheet
496Kb / 35P
   7-Bit, Programmable, 3-Phase, Mobile CPU Synchronous Buck Controller
June, 2010 ??Rev. 0
NCP3218GMNR2G ONSEMI-NCP3218GMNR2G Datasheet
474Kb / 35P
   7-Bit, Programmable, 3-Phase, Mobile CPU Synchronous Buck Controller
August, 2012 ??Rev. 4
ADP3207DJCPZ-RL ONSEMI-ADP3207DJCPZ-RL Datasheet
494Kb / 32P
   7-Bit Programmable, Multi-Phase Mobile, CPU Synchronous Buck
December, 2009 ??Rev. 0
ADP3210 ONSEMI-ADP3210 Datasheet
822Kb / 38P
   7-Bit Programmable Multiphase Mobile CPU Synchronous
Rev. 0.3
ADP3211NMNR2G ONSEMI-ADP3211NMNR2G Datasheet
524Kb / 32P
   7-Bit, Programmable, Single-Phase, Synchronous Buck Controller
November, 2009 ??Rev. 2
ADP3211 ONSEMI-ADP3211 Datasheet
519Kb / 32P
   7-Bit, Programmable, Single-Phase, Synchronous Buck Controller
April, 2009 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com