Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP3611JRMZ-REEL Datasheet(PDF) 10 Page - ON Semiconductor

Part # ADP3611JRMZ-REEL
Description  Dual Bootstrapped, High Voltage MOSFET Driver with Output Disable
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADP3611JRMZ-REEL Datasheet(HTML) 10 Page - ON Semiconductor

Back Button ADP3611JRMZ-REEL Datasheet HTML 5Page - ON Semiconductor ADP3611JRMZ-REEL Datasheet HTML 6Page - ON Semiconductor ADP3611JRMZ-REEL Datasheet HTML 7Page - ON Semiconductor ADP3611JRMZ-REEL Datasheet HTML 8Page - ON Semiconductor ADP3611JRMZ-REEL Datasheet HTML 9Page - ON Semiconductor ADP3611JRMZ-REEL Datasheet HTML 10Page - ON Semiconductor ADP3611JRMZ-REEL Datasheet HTML 11Page - ON Semiconductor ADP3611JRMZ-REEL Datasheet HTML 12Page - ON Semiconductor ADP3611JRMZ-REEL Datasheet HTML 13Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
ADP3611
http://onsemi.com
10
polarity reversal of the inductor current to maximize light
load conversion efficiency. DRVLSD can also be pulled
low for reverse voltage protection purposes.
When DRVLSD is low, the low-side driver stays low.
When DRVLSD is high, the low-side driver is enabled and
controlled by the driver signals, as previously described.
Low−Side Driver Timeout
In normal operation, the DRVH signal tracks the IN
signal and turns off the Q1 high-side switch with a few 10
ns delay (tpdlDRVH) following the falling edge of the input
signal. When Q1 is turned off, DRVL is allowed to go high,
Q2 turns on, and the SW node voltage collapses to zero. But
in a fault condition such as a high-side Q1 switch
drain-source short circuit, the SW node cannot fall to zero,
even when DRVH goes low. The ADP3611 has a timer
circuit to address this scenario. Every time the IN goes low,
a DRVL on-time delay timer is triggered. If the SW node
voltage does not trigger a low-side turn-on, the DRVL
on-time delay circuit does it instead, when it times out with
tSW(TO) delay. If Q1 is still turned on, that is, its drain is
shorted to the source, Q2 turns on and creates a direct short
circuit across the VDCIN voltage rail. The crowbar action
causes the fuse in the VDCIN current path to open. The
opening of the fuse saves the load (CPU) from potential
damage that the high-side switch short circuit could have
caused.
Crowbar Function
In addition to the internal low-side drive time-out circuit,
the ADP3611 includes a CROWBAR input pin to provide
a means for additional overvoltage protection. When
CROWBAR goes high, the ADP3611 turns off DRVH and
turns on DRVL. The crowbar logic overrides the overlap
protection circuit, the shutdown logic, the DRVLSD logic,
and the UVLO protection on DRVL. Thus, the crowbar
function maximizes the overvoltage protection coverage in
the application. The CROWBAR can be either driven by
the CLAMP pin of buck controllers, such as the
ADP3207A, or ADP3210, or controlled by an independent
overvoltage monitoring circuit.
Table 5. ADP3611 Truth Table
CROWBAR
UVLO
SD
DRVLSD
IN
DRVH DRVL
L
L
H
H
H
H
L
L
L
H
H
L
L
H
L
L
H
L
H
H
L
L
L
H
L
L
L
L
L
L
L
*
*
L
L
L
H
*
*
*
L
L
H
L
*
*
*
L
H
H
H
*
*
*
L
H
* = Don’t Care
APPLICATION INFORMATION
Supply Capacitor Selection
For the supply input (VCC) of the ADP3611, a local
bypass capacitor is recommended to reduce the noise and
to supply some of the peak currents drawn. Use a 10
mF or
4.7
mF multilayer ceramic (MLC) capacitor. MLC
capacitors provide the best combination of low ESR and
small size, and can be obtained from the following vendors.
Table 6.
Vendor
Part Number
Web Address
Murata
GRM235Y5V106Z16
www.murata.com
Taiyo−Yuden
EMK325F106ZF
www.t−yuden.com
Tokin
C23Y5V1C106ZP
www.tokin.com
Keep the ceramic capacitor as close as possible to the ADP3611.
Bootstrap Circuit
The bootstrap circuit uses a charge storage capacitor
(CBST) and a synchronous MOSFET rectifier (D1), as
shown in Figure 18. Selection of these components can be
done after the high-side MOSFET has been chosen. The
bootstrap capacitor must have a voltage rating that is able
to handle at least 5 V more than the maximum supply
voltage. The capacitance is determined by
CBST +
QHSGATE
DVBST
(eq. 1)
where:
QHSGATE is the total gate charge of the high-side MOSFET.
DVBST is the voltage droop allowed on the high-side
MOSFET drive.
For example, two NTMFS4821N MOSFETs in parallel
have a total gate charge of about 20 nC. For an allowed
droop of 100 mV, the required bootstrap capacitance is
200 nF. A good quality ceramic capacitor should be used,
and derating for the significant capacitance drop of MLCs
at high temperature must be applied. In this example,
selection of 470 nF or even 1
mF would be recommended.
Normally a Schottky diode is recommended for the
bootstrap diode due to its low forward drop, which
maximizes the drive available for the high-side MOSFET.
Using a synchronous MOSFET rectifier instead of a
Schottky diode has the advantage of an even lower forward
voltage drop. A lower forward voltage drop gives a larger
drive voltage for the high-side MOSFET and a lower
conduction loss for the high-side MOSFET. The bootstrap
diode must also be able to handle at least 5 V more than the
maximum battery voltage. The average forward current
can be estimated by
IF(AVG) + QHSGATE fMAX
(eq. 2)
where fMAX is the maximum switching frequency of the
controller.


Similar Part No. - ADP3611JRMZ-REEL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ADP3611JRMZ-REEL ONSEMI-ADP3611JRMZ-REEL Datasheet
168Kb / 11P
   Dual Bootstrapped, High Voltage MOSFET Driver with Output Disable
October, 2008 ??Rev. P0
More results

Similar Description - ADP3611JRMZ-REEL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ADP34190091RMZR ONSEMI-ADP34190091RMZR Datasheet
143Kb / 10P
   Dual Bootstrapped, High Voltage MOSFET Driver with Output Disable
April, 2010 ??Rev. 3
ADP3611 ONSEMI-ADP3611 Datasheet
168Kb / 11P
   Dual Bootstrapped, High Voltage MOSFET Driver with Output Disable
October, 2008 ??Rev. P0
logo
Analog Devices
ADP3419 AD-ADP3419 Datasheet
317Kb / 16P
   Dual Bootstrapped, High Voltage MOSFET Driver with Output Disable
REV. A
logo
ON Semiconductor
ADP3419 ONSEMI-ADP3419 Datasheet
186Kb / 13P
   Dual Bootstrapped, High Voltage MOSFET Driver with Output Disable
January 2008 ??Rev. 2
logo
Analog Devices
ADP3413 AD-ADP3413 Datasheet
142Kb / 8P
   Dual Bootstrapped MOSFET Driver with Output Disable
REV. 0
logo
Lowpower Semiconductor ...
LP1113 POWER-LP1113 Datasheet
659Kb / 8P
   Dual Bootstrapped, 12V MOSFET Driver with Output Disable
LP1111 POWER-LP1111 Datasheet
633Kb / 8P
   Dual Bootstrapped, 12V MOSFET Driver with Output Disable
logo
ON Semiconductor
NCP3418 ONSEMI-NCP3418 Datasheet
90Kb / 10P
   Dual Bootstrapped 12 V MOSFET Driver with Output Disable
May, 2004 ??Rev. 10
NCP3418 ONSEMI-NCP3418_06 Datasheet
110Kb / 9P
   Dual Bootstrapped 12 V MOSFET Driver with Output Disable
May, 2006 ??Rev. 12
logo
Analog Devices
ADP3650 AD-ADP3650 Datasheet
279Kb / 12P
   Dual, Bootstrapped, 12 V MOSFET Driver with Output Disable
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com