Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5285 Datasheet(PDF) 1 Page - Pomona Electronics

Part # 5285
Description  Assembly Instructions
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POMONA [Pomona Electronics]
Direct Link  http://www.pomonaelectronics.com
Logo POMONA - Pomona Electronics

5285 Datasheet(HTML) 1 Page - Pomona Electronics

  5285 Datasheet HTML 1Page - Pomona Electronics 5285 Datasheet HTML 2Page - Pomona Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
All dimensions are in inches and metric. All specifications are to the latest revisions. Specifications are subject to change without notice.
Registered trademarks are the property of their respective companies. Made in USA
5/21/02 SY/EH/LS
PomonaACCESS 90117 (800) 444-6785 or (425) 446-6010
Last saved by PN
More drawings available at www.pomonaelectronics.com
S:\Engineering\Release\DataSheets\FlukeDataSheet \d_AI_5285_2_02.doc
Page 1 of 2
Model 5285 & Assembly Instructions
Cable Plug, BNC Male, Crimp On R658C
Sales: 800-490-2361 Fax: 888-403-3360
Technical Assistance: 800-241-2060
FEATURES:
Connector accepts types 58, 58C, 58A, 141, 141A
MATERIALS:
Body and fittings - Brass
Center Contact - Brass
Outer Contact – Beryllium Copper
Gasket – Silicone rubber
Dielectric – Teflon
Finish: Body and Fittings – Tarnish Resistant
Center Contact – Gold plated
Outer contact – Tarnish Resistant
Marking: “POMONA ELECT. 5285” located approximately as shown.
RATINGS:
Operating Voltage: 500 VRMS Max.
Nominal Impedance: 50 Ohms
ORDERING INFORMATION: Model 5285


Similar Part No. - 5285

ManufacturerPart #DatasheetDescription
logo
3M Electronics
5285 3M-5285 Datasheet
48Kb / 2P
   Model 5285 and Assembly Instructions Cable Plug, BNC Male, Crimp On R658C
logo
Tyco Electronics
528508-2 MACOM-528508-2 Datasheet
876Kb / 26P
   Die Betriebsanleitung muss st채ndig an dem Werkzeug verf체gbar sein.
logo
Molex Electronics Ltd.
52852-0470 MOLEX7-52852-0470 Datasheet
557Kb / 9P
   1.00mm (.039") Pitch FFC/FPC Connector, SMT, Right Angle, Non-ZIF, BottomContact Style Receptacle, 4 Circuits, Lead-free
52852-0570 MOLEX7-52852-0570 Datasheet
557Kb / 9P
   1.00mm (.039") Pitch FFC/FPC Connector, SMT, Right Angle, Non-ZIF, BottomContact Style Receptacle, 5 Circuits, Lead-free
52852-0670 MOLEX7-52852-0670 Datasheet
557Kb / 9P
   1.00mm (.039") Pitch FFC/FPC Connector, SMT, Right Angle, Non-ZIF, BottomContact Style Receptacle, 6 Circuits, Lead-free
More results

Similar Description - 5285

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
4661 POMONA-4661 Datasheet
34Kb / 2P
   Assembly Instructions
4957 POMONA-4957 Datasheet
47Kb / 2P
   Assembly Instructions
4997 POMONA-4997 Datasheet
26Kb / 2P
   Assembly Instructions
5344 POMONA-5344 Datasheet
28Kb / 2P
   Assembly Instructions
4859 POMONA-4859 Datasheet
26Kb / 2P
   Assembly Instructions
5218 POMONA-5218 Datasheet
46Kb / 2P
   Assembly Instructions
5375 POMONA-5375 Datasheet
29Kb / 2P
   Assembly Instructions
122505A POMONA-122505A Datasheet
25Kb / 2P
   Assembly Instructions
5056 POMONA-5056 Datasheet
93Kb / 2P
   Assembly Instructions
4787 POMONA-4787 Datasheet
40Kb / 2P
   Assembly Instructions
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com