Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL62881B Datasheet(PDF) 7 Page - Intersil Corporation

Part # ISL62881B
Description  Single-Phase PWM Regulator for IMVP-6.5??Mobile CPUs and GPUs
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL62881B Datasheet(HTML) 7 Page - Intersil Corporation

Back Button ISL62881B Datasheet HTML 3Page - Intersil Corporation ISL62881B Datasheet HTML 4Page - Intersil Corporation ISL62881B Datasheet HTML 5Page - Intersil Corporation ISL62881B Datasheet HTML 6Page - Intersil Corporation ISL62881B Datasheet HTML 7Page - Intersil Corporation ISL62881B Datasheet HTML 8Page - Intersil Corporation ISL62881B Datasheet HTML 9Page - Intersil Corporation ISL62881B Datasheet HTML 10Page - Intersil Corporation ISL62881B Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
7
FN6924.0
October 26, 2009
VR_ON Input High
VIH(1.0V)
0.7
V
VID0-VID6 and DPRSLPVR
Input Low
VIL(1.0V)
0.3
V
VID0-VID6 and DPRSLPVR
Input High
VIH(1.0V)
0.7
V
THERMAL MONITOR (For ISL62881B)
NTC Source Current
NTC = 1.3V
53
60
67
µA
Over-Temperature
Threshold
V (NTC) falling
1.18
1.2
1.22
V
VR_TT# Low Output
Resistance
RTT
I = 20mA
6.5
9
Ω
CLK_EN# OUTPUT LEVELS
CLK_EN# Low Output
Voltage
VOL
I = 4mA
0.26
0.4
V
CLK_EN# Leakage Current
IOH
CLK_EN# = 3.3V
-1
1
µA
CURRENT MONITOR
IMON Output Current
IIMON
ISUM- pin current = 20µA
108
120
132
µA
ISUM- pin current = 10µA
51
60
69
ISUM- pin current = 5µA
22
30
37.5
IMON Clamp Voltage
VIMONCLAMP
1.1
1.15
V
Current Sinking Capability
275
µA
INPUTS
VR_ON Leakage Current
IVR_ON
VR_ON = 0V
-1
0µA
VR_ON = 1V
0
1
µA
VIDx Leakage Current
IVIDx
VIDx = 0V
-1
0µA
VIDx = 1V
0.45
1
µA
DPRSLPVR Leakage Current
IDPRSLPVR
DPRSLPVR = 0V
-1
0µA
DPRSLPVR = 1V
0.45
1
µA
SLEW RATE
Slew Rate (For VID Change)
SR
56.5
mV/µs
NOTES:
6. Limits established by characterization and are not production tested.
7. Parameters with MIN and/or MAX limits are 100% tested at +25°C, unless otherwise specified. Temperature limits established
by characterization and are not production tested.
Electrical Specifications Operating Conditions: VDD = 5V, TA = -10°C to +100°C, fSW = 300kHz, unless otherwise
noted. Boldface limits apply over the operating temperature range, -10°C to
+100°C. (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
(Note 7) TYP
MAX
(Note 7) UNITS
ISL62881, ISL62881B


Similar Part No. - ISL62881B

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL62881B INTERSIL-ISL62881B Datasheet
823Kb / 35P
   Single-Phase PWM Regulator for IMVP-6.5??Mobile CPUs and GPUs
ISL62881B INTERSIL-ISL62881B Datasheet
1Mb / 35P
   Single-Phase PWM Regulator for IMVP-6.5 Mobile CPUs and GPUs
June 16, 2011
ISL62881BHRTZ INTERSIL-ISL62881BHRTZ Datasheet
823Kb / 35P
   Single-Phase PWM Regulator for IMVP-6.5??Mobile CPUs and GPUs
ISL62881BHRTZ INTERSIL-ISL62881BHRTZ Datasheet
1Mb / 35P
   Single-Phase PWM Regulator for IMVP-6.5 Mobile CPUs and GPUs
June 16, 2011
logo
Renesas Technology Corp
ISL62881BHRTZ RENESAS-ISL62881BHRTZ Datasheet
1Mb / 35P
   Single-Phase PWM Regulator for IMVP-6.5??Mobile CPUs and GPUs
More results

Similar Description - ISL62881B

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL62881HRTZ INTERSIL-ISL62881HRTZ Datasheet
1Mb / 35P
   Single-Phase PWM Regulator for IMVP-6.5 Mobile CPUs and GPUs
June 16, 2011
logo
Renesas Technology Corp
ISL62881 RENESAS-ISL62881 Datasheet
1Mb / 35P
   Single-Phase PWM Regulator for IMVP-6.5??Mobile CPUs and GPUs
logo
Intersil Corporation
ISL62881C INTERSIL-ISL62881C Datasheet
1Mb / 37P
   Single-Phase PWM Regulator for IMVP-6.5??Mobile CPUs and GPUs
ISL62881 INTERSIL-ISL62881_10 Datasheet
823Kb / 35P
   Single-Phase PWM Regulator for IMVP-6.5??Mobile CPUs and GPUs
logo
Renesas Technology Corp
ISL62881C RENESAS-ISL62881C Datasheet
1Mb / 37P
   Single-Phase PWM Regulator for IMVP-6.5??Mobile CPUs and GPUs
logo
Intersil Corporation
ISL62881CHRTZ INTERSIL-ISL62881CHRTZ Datasheet
1Mb / 37P
   Single-Phase PWM Regulator for IMVP-6.5 Mobile CPUs and GPUs
March 8, 2010
logo
Renesas Technology Corp
ISL62882 RENESAS-ISL62882 Datasheet
1Mb / 41P
   Multiphase PWM Regulator for IMVP-6.5??Mobile CPUs and GPUs
ISL62883C RENESAS-ISL62883C Datasheet
142Kb / 1P
   Multiphase PWM Regulator for IMVP-6.5 Mobile CPUs and GPUs
Sep 1, 2022
logo
Intersil Corporation
ISL62883 INTERSIL-ISL62883 Datasheet
1Mb / 39P
   Multiphase PWM Regulator for IMVP-6.5 Mobile CPUs and GPUs
ISL62882CHRTZ INTERSIL-ISL62882CHRTZ Datasheet
96Kb / 3P
   Multiphase PWM Regulator for IMVP-6.5??Mobile CPUs and GPUs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com