Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QHX220IQSR Datasheet(PDF) 8 Page - Intersil Corporation

Part # QHX220IQSR
Description  Active Isolation Enhancer and Interference Canceller
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

QHX220IQSR Datasheet(HTML) 8 Page - Intersil Corporation

Back Button QHX220IQSR Datasheet HTML 4Page - Intersil Corporation QHX220IQSR Datasheet HTML 5Page - Intersil Corporation QHX220IQSR Datasheet HTML 6Page - Intersil Corporation QHX220IQSR Datasheet HTML 7Page - Intersil Corporation QHX220IQSR Datasheet HTML 8Page - Intersil Corporation QHX220IQSR Datasheet HTML 9Page - Intersil Corporation QHX220IQSR Datasheet HTML 10Page - Intersil Corporation QHX220IQSR Datasheet HTML 11Page - Intersil Corporation QHX220IQSR Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
8
FN6986.0
October 20, 2009
Input Reflection Coefficient
(high gain)
UHF-Band 450MHz/770MHz
-1.0/-2.6
dBm
15, 18
L-Band 1575MHz
-0.06
dBm
15, 18
ISM Band 2400MHz
-2.3
dBm
15, 18
Input Reflection Coefficient
(low gain)
UHF-Band 450MHz/770MHz
-1.3/-2.5
dB
16, 18
L-Band 1575MHz
-0.3
dB
16, 18
ISM Band 2400MHz
-2.1
dB
16, 18
Input Reflection Coefficient
(Boost high gain)
UHF-Band 450MHz/770MHz
-1.0/-2.7
dB
16, 18
L-Band 1575MHz
2.4
dB
16, 18
ISM Band 2400MHz
-1.0
dB
16, 18
RF Output Impedance (Rp//Cp) UHF-Band 450MHz/770MHz
Rp = 6.9/4.6,
Cp = 620/616
kΩ, fF
17, 18
L-Band 1575MHz
Rp = 2.2, Cp = 619
kΩ, fF
17, 18
ISM Band 2400MHz
Rp = 1.0, Cp = 680
kΩ, fF
17, 18
Output Insertion Loss
UHF-Band 450MHz/770MHz
0.1
dB
18
L-Band 1575MHz
0.3
dB
18
ISM Band 2400MHz
0.7
dB
18
NOTES:
11. Part will operate under the specified frequency ranges. Electrical performance is not optimal beyond the UHF-Band (low end)
and ISM Band (high end).
12. Data provided for external tank circuit with Q≈2 and fcenter≈550MHz.
13. Extreme corner conditions (ECC) are VDD = 1.7V to 1.9V, TA = -40°C to +85°C.
14. Input connected to a 50Ω load during measurement.
15. NF improves beyond high gain when going into boost gain. Values not tested on ATE.
16. S11 based upon single series inductor matching.
17. Rp//Cp given at typical gain point of canceller.
18. Limits established by characterization and not production tested.
Electrical Specifications Typical test conditions (TTC) VDD = 1.8V, TA = +25°C, and PIN < -48 dBm, unless otherwise
noted. Extreme Characterization Conditions (ECC) are VDD = 1.7V to 1.9V, TA = -40°C to
+85°C. Output load test condition is 50Ω in parallel with 50Ω unless otherwise stated.
Electrical specifications reflect performance of QFN packaged devices. (Continued)
PARAMETER
CONDITION
MIN
TYP
MAX
UNITS NOTES
QHx220


Similar Part No. - QHX220IQSR

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
QHX220IQSR RENESAS-QHX220IQSR Datasheet
1Mb / 19P
   Active Isolation Enhancer and Interference Canceller
More results

Similar Description - QHX220IQSR

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
QHX220 RENESAS-QHX220 Datasheet
1Mb / 19P
   Active Isolation Enhancer and Interference Canceller
logo
MORNSUN Science& Techno...
TM1630CP MORNSUN-TM1630CP Datasheet
451Kb / 3P
   ACTIVE HIGH PRECISION ISOLATION AMPLIFIER
logo
New Japan Radio
NJM2209 NJRC-NJM2209 Datasheet
196Kb / 4P
   VIDEO PICTURE ENHANCER
logo
Rohm
BU1570KN ROHM-BU1570KN_09 Datasheet
332Kb / 9P
   AIE: Adaptive Image Enhancer
logo
CML Microcircuits
FX002 CMLMICRO-FX002 Datasheet
112Kb / 7P
   Signal to Noise Enhancer
logo
Samsung semiconductor
KA2272D SAMSUNG-KA2272D Datasheet
152Kb / 6P
   FM NOISE CANCELLER
logo
Sanyo Semicon Device
LA2110 SANYO-LA2110 Datasheet
159Kb / 6P
   FM Noise Canceller
logo
MORNSUN Science& Techno...
T6630B MORNSUN-T6630B Datasheet
68Kb / 2P
   Active Single channel Analog signal Isolation barrier
T5230B MORNSUN-T5230B Datasheet
68Kb / 2P
   Active Single channel Analog signal Isolation barrier
T1530B MORNSUN-T1530B Datasheet
68Kb / 2P
   Active Single channel Analog signal Isolation barrier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com