Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL8014AIRZ Datasheet(PDF) 3 Page - Intersil Corporation

Part # ISL8014AIRZ
Description  4A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL8014AIRZ Datasheet(HTML) 3 Page - Intersil Corporation

  ISL8014AIRZ Datasheet HTML 1Page - Intersil Corporation ISL8014AIRZ Datasheet HTML 2Page - Intersil Corporation ISL8014AIRZ Datasheet HTML 3Page - Intersil Corporation ISL8014AIRZ Datasheet HTML 4Page - Intersil Corporation ISL8014AIRZ Datasheet HTML 5Page - Intersil Corporation ISL8014AIRZ Datasheet HTML 6Page - Intersil Corporation ISL8014AIRZ Datasheet HTML 7Page - Intersil Corporation ISL8014AIRZ Datasheet HTML 8Page - Intersil Corporation ISL8014AIRZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
3
FN7525.1
December 4, 2009
Typical Application
Block Diagram
FIGURE 1. TYPICAL APPLICATION DIAGRAM
L
1.5µH
LX
PGND
VFB
VIN
EN
PG
SYNCH
INPUT
2.8V TO 5.5V
OUTPUT
1.8V
C1
2 x 22µF
ISL8014A
C2
R2
124k
R3
100k
2 x 22µF
VDD
SGND
C3
47pF
R1
100k
FIGURE 2. FUNCTIONAL BLOCK DIAGRAM
LX
+
+
CSA
+
+
OCP
1.4V
0.5V
SKIP
+
+
Slope
COMP
SLOPE
Soft
START
SOFT
0.8V
EAMP
COMP
PWM/PFM
LOGIC
CONTROLLER
PROTECTION
DRIVER
VFB
+
0.736V
PG
SYNCH
SHUTDOWN
VIN
PGND
OSCILLATOR
ZERO-CROSS
SENSING
BANDGAP
SCP
+
0.2V
EN
SHUTDOWN
1ms
DELAY
27pF
390k
SGND
3pF
6k
-
-
-
-
-
-
-
-
ISL8014A


Similar Part No. - ISL8014AIRZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL8014AIRZ RENESAS-ISL8014AIRZ Datasheet
1Mb / 16P
   4A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
More results

Similar Description - ISL8014AIRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL8014 INTERSIL-ISL8014 Datasheet
1Mb / 16P
   4A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
logo
Renesas Technology Corp
ISL8014A RENESAS-ISL8014A Datasheet
1Mb / 16P
   4A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
ISL8014 RENESAS-ISL8014 Datasheet
1Mb / 17P
   4A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
logo
Intersil Corporation
ISL8014IRZ-T INTERSIL-ISL8014IRZ-T Datasheet
1Mb / 16P
   Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
ISL78214ARZ INTERSIL-ISL78214ARZ Datasheet
1Mb / 15P
   4A Low Quiescent Current High Efficiency Synchronous Buck Regulator
May 12, 2015
ISL78214 INTERSIL-ISL78214 Datasheet
1Mb / 15P
   4A Low Quiescent Current High Efficiency Synchronous Buck Regulator
logo
Renesas Technology Corp
ISL78214 RENESAS-ISL78214 Datasheet
1Mb / 15P
   4A Low Quiescent Current High Efficiency Synchronous Buck Regulator
ISL8012 RENESAS-ISL8012 Datasheet
1Mb / 17P
   2A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
ISL8013A RENESAS-ISL8013A Datasheet
2Mb / 16P
   3A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
logo
Intersil Corporation
ISL8013A INTERSIL-ISL8013A Datasheet
1Mb / 17P
   3A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com